Part Number Hot Search : 
E008390 AN1304 PNZ107 AOW15S65 20007 M52318SP SEL5255S MM3Z2V
Product Description
Full Text Search
 

To Download 1N4007-M7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.5 0. 1 4.5 0. 1 2.6 0. 15 2.1 0. 2 1.3 0.2 0.20 3m ax 0.2 0.05 5.1 0.2  features for surface mounted applications low leakage low forward voltage drop high current capability mechanical data case: jedec do-214ac,molded plastic terminals: solder plated, solderable per mil- std-202,method 208 polarity: color band denotes cathode end weight: 0.002 ounces, 0.064 grams mounting position: any maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. m3 m4 m5 m6 m7 units maximum recurrent peak reverse voltage v rrm 200 400 600 800 1000 v maximum rms voltage v rms 140 280 420 560 700 v maximum dc blocking voltage v dc 200 400 600 800 1000 v maximum average forward rectified current @t l =110 i (av) a peak forward surge current 8.3ms single half-sine-wave superimposed on rated load t j =125 maximum instantaneous forward voltage at 1.0 a v f v maximum reverse current @t a =25 at rated dc blocking voltage @t a =100 i r a typical junction capacitance (note1) c j pf typical thermal resistance (note2) r ja /w operating temperature range t j storage temperature range t stg 2. thermal resistance from junction to ambient 35 70 surface mount rectifiers easily cleaned with alcohol,isopropnol and similar solvents the plastic material carries u/l recognition 94v-0 dimensions in millimeters 50 100 1.0 1.1 m1 m2 do-214ac(sma) note: 1. measured at 1.0mhz and applied reverse voltage of 4.0v dc. i fsm a 30 - 55 --- + 150 - 55 --- + 150 15 5.0 50 75 50 100 m1---m7 page: p2 - p1 parameter mako semiconductor co.,limited mako semiconductor co.,limited http://www.makosemi.hk/
1 10 100 0. 0 1 0. 1 10 1 100 t j =25 c f= 1 .0mhz vsig=50mvp-p 0 puise w i dth=300 s 1%duty cy cle 0.4 0. 01 0. 1 1 10 0.6 0.8 1.0. 1.2 1.4 1.6 1.8 2.0 100 t j =25 c o t j =12 5 c o t j =75 c o t j =25 c o 100 0. 1 0. 01 0.001 1 10 80 0 20 40 60 100 average forward current,amperes peak forward surge current,amperes instantaneous forward current,amperes instantaneous reverse current microamperes junction capacitance pf transient thermal impedance, /w nu mber of cycles at 60hz instantaneous forward voltage,volts percent of rated peak reverse voltage, fi g. 6-transi ent thermal i mpedance re ver se voltage,volts pulse duraton,sec ambient temperature f i g. 3 -- typi cal forward characteri sti cs fi g. 4 -- typi cal reverse characteri sti cs fi g. 5-typi cal juncti on capaci tance fi g. 1 -- forward derati ng curve fi g. 2 peak forward surge current 1.0 0.8 0.6 0. 4 0.2 0 0 resi stive or inductive load 0.2x 0.2(5.0x5.0mm) thick copperpand areas 1.2 20 40 60 80 100 120 140 160 1 1 10 100 10 100 t l =110 c 8 .3ms single half sine wave (jedec method) o 30 0.1 0. 1 1 10 100 10 1 0.01 100 units m ounted on 0.20x0.20''(5.0x5.0mm)x0.5mil inches(0.013mm) thick copperland areas m1---m7 page: p2 - p2 mako semiconductor co.,limited mako semiconductor co.,limited http://www.makosemi.hk/


▲Up To Search▲   

 
Price & Availability of 1N4007-M7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X