Part Number Hot Search : 
80080 24C16 MAX97 UMX5N 271KD14 KA3162 MAX97 M188R6
Product Description
Full Text Search
 

To Download VCO790-600TY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 3 optimum technology matching? applied gaas hbt ingap hbt gaas mesfet sige bicmos si bicmos sige hbt gaas phemt si cmos si bjt gan hemt functional block diagram rf micro devices?, rfmd?, optimum technology matching?, enabling wireless connectivity?, powerstar?, polaris? total radio? and ultimateblue? are trademarks of rfmd, llc. bluetooth is a trade- mark owned by bluetooth sig, inc., u.s.a. and licensed for use by rfmd. all other trade names, trademarks and registered tradem arks are the property of their respective owners. ?2012, rf micro devices, inc. product description 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . ordering information bifet hbt ldmos voltage controlled oscillator (vco) tank circuit resonator: active circuit v tune v cc rf output (see table) VCO790-600TY 5v wideband voltage controlled oscillator this series of wideband, low-cost vco mo dules offers linear tuning across their specified frequency band. features ? linear tuning/low phase noise ? multiple supply voltage and package options available ? low-cost/high-volume series ? frequency: 400mhz to 800mhz ? resonator: aircoil or microstrip ? pcb: fr-4 and s1170 ? package size: 12.7mm x 12.7mm x 3.96mm (0.5in x 0.5in x 0.156in) applications ? wireless infrastructure ? rfid ? general wireless ds120109 ? package: t-package, 12.7mm x 12.7mm x 3.96mm vco790- 600ty5v wideband voltage con- trolled oscillator VCO790-600TY contact us at 1-480-756-6070
2 of 3 VCO790-600TY ds120109 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . absolute maximum ratings parameter rating unit operating ambient temperature -40 to +70 c storage temperature -55 to +125 c parameter specification unit condition min. typ. max. overall frequency range 400 800 mhz tuning voltage 0.5 2 v dc 400mhz 14 20 v dc 800mhz tuning sensitivity 15 22 30 mhz/v 400mhz 24 30 36 mhz/v 500mhz 24 30 36 mhz/v 600mhz 24 30 36 mhz/v 700mhz 24 30 36 mhz/v 800mhz output power 1.5 5.5 9.5 dbm output phase noise -72 -66 dbc/hz 1khz -102 -96 dbc/hz 10khz -122 -116 dbc/hz 100khz harmonic suppression -5 -2.5 dbc 2nd harmonic -12 -6 dbc 3rd harmonic spurious (non-harmonic) -80 dbc frequency pushing 0.5 2 mhz p-p 4.75v to 5.25v frequency pulling 2 5 mhz p-p 12db rl tuning port capacitance 220 pf output impedance 50 ? power supply operating voltage 4.75 5 5.25 v supply current 23 30 ma caution! esd sensitive device. exceeding any one or a combination of the absolute maximum rating conditions may cause permanent damage to the device. ex tended application of absolute maximum rating conditions to the device may reduce device reliability. specified typical perfor- mance or functional operation of the devi ce under absolute maximum rating condi- tions is not implied. the information in this publication is believed to be accurate and reliable. however, no responsibility is assumed by rf micro devices, inc. ("rfmd") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. no license is granted by implication or otherwise under any patent or patent rights of rfmd. rfmd reserves the right to change component circuitry, recommended appli- cation circuitry and specifications at any time without prior notice. rohs (restriction of hazardous subs tances): compliant per eu directive 2002/95/ec.
3 of 3 VCO790-600TY ds120109 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . package drawing & pin outs 12.7mm x 12.7mm x 3.96mm (0.5in x 0.5in x 0.156in) vco790


▲Up To Search▲   

 
Price & Availability of VCO790-600TY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X