Part Number Hot Search : 
18N06 C330K TZ551 LT19331 VCH16245 ST8050 AD9734 FSM152
Product Description
Full Text Search
 

To Download UT54ACS00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 standard products UT54ACS00/ut54acts00 quadruple 2-input nand gates datasheet november, 2010 www.aeroflex.com/logic features ? 1.2 cmos - latchup immune ? high speed ? low power consumption ? single 5 volt supply ? available qml q or v processes ? flexible package - 14-pin dip - 14-lead flatpack ? UT54ACS00 - smd 5962-96512 ? ut54acts00 - smd 5962-96513 description the UT54ACS00 and the ut54acts00 are quadruple, two- input nand gates. the circuits perform the boolean functions y = a ? b or y = a + b in positive logic. the devices are characterized over full military temperature range of -55 c to +125 c. function table logic symbol pinouts 14-pin dip top view 14-lead flatpack top view logic diagram inputs output a b y h h l l x h x l h y1 (3) (6) y2 y3 (8) (11) y4 (1) a1 (2) b1 (4) a2 (5) b2 (9) a3 (10) b3 (12) a4 (13) b4 note: 1. logic symbol in accordance with ansi/ieee standard 91-1984 and iec publication 617-12. & 114 213 312 411 510 69 78 a1 b1 y1 a2 b2 y2 v ss v dd b4 a4 y4 b3 a3 y3 v dd b4 a4 y4 b3 a3 y3 a1 b1 y1 a2 b2 y2 v ss 114 213 312 411 510 69 78 b4 a4 y4 b3 a3 y3 a1 b1 y1 a2 b2 y2
2 operational environment 1 notes: 1. logic will not latchup during radiation exposu re within the limits defined in the table. 2. device storage elements are immune to seu affects. absolute maximum ratings note: 1.stresses outside the listed abso lute maximum ratings may cause permanent damage to the device. this is a stress rating only, functional operation of the device at these or any other conditions beyond limits in dicated in the operational s ections is not reco mmended. exposure to absolute maxi mum rating conditions for extended periods may affect device reliability. recommended operating conditions parameter limit units total dose 1.0e6 rads(si) seu threshold 2 80 mev-cm 2 /mg sel threshold 120 mev-cm 2 /mg neutron fluence 1.0e14 n/cm 2 symbol parameter limit units v dd supply voltage -0.3 to 7.0 v v i/o voltage any pin -.3 to v dd +.3 v t stg storage temperature range -65 to +150 c t j maximum junction temperature +175 c t ls lead temperature (soldering 5 seconds) +300 c jc thermal resistance junction to case 20 c/w i i dc input current 10 ma p d maximum power dissipation 1 w symbol parameter limit units v dd supply voltage 4.5 to 5.5 v v in input voltage any pin 0 to v dd v t c temperature range -55 to + 125 c
3 dc electrical characteristics 7 (v dd = 5.0v 10%; v ss = 0v 6 , -55 c < t c < +125 c); unless otherwise noted, tc is per the temperature range ordered. symbol parameter condition min max unit v il low-level input voltage 1 acts acs 0.8 .3v dd v v ih high-level input voltage 1 acts acs .5v dd .7v dd v i in input leakage current acts/acs v in = v dd or v ss -1 1 a v ol low-level output voltage 3 acts acs i ol = 8.0ma i ol = 100 a 0.40 0.25 v v oh high-level output voltage 3 acts acs i oh = -8.0ma i oh = -100 a .7v dd v dd - 0.25 v i os short-circuit output current 2 ,4 acts/acs v o = v dd and v ss -200 200 ma i ol output current 10 (sink) v in = v dd or v ss v ol = 0.4v 8 ma i oh output current 10 (source) v in = v dd or v ss v oh = v dd - 0.4v -8 ma p total power dissipation 2, 8, 9 c l = 50pf 1.8 mw/ mhz i ddq quiescent supply current v dd = 5.5v 10 a i ddq quiescent supply current delta acts for input under test v in = v dd - 2.1v for all other inputs v in = v dd or v ss v dd = 5.5v 1.6 ma c in input capacitance 5 ? = 1mhz @ 0v 15 pf c out output capacitance 5 ? = 1mhz @ 0v 15 pf
4 notes: 1. functional tests are conducted in accordance with mi l-std-883 with the following input test conditions: v ih = v ih (min) + 20%, - 0%; v il = v il (max) + 0%, - 50%, as specified herein, for ttl, cmos, or schmitt compatible inputs. devices may be tested using any input voltage within the above specified range, but are guaranteed to v ih (min) and v il (max). 2. supplied as a design limit but not guaranteed or tested. 3. per mil-prf-38535, for current density 5.0e5 amps/cm 2 , the maximum product of load capacitance (per outpu t buffer) times frequency should not exceed 3,765 pf/mhz. 4. not more than one output may be shorted at a time for maximum duration of one second. 5. capacitance measured for initial qualifica tion and when design changes may affect th e value. capacitance is measured between the designated terminal and v ss at frequency of 1mhz and a signal amplitude of 50 mv rms maximum. 6. maximum allowable relative shift equals 50mv. 7. all specifications valid for radiation dose 1e6 rads(si). 8. power does not include power contri bution of any ttl output sink current. 9. power dissipation specifi ed per switching output. 10. this value is guaranteed based on characterization data, but not tested.
5 ac electrical characteristics 2 (v dd = 5.0v 10%; v ss = 0v 1 , -55 c < t c < +125 c); unless otherwise noted, tc is per the temperature range ordered. notes: 1. maximum allowable relative shift equals 50mv. 2. all specifications valid for radiation dose 1e6 rads(si). symbol parameter minimum maximum unit t phl input to yn 1 14 ns t plh input to yn 1 11 ns
6 packaging side-brazed packages
7 flatpack packages
8 UT54ACS00/ut54acts00: smd 5962 ***** ** * * * * lead finish: (notes 1 & 2) a = solder c = gold x = optional package type: x = 14-lead ceramic botto m-brazed dual-in-line flatpack c = 14-lead ceramic side-brazed dip class designator: q = qml class q v = qml class v device type: 01 drawing number : 96512 = UT54ACS00 96513 = ut54acts00 total dose: (notes 3 & 4) r = 1e5 rads(si) f = 3e5 rads(si) g = 5e5 rads(si) h = 1e6 rads(si) notes: 1. lead finish (a,c, or x) must be specified. 2. if an ?x? is specified when ordering, pa rt marking will match the lead finish and w ill be either ?a? (solder) or ?c? (gold). 3. total dose radiation must be specified when ordering. qml q and qml v not available without radiation hardening. for protot ype inquiries, contact factory. 4. device type 02 is only offered with a tid tolerance guarantee of 3e5 rads(si) or 1e6 rads(si) and is tested in accordance wi th mil-std-883 test method 1019 condition a and section 3.11.2 . device type 03 is only offered with a tid tolerance guarantee of 1e5 rads(si), 3e5 rads(si) , and 5e5 rads(si), and is tested in accordance with mil-std-883 test method 1019 condition a.
9 colorado toll free: 800-645-8862 fax: 719-594-8468 se and mid-atlantic tel: 321-951-4164 fax: 321-951-4254 international tel: 805-778-9229 fax: 805-778-1980 west coast tel: 949-362-2260 fax: 949-362-2266 northeast tel: 603-888-3975 fax: 603-888-4585 central tel: 719-594-8017 fax: 719-594-8468 www.aeroflex.com info-ams@aeroflex.com our passion for performance is defined by three attributes represented by these three icons: solution-minded, performance-driven and customer-focused aeroflex utmc microelectronic systems inc. (aeroflex) reserves the right to make changes to any products and services herein at any time without notice. consult aeroflex or an authorized sales representative to verify that the information in this data sheet is current before using this product. aeroflex does not assume any responsibility or liability arising out of the application or use of any product or service described herein, except as expressly agreed to in writing by aeroflex; nor does the purchase, lease, or use of a product or service from aeroflex convey a license under any patent rights, copyrights, trademark rights, or any other of the intellectual rights of aeroflex or of third parties. aeroflex colorado springs - datasheet definition advanced datasheet - product in development preliminary datasheet - shipping prototype datasheet - shipping qml & reduced hi-rel


▲Up To Search▲   

 
Price & Availability of UT54ACS00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X