Part Number Hot Search : 
P80NF55 FDS8958B WNM2024 SA9103C 4HCT3 A1500 00150 ISL782
Product Description
Full Text Search
 

To Download U74HC02-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd u74hc02 cmos ic www.unisonic.com.tw 1 of 5 copyright ? 2014 unisonic technologies co., ltd qw-r502-229.d hcquadruple 2-input nor gates ? description the u74hc02 contains four indepe ndent 2-input nor gates, which provides the function y=a+b in positive logic. ? features * operation voltage range: 2~6v * low quiescent current: i cc =2ua(max) * high speed: t pd = 8ns(typ) v cc =6v * low input current: 100na max ? ordering information ordering number package packing lead free halogen free u74hc02l-d14-t u74hc02g-d14-t dip-14 tube - u74hc02g-s14-r sop-14 tape reel - u74hc02g-p14-r tssop-14 tape reel ? marking dip-14 sop-14 / tssop-14
u74hc02 cmos ic unisonic technologies co., ltd 2 of 5 www.unisonic.com.tw qw-r502-229.d ? pin configuration 1y 1a 1b 2y 2a 2b gnd v cc 4y 4b 4a 3y 3b 3a 1 2 3 4 5 6 7 14 13 12 11 10 9 8 ? function table input(a) input(b) output(y) l l h l h l h l l h h l ? logic diagram y a b y a b 1 1 2 4 1 2 4
u74hc02 cmos ic unisonic technologies co., ltd 3 of 5 www.unisonic.com.tw qw-r502-229.d ? absolute maximum rating ( t a = 25 , unless otherwise specified) parameter symbol ratings unit supply voltage v cc -0.5~7 v input clamp current i ik 20 ma output clamp current i ok 20 ma output current i out 25 ma v cc or gnd current i cc 50 ma storage temperature t stg -65 ~ +150 note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device operation is not implied. ? thermal data parameter symbol ratings unit junction to ambient dip-14 ja 80 c/w sop-14 86 tssop-14 113 ? recommended operating conditions parameter symbol conditions min typ max unit supply voltage v cc 2 5 6 v input voltage v in 0 v cc v output voltage v out 0 v cc v input transition rise or fall rate t r , t f v cc =2v 1000 ns v cc =4.5v 500 v cc =6v 400 operating temperature t a -40 85 ? static characteristics ( t a = 25 , unless otherwise specified) parameter symbol test conditions min typ max unit high-level input voltage v ih v cc =2v 1.5 v v cc =4.5v 3.15 v cc =6v 4.2 low-level input voltage v il v cc =2v 0.5 v v cc =4.5v 1.35 v cc =6v 1.8 high-level output voltage v oh v cc =2v, i oh 20a v in = v ih or v il 1.9 1.998 v v cc =4.5v, i oh =20a 4.4 4.999 v cc =6v, i oh =20a 5.9 5.999 v cc =4.5v, i oh =4ma 3.98 4.3 v cc =6v, i oh =5.2ma 5.48 5.8 low-level output voltage v ol v cc =2v, i ol =20a 0.002 0.1 v v cc =4.5v, i ol =20a 0.001 0.1 v cc =6v, i ol =20a 0.001 0.1 v cc =4.5v, i ol =4ma 0.17 0.26 v cc =6v, i ol =5.2ma 0.15 0.26 input leakage current i i ( leak ) v cc =6v ,v in =v cc or gnd 0.1 100 na quiescent supply current i q v cc =6v, v in =v cc or gnd, i out =0 2 a input capacitance c in v cc =2v~6v 3 10 pf
u74hc02 cmos ic unisonic technologies co., ltd 4 of 5 www.unisonic.com.tw qw-r502-229.d ? dynamic characteristics (t a =25 , input: t r =t f =6ns, unless otherwise specified ) parameter symbol test conditions min typ max unit propagation delay from input(a or b) to output(y) t plh , t phl v cc =2v, c l =50pf 45 90 ns v cc =4.5v, c l =50pf 9 18 v cc =6v, c l =50pf 8 15 output transition time t t v cc =2v 38 75 ns v cc =4.5v 8 15 v cc =6v 6 13 ? operating characteristics (t a =25 , unless otherwise specified) parameter symbol test condition ratings unit power dissipation capacitance c pd no load 22 pf
u74hc02 cmos ic unisonic technologies co., ltd 5 of 5 www.unisonic.com.tw qw-r502-229.d ? test circuit and waveforms output c l (note) note : c l includes probe and jig capacitance. utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of U74HC02-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X