Part Number Hot Search : 
CA511 00225 XMEGA RFPP2870 CHU2277A ICL8021 MUX08EP T1200
Product Description
Full Text Search
 

To Download SGBL04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number : sgbl02 www. smsemi .com mar 31, 2005 33 sgbl02 thru sgbl10 smsc catalog number maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage sgbl02 200v 140v 200v SGBL04 400v 280v 400v sgbl06 600v 420v 600v sgbl08 800v 560v 800v sgbl10 1000v 700v 1000v maximum ratings and thermal characteristics (ta = 25 o c unless otherwise noted) maximum average forward output rectified current tc = 50 o c i f(av) 4.0 a peak forward surge current single half sine-wave superimposed on rated load (jedec method) i fsm 120 a rating for fusing (t<8.3ms) i 2 t 60 a 2 sec maximum thermal resistance per leg (1) r ja r jl 47 10 o c/w operating junction and storage temperature range tj, t stg -55 to +150 o c electrical characteristics (ta = 25 o c unless otherwise noted) maximum instantaneous forward voltage per leg v f 1.1v i fm =4.0a maximum dc reverse current at rated dc blocking voltage per leg i r 5.0 a 500 a t a = 25 o c t a = 125 o c notes: (1) thermal resistance from junction to ambient and fr om junction to lead mounted on p.c.b. with 0.47 x 0.47? (12 x 12mm) copper pads. glass passivated single phase bridge rectifiers reverse voltage 200 to 1000v forward current 4.0 amp mechanical data case: molded plastic case terminals: plated leads solderable per mil-std-750, method 2026 polarity: marked on body mounting position: any weight: 0.071 oz., 2.0 g case gbl features glass passivated die construction ideal for printed circuit boards plastic material used carries ul flammability recognition 94v-0 high surge current capability high case dielectric strength of 1500 v rms high temperature soldering guaranteed: 265 o c /10 seconds, 0.375? (9.5mm) lead length, 5lbs. (2.3kg) tension 0.125 (3.17) x 45 degrees chamfer 0.080 (2.03) 0.060 (1.50) 0.095 (2.41) 0.080 (2.03) 0.825 (20.9) 0.815 (20.7) 0.043 (1.1) 0.035 (0.9) 0.040 (1.02) 0.030 (0.76) 0.022 (0.56) 0.018 (0.46) 0.210 0.190 (5.3) (4.8) 0.421 (10.7) 0.411 (10.4) 0.718 (18.2) 0.682 (17.3) 0.140 (3.56) 0.128 (3.25) lead depth 0.098 (2.5) 0.075 (1.9) 0.098 (2.5) 0.075 (1.9) 0.022 (0.56) 0.018 (0.46) dimensions in inches and (millimeters)
document number : sgbl02 www. smsemi .com mar 31, 2005 34 sgbl02 thru sgbl10 0.1 1.0 10 100 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 i , inst ant aneous fwd current (a) f v , inst ant aneous for w ard vol t age (v) fig . 2 t ypica l forwar d characteristics , per element f t = 25 c j pulse width = 300 s 0 40 80 120 1 10 100 i , peak for w ard surge current (a) fsm number of cycles a t 60 hz fig. 3 max non-repetitive peak fwd surge current t = 150 c j 8.3 ms single half-sine w ave 0.01 0.1 1.0 10 0 20 40 60 80 100 120 140 i , inst ant aneous reverse current ( a) r percent of peak reverse vol t age (%) fig. 5 t ypical reverse characteristics t = 100 c j t = 25 c j 0 1 2 3 4 5 6 0 50 100 150 i , a verage fwd current (a) (a v) t , ambient temper a tur e ( c) fig. 1 forward current derating curve a mounte d o n4x4 inch coppe r p c board 12.7m m lea d length 10 100 400 0.1 10 100 c , cap acit ance (pf) j v , reverse vol t age (v) fig. 4 t ypical junction capacitance per element r 1.0 t = 25 c j f=1m h z


▲Up To Search▲   

 
Price & Availability of SGBL04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X