Part Number Hot Search : 
PT2329 AH20AP MM1571G 170M4218 LT1137CN BD332 2FWJ42M C3171
Product Description
Full Text Search
 

To Download SCOCXOWT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3.3v ocxo cmos output tight stability SCOCXOWT tel: +44 1460 256 100 fax: +44 1460 256 101 e-mail: sales@golledge.com web: www.golledge.com 21 jul 2015 features ? ultra high stability ? compact 14-pin dil package (smd ?optional) ? 3.3v supply voltage ? cmos? compatible output ? very fast warmup ? low power consumption ? wide temperature range available option codes SCOCXOWT product parameters product name + option codes + frequency eg: SCOCXOWT-ar1 10.0mhz SCOCXOWT-bv3 16.0mhz option code x (eg SCOCXOWT/x) denotes a custom spec. ordering information ? standard. ? optional - please specify required code(s) when ordering specifications 2 011 / 65 / eu ? product is not designed to withstand 260c reflow processing 10.00000 12.00000 12.80000 14.74560 16.00000 20.00000 26.00000 40.00000 52.00000 54.00000 frequencies in mhz standard frequencies frequency range: 10.0khz ~ 54.0mhz ? frequency stability: 0.3ppm ma x first year ? 2.5ppm max in 10 years ? 0.1ppm over v dd 0.15v ? 0.01ppm over 10% ? change in load ? short term stability: 1x10 -10 , 0.1 to 30s ? 5x10 -11 typ at 1s ? temperature stability: 0.05ppm max, 0 to +60c ? a 0.075ppm max, -20 to +70c ? b 0.1ppm max, -40 to +85c ? c st orage temperature range: -55 to +125c ? output waveform: cmos compatible ? ?0?=+0.4v max, ?1?=v dd -0.5v min ? 40:60 max ? rise/fall times 7ns max (no load) ? load: 3pf min, 47pf max ? start up time: 5ms max ? fr equency adjustment: 2.5ppm min ? control voltage 0.5~3.3v, pin 1 ? v3 variable resistor 0~10k , pins 1 to 7 ? r1 none (int accuracy 1.0ppm) ? a none (int accuracy 0.5ppm) ? b supply v oltage (v dd ): +3.3v (0.15v) ? input current: 120ma ma x @ +25c ? 170ma max @ -20c ? warm up time (secs): current 250ma max @ 25c 30 to within 0.1ppm @ 25c 120 phase noise (typ @ ?10mhz): ?-100dbc/hz @?10hz ? ?-130dbc/hz @?100hz ? ?-140dbc/hz @?1khz ? ?-145dbc/hz @?10khz ? shock & vibration: 5,000g, 0.3ms ?-sine ? 10.0 ~ 2,000hz, 20g ? package: thr ough hole 14 pin dil ? smd options 1 or 2 ?? specify 7.80 0.20 6.35 0.50 0.80 0.46? 7.62 15.24 1 14 7 8 20.14 0.08 12.52 0.08 pin 1 7 8 14 connection freq adjustment or ground ground output supply
tel: +44 1460 256 100 fax: +44 1460 256 101 e-mail: sales@golledge.com web: www.golledge.com tel: +44 1460 256 100 fax: +44 1460 256 101 e-mail: sales@golledge.com web: www.golledge.com sm package options 14-pin dil ocxos 02 jul 10 option d1 option d2 10.50 (max) 22.00 (max) 25.40 (max) 1 5 23 4 2.50 2.50 17.80 solder pad layout 3.50 4.00 19.50 14.30 top view pad 1 2 3 4 5 connection freq adjustment or ground not connected supply output ground 9.50 0.20 20.14 0.08 7.62 15.24 1 14 7 8 12.52 0.08 15.24 2.00 5.00 5.60 solder pad layout 0.46? pin 1 7 8 14 connection freq adjustment or ground ground output supply soldering profile 200 100 0 c time 3c/s max wave soldering: temp peak up to 260c 5s max (at pins) peak temp 235c 240 slow cooldown


▲Up To Search▲   

 
Price & Availability of SCOCXOWT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X