Part Number Hot Search : 
030CT P420001 72HF80 UM1522 26001 SVC323 1763FS LT1077AC
Product Description
Full Text Search
 

To Download SBT10100UCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p s bt 1 01 0 0 u ct april 14,2015-rev.00 page 1 extreme low vf schottky barrier rectifier voltage 1 0 0 v current 1 0 a f eatures ? ideal for automated placement ? extreme low forward voltage drop, low power loss ? high efficiency operation ? low thermal resistance ? lead free in compliance with e u rohs 2011/65/eu directive mechanical data ? case: molded plastic, to - 220ab ? terminals: solder plated, solderable per mil - std - 750,method 2026 ? approx. weight: 0.067 ounces, 1.89 grams. ? marking: part number note : 1. device mounted on a infinite heatsink . maximum r atings and electrical characteristics ( t a =25 o c unless otherwise noted) parameter symbol limit unit maximum repetitive peak reverse voltage v rrm 1 0 0 v maximum rms voltage v rm s 70 v maximum dc blocking voltage v r 1 0 0 v maximum average forward rectified current per diode per device i f(av) 5 1 0 a peak forward surge current : 8.3ms single half sine - wave superimposed on rated load per diode i fsm 1 5 0 a typical thermal resistance per diode (note 1) r j c 2 o c /w operating junction temperature range t j - 55 to +150 o c storage temperature range t stg - 55 to +150 o c 0.419(10.66) 0.387(9.85) 0.156(3.95) 0.147(3.75) 0.058(1.47) 0.042(1.07) 0.038(0.96) 0.019(0.50) 0.100(2.54) 0.100(2.54) 0.196(5.00) 0.163(4.16) 0.054(1.39) 0.045(1.15) 0.115(2.92) 0.080(2.03) 0.025(0.65)max. 0.177(4.5) max. 0.50(12.7)min. 0.624(15.87) 0.146(3.7) 0.548(13.93) 0.130(3.3)
p s bt 1 01 0 0 u ct april 14,2015-rev.00 page 2 electrical characteristics (t a =25 o c unless otherwise noted) parameter symbol te st condition min. typ. max. units breakdown voltage per diode v br i r =0. 5ma t j =25 o c 1 0 0 - - v instantaneous forward voltage per diode v f i f =1a i f = 3 a i f = 5 a t j =25 o c - - - 0. 4 0.49 0. 56 - - 0. 61 v i f =1a i f = 3 a t j =125 o c - - 0.3 0. 43 - - v reverse current p er diode i r v r = 80 v t j =25 o c - 5 - ? a v r = 1 0 0v t j =25 o c t j =125 o c - - - 5 6 0 - ? a ma ? 0 1 2 3 4 5 0 25 50 75 100 125 150 t c , case temperature ( c) i f , forward current (a) 0.001 0.01 0.1 1 10 100 20 30 40 50 60 70 80 90 100 i r , reverse current (ma) t j = 25 c t j = 75 c t j = 125 c t j = 150 c fig.3 typical reverse characteristics fig.4 typical forward characteristics fig.1 forward current derating curve fig.2 typical junction capacitance 1 10 100 1000 1 10 100 c j , junction capacitance (pf) v r , reverse bias voltage (v) 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 i f , forward current (a) v f , forward voltage (v) t j = 125 c t j = 150 c t j = 25 c t j = 75 c per diode per diode per diode per diode percent of rated peak reverse voltage (%)
p s bt 1 01 0 0 u ct april 14,2015-rev.00 page 3 part no_packing code_version s b t 1 01 0 0 u ct_t0_00001 s b t10100u ct _t0_10001 for example : r b500v - 40 _ r2 _ 00 0 01 B serial number B B version code means hf part no. B packing size code means 13" B packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs
1 st code 2 nd ~5 th code tape and ammunition box
(t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing
(b/p) b 13" 2 tube packing
(t/p) t 26mm x tape and reel (right oriented)
(trr) s 52mm y tape and reel (left oriented)
(trl) l panasert t/b cathode up
(pbcu) u forming f panasert t/b cathode down
(pbcd) d
p s bt 1 01 0 0 u ct april 14,2015-rev.00 page 4 disclaimer reproducing and modifying information of the document is prohibited without permission from panjit international inc.. panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentall y and consequentially occurred. panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non - infringement and merchantability. applications shown on the herein document are examples o f standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without furthe r testing or modification. the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life - saving or life - sustaining, such as medical instrumen ts, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. since panjit uses lot number as the tracking base, please provide t he lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of SBT10100UCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X