Part Number Hot Search : 
R2J10 UTC2206B LH1546AT 1224SH 2SK3361 KP120 L3705 STK8260
Product Description
Full Text Search
 

To Download RGF10AH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  patented RGF10AH thru rgf10mh surface mount glass passivated junction fast recovery rectifier reverse voltage - 50 to 1000 volts forward current - 1.0 ampere features mechanical data * halogen-free type * compliance to rohs product * gprc (glass passivated rectifier chip) inside * glass passivated cavity-free junction * ideal for surface mount automated applications * fast switching for high efficiency * easy pick and place * high temperature soldering guaranteed: 260 o c/10 seconds, at terminals * plastic package has underwriters laboratory flammability classification 94v-0 case : jedec do-214ac molded plastic over passivated chip terminals : tin plated, solderable per mil-std-750, method 2026 polarity : color band denotes cathode end weight : 0.002 ounes , 0.064 gram maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. maximum repetitive peak reverse voltage maximum average forward rectified current t l =100 o c peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 1.0 a maximum reverse recovery time (note 1) typical junction capacitance (note 2) typical thermal resistance (note 3) operating junction and storage temperature range symbols v rrm i (av) i fsm v f trr c j r ja r jl t j ,t stg rgf10 ah bh dh gh jh jah kh kah mh mah 50 100 200 400 600 600 800 800 1000 1000 1.0 30 1.3 150 250 150 500 300 500 300 15 75 -65 to +175 units volts maximum rms voltage v rms 35 70 140 280 420 420 560 560 700 700 volts maximum dc blocking voltage v dc 50 100 200 400 600 600 800 800 1000 1000 volts volts amps amps maximum dc reverse current at rated dc blocking voltage t a =25 o c t a =125 o c t a =150 o c i r 5 30 50 ua ns pf o c / w o c notes : (1) reverse recovery test condition : if 0.5a, ir=1.0a, irr=0.25a (2) measured at 1.0 mhz and applied reverse voltage of 4.0 volts (3) thermal resistance from junction to ambient and from junction to lead p.c.b. mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas. sma/do-214ac *dimensions in inches and (millimeters) patented patented tm zowie technology corporation rev. 1 0.114(2.90) 0.098(2.50) 0.096(2.44) 0.079(2.00) 0.059(1.52) 0.030(0.76) 0.012(0.305) 0.006(0.152) 0.181(4.60) 0.157(4.00) max. 0.203 0.063(1.60) 0.047(1.20) 0.208(5.28) 0.189(4.80) 29
ratings and characteristic curves RGF10AH thru rgf10mh fig.1 - forward current derating curve fig.3 - typical instantaneous forward characteristics average forward rectified current, amperes 0.75 1.00 0.50 0.25 iinstantaneous forward current, amperes 0.10 1.00 10.00 0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0 0 50 75 100 125 150 175 200 60hz resistive or inductive load pulse width=300us 1% duty cycle lead temperature, o c instantaneous forward voltage, volts fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 8.3ms single half sine-wave (jedec method) 5 10 15 20 25 30 1 10 100 transient thermal impedance( o c/w) 0.1 1 10 100 fig.5 - typical junction capacitance fig.6 - typical transient thermal impedance reverse voltage, volts .1 1 junction capacitance, pf 40 200 .2 .4 1.0 2 4 10 20 40 100 t , pulse duration, sec 100 10 1.0 0.10 0.01 2 4 10 6 20 60 100 zowie technology corporation rev. 1 fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse leakage current, microamperes 0.1 0 20 1 10 100 tj = 25 o c tj = 25 o c tj = 125 o c tj = 150 o c 40 60 80 100 110


▲Up To Search▲   

 
Price & Availability of RGF10AH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X