Part Number Hot Search : 
AS4028 ANTX1 PE2023 ARF1501 171ED 03515 S6B1400X 1100P
Product Description
Full Text Search
 

To Download PC729C-1A-C-12C-N-X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 3220 commander drive, suite 102 carrollton, tx 75006 www.pickercomponents.com sales: (972) 713-6272 (888) 997-3933 fax: (972)735-0964 e-mai l: sales@pickercomponents.com dimensions are listed for reference purposes only. specifications and availability subject to change without notice . ? ? pc792c rev e 4/28/15 1 of 2 contact ratings 24 vdc at 25 o c features ?? most popular automoti ve relay footprint ?? 1a, 1c and 1u contact forms available ?? contact switching capacity up to 150 amps ?? 50 amps continuous carrying current ?? up to 125 0 c operating temperature ?? internal diodes or resistors available ?? plain case, metal mounting bracket and pc pins ?? sockets available ?? lead free and rohs compliant contact ratings 14 vdc at 25 o c 50/40 amp automotive plug-in / pcb power relay pc792c characteristics contact data ordering information resistor values: 6v -180 ohm 12v - 680 ohm 24v - 2,700 ohm diode: 1n4005 contact form 1 form a or 1 form c normally open normally closed max switching current make 150 a (1) make 120 a break 50 a break 40 a max continuous current 50 a @ 25 c 40 a @ 25 c 37.5 a @ 85 c 30 a @ 85 c max continuous current 1 form u max switching voltage 75 vdc minimum load 0.1a @ 12vdc 2 x 30 amps (at 20 c) 2 x 25 amps (at 85 c) max. switching power 1120 w relative humidity 85% at 40c weight 35 grams storage temperature -40c to 155c operating temperature -40c to 125 c material agsno2 initial contact resistance 100 m ? max @ 0.1 a, 6 vdc service life electrical 1 x 10 5 operations mechanical 1 x 10 7 operations example: pc792c -1c -c1 -12 c -n -x model: pc792c contact form: 1a, 1c or 1u (2 x 1a, 87 & 87b isolated) case style: c : plug-in; c1 : plastic bracket; c2 : metal bracket; p : pc pins coil voltage: 6, 12, 24 enclosure: c : dust cover parallel component: nil : none; d : diode; r : resistor; n : nickel plated terminals rohs compliant: -x box quantity: 400; inner box:100 contact form 1 form a or 1 form c normally open normally closed max switching current make 75 a make 60 a break 25 a break 20 a max continuous current 25 a @ 25 c 20 a @ 25 c 18.75 a @ 85 c 15 a @ 25 c max continuous current 1 form u max switching voltage 75 vdc minimum load 0.1a @ 12vdc 2 x 15 amps (at 20 c) 2 x 12.5 amps (at 85 c) max. switching power 1120 w operate time 7 msec typical release time 2 msec typical insulation resistance 100 m ? min @ 500vdc dielectric strength 50 hz 500v rms 1 min. between contact and coil 50 hz 500v rms 1 min. between contacts shock resistance 147 m/s2 11 msec vibration resistance 10-40 hz double amplitude 1.5mm terminal strength 8 n, 4n (pc type) solderability 235 ? c 2 ? c 3 sec 0.5 sec power consumption 1.8 w (1) with current load applied for a maximum of 3 seconds at a maximum duty cycle of 10%.
? 3220 commander drive, suite 102 carrollton, tx 75006 www.pickercomponents.com sales: (972) 713-6272 (888) 997-3933 fax: (972)735-0964 e-mai l: sales@pickercomponents.com dimensions are listed for reference purposes only. specifications and availability subject to change without notice . ? ? pc792c rev e 4/28/15 2 of 2 coil data coil voltage (vdc) resistance (ohms 10%) must operate voltage max (vdc) must release voltage min. (vdc) coil power (w) rated max 6 7.8 20 3.9 0.6 12 15.6 80 7.8 1.2 24 31.2 320 15.6 2.4 1.8 dimensions (mm / inches) pc792c pc792c notes: the use of any coil voltage less that the rated voltage will compromise the operation of the relays. must operate voltage is l isted for test purposes only and is not to be used as design criteria. pickup and release voltages are for test purposes only and are not to be used as design cri teria. dimensions are in mm, inches are listed for reference only. plug in ?c? plastic bracket ?c1? coil temperature rise @ 40a carrying current coil temperature rise 20 o c ambient max value for switching capacity metal bracket ?c2? pc pins p? 1a 1c 1u


▲Up To Search▲   

 
Price & Availability of PC729C-1A-C-12C-N-X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X