Part Number Hot Search : 
MAX15048 2SD2152Q 3N212 2SD17 CJ26A 3N212 G1565 4C256
Product Description
Full Text Search
 

To Download MSK5012ZD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4707 dey road liverpool, n.y. 13088 m.s.kennedy corp. (315) 701-6751 features: iso-9001 certified by dscc extremely low dropout voltage 0.45v @ 10 amps output voltage adjustable from +1.30v to +36v low external component count electrically isolated case low quiescent current output current to 10 amps available in two package styles available with three lead form options typical applications high efficiency, high current linear regulators constant voltage/current regulators equivalent schematic 5012 high current, super low dropout adjustable voltage regulator description: the msk 5012 voltage regulator output is fully programmable through the use of two external resistors. ultra low dropout voltage specifications are realized due to the unique output configuration which uses an extremely low rds(on) mosfet as a pass element. dropout voltages of 0.45v at ten amps are typical in this configuration which drives efficiency up and power dissipation down. accuracy is guaranteed with a 1% initial output voltage tolerance that only varies 2% with temperature. the msk 5012 is packaged in a space efficient 5 pin sip package that is electrically isolated from the internal circuitry allowing direct heat sinking for efficient thermal dissipation. mil-prf-38534 qualified 1 rev. f 7/00 system power supplies switching power supply post regulators
output voltage range input voltage dropout voltage dropout voltage 2 line regulation quiescent current ripple rejection thermal resistance output settling time vadjust voltage max. 36 1.0 2.0 36 0.010 0.75 1.0 2.0 1.0 10 - 0.8 - 1.248 v % % v v v % % % ma db c/w m s v storage temperature range lead temperature range (10 seconds) case operating temperature group a subgroup - 1 2,3 - 1 1 1 2,3 1,2,3 1,2,3 - - - 1 v in i out t j input voltage (wrt v out ) output current junction temperature 36v 10a within soa +175c t st t ld t c absolute maximum ratings -65c to +150c 300c -55c to +125c 1 2 3 4 5 6 7 notes: output decoupled to ground using 20f minimum capacitor and r1=30k w ; r2=10k w unless otherwise specified. this parameter is guaranteed by design but need not be tested. typical parameters are representative of actual device performance at 25c but are for reference only. all output parameters are tested using a low duty cycle pulse to maintain t j = t c . industrial grade devices shall be tested to subgroup 1 unless otherwise specified. military grade devices ('b' suffix) shall be 100% tested to subgroups 1,2 and 3. subgroup 1 subgroup 2 subgroup 3 does not include tolerance effects from external resistors. t a =t c =+25c t a =t c =+125c t a =t c =-55c r2=10k w with respect to v out i out = 0 a i out =10a v in =v out +3v 100ma i out 9a (v out +1.5) v in ( v out +15), i out =100ma v in =v out +3v; i out =0a f=120hz junction to case to within 10mv (i out =0a) v in = v out +3v max. 36 1.5 - 36 0.010 1.0 1.5 - 1.5 12 - 0.8 - 1.26 parameter msk 5012 msk 5012(b) electrical specifications min. 1.3 - - 1.3 - - - - - - - - - 1.222 typ. - 0.3 1.0 - 0.002 0.4 0.5 0.5 0.3 4.5 45 0.7 5 1.235 min. 1.3 - 1.3 - - - - - - - - - 1.21 typ. - 0.3 - - 0.002 0.5 0.5 - 0.3 4.5 45 0.7 5 1.24 2 2 2 3 test conditions load regulation i out =100ma; v in =v out +3v units ouput voltage tolerance 2 2 2 rev. f 7/00 7
application notes minimizing output ripple: the output voltage ripple of the msk 5012 voltage regulator can be minimized by placing a filter capacitor from the output to ground. the optimum value for this capacitor may vary from one application to the next and is best determined by experimentation. transient load response can also be improved by placing a capacitor directly across the load. typically a 10f capacitor is a good starting point. case connections: the case of the msk 5012 is electrically isolated from the internal circuitry so that a direct connection can be made to the heat sink for most efficient heat dissipation. however, it may be necessary in some applications to connect the case to ground. grounding the case will help eliminate oscillations and produce a clean, noise free output. load regulation: for best results, the ground pin should be connected directly to the load (see next note). this effectively reduces the ground loop effect and eliminates excessive voltage drop in the sense leg. it is also important to keep the output connection be- tween the regulator and the load as short as possible since this directly affects the load regulation. for example, if 20 gauge wire were used which has a resistance of about .008 ohms per foot, this would result in a drop of 8mv/ft at a load current of 1 amp. load connections: in voltage regulator applications where very large load cur- rents are present, the load connection is very important. the path connecting the output of the regulator to the load must be extremely low impedance to avoid affecting the load regulation specifications. any impedance in this path will form a voltage divider with the load. the same holds true for the connection from the low end of the load to ground. for best load regula- tion, the low end of the load must be connected directly to pin 2 of the msk 5012 and not to a ground plane inches away from the hybrid. filter capacitor: for all applications, the user must connect a 1.0uf capacitor from pin 5 directly to ground. this capacitor is part of the circuit which drives the gate of the internal mosfet. approxi- mately three times the voltage seen on the input will appear across this capacitor. careful attention must be paid to capaci- tor voltage rating since voltages larger than the power supply are present. first, the power dissipation must be calculated as follows: power dissipation = (vin - vout) x iout next, the user must select a maximum junction temperature. the absolute maximum allowable junction temperature is 175c. the equation may now be rearranged to solve for the required heat sink to ambient thermal resistance (r q sa). example; an msk 5012 is configured for vin = +7v and vout = +3.3v. iout is a continuous 10a dc level. the ambient temperature is +25c. the maximum desired junction temperature is 150c. r q jc = 0.8c/w and r q cs = 0.15c/w typically. power dissipation = (7v - 3.3v) x (10a) solve for r q sa: r q sa = 150c - 25c - 0.8c/w - 0.15c/w in this example, a heat sink with a thermal resistance of no more than 2.43c/w must be used to maintain a junction tem- perature of no more than 150c. the thermalloy corporation makes a heat sink with a thermal resistance of 2.2c/w that would work well for this application. (see thermalloy part number 7023) heat sink selection: to select a heat sink for the msk 5012, the following formula for convective heat flow must be used. governing equation: tj = pd x (r q jc + r q cs + r q sa) + ta where: tj = junction temperature pd = total power dissipation r q jc = junction to case thermal resistance r q cs = case to heat sink thermal resistance r q sa = heat sink to ambient thermal resistance ta = ambient temperature 37w power dissipation: the output pass transistor in the msk 5012 is rated to dissi- pate nearly 100 watts. the limiting factor of this device is effective dissipation of heat generated under such conditions. for example, to dissipate 100 watts, calculations show that the msk 5012 would have to be bolted to the underbelly of a submarine submerged in the arctic ocean! careful consider- ation must be paid to heat dissipation and junction temperature when applying this device. = 37 watts output voltage adjustment the output voltage of the msk 5012 can be adjusted from +1.3 volts to +36 volts. refer to the following formula for resistor divider selection. r2 should be 10k w for all applica- tions. r1 = r2 ((v out / 1.235) -1) figure one below illustrates proper resistor divider connection. 3 rev. f 7/00
typical performance curves 4 rev. f 7/00
the information contained herein is believed to be accurate at the time of printing. msk reserves the right to make changes to its products or specifications without notice, however, and assumes no liability for the use of its products. mechanical specifications m.s. kennedy corp. 4707 dey road, liverpool, new york 13088 phone (315) 701-6751 fax (315) 701-6752 www.mskennedy.com ordering information lead configurations s= straight; u= bent up; d= bent down package style t= top tab; z= z pack screening blank= industrial; b= mil-prf-38534 general part number msk5012 b t u note: all dimensions are 0.010 inches unless otherwise labeled. esd triangle indicates pin 1. the above example is a military grade regulator using the top tab package with leads bent up. 5 rev. f 7/00 top tab z- tab


▲Up To Search▲   

 
Price & Availability of MSK5012ZD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X