Part Number Hot Search : 
MAX172 D242P M53200 STM32F1 R1500 MC332 EL7532 3LF326
Product Description
Full Text Search
 

To Download MSC60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver : a_1 update : 2015.03.09 ac-dc power module MSC60 series 60 watts http://www.archcorp.com.tw tel: +886-2-26989508 fax: +886-2-26981319 -1- electrical specifications all specifications valid at normal in put voltage, full load and +25c after warm-up time unless otherwise stated. model no. ( single output ) MSC60-5s MSC60-9s MSC60-12s MSC60-15s MSC60-24s max output wattage ( w ) 51w 60w voltage 90-264 vac or 120-370 vdc frequency (hz) 47-440 hz current (full load) 2 a max. (115 vac) / 1 a max. (230 vac) inrush current (<2ms) 55 a max. (115 vac) / 95 a max. (230 vac) leakage current < 0.1ma / 264 vac (touch current) input external fuse (recommend) 3.15 a slow blow type voltage (v.dc.) 5.1v 9v 12v 15v 24v voltage set accuracy 2% current (ma) max 10,000 6666 5000 4000 2500 maximum capacitive load (at 230 vac) 10000uf 5000uf 5000uf 4000uf 2000uf line regulation (typ.) 0.5% load regulation (1-100%) (typ.) 1.5% 1% ripple & noise (max) 100mv (vp-p) 1% of vout efficiency (at 230 vac) 86% 87% 88% 86% 87% output hold-up time 10 ms min. over current protection automatic recovery over voltage protection zener diode clamp protection short circuit protection automatic recovery isolation input-output (v.ac) 4000v operating temperature -40c?+80c (case temperature max. +95c) storage temperature -40c?+90c temperature coefficient 0.05%/c altitude during operation 5000m humidity up to 95% rh mtbf 200,000 h~400,000 h @ 25c environment atmospheric pressure 70 kpa to 106 kpa dimension (l x w x h) 3.5 x 2.5 x 1.06 inches ( 89.0 x 63.5 x 27.0 mm ) tolerance ? 0.5 mm case material plastic resin + fiberglass (flammability to ul 94v-0) weight 280 g physical cooling method free air convection key features ? switching power modules for pcb mounting ? fully encapsulated plastic case ? universal input range 90-264vac ? low standby <0.3w ? regulated output ? low ripple and noise ? isolation class ii ? screw terminal and din rail kit for optional ? ce, cb, ul, cul approvals ? 3-year product warranty (pending)
ver : a_1 update : 2015.03.09 ac-dc power module MSC60 series 60 watts http://www.archcorp.com.tw tel: +886-2-26989508 fax: +886-2-26981319 -2- electrical specifications all specifications valid at normal in put voltage, full load and +25c after warm-up time unless otherwise stated. model no. ( single output ) MSC60-5s MSC60-9s MSC60-12s MSC60-15s MSC60-24s safety approval cul/ul 60950-1, ansi/aami es 60601-1: 2005, 1st edition and can/csa-c22.2 no. 60601-1:08, 2nd edition, 2xmopp (pending) conducted and radiated emi en55011 (pending) esd en61000-4-2 air 8kv , contact 4kv pending radiated immunity en61000-4-3 10v/m pending fast transient en61000-4-4 2kv pending surge en61000-4-5 1kv pending conducted immunity en61000-4-6 10vrms pending pfmf en61000-4-8 30a/m pending dips en61000-4-11 30% 10ms pending emc interruption en61000-4-11 >95% 5000ms pending note 1. this product is not designed for use in critical life suppor t systems, equipment used in hazardous environment, nuclear control systems or other such applications wh ich necessitate specific safety and regulatory standards other the ones listed in this datasheet. 2. ripple & noise are measured at 20mhz of bandwidth with 0.1uf & 47uf parallel capacitor. 3. safety approvals cover frequency 47-63 hz. 4. that ?natural convection? is about 20lfm but is not equal to still air (0 lfm). 5. it's recommended to add varistor 14s471k at l / n input side in parallel. 6. please refer to our pdf file "ac-dc applic ation" on our website: www.archcorp.com.tw mechanical dimension ( top view ) pin# single 1 ac in (l) 2 ac in (n) 3 +dc out 4 no pin 5 -dc out 6 no pin 7 no connect
ver : a_1 update : 2015.03.09 ac-dc power module MSC60 series 60 watts http://www.archcorp.com.tw tel: +886-2-26989508 fax: +886-2-26981319 -3- derating block diagram
ver : a_1 update : 2015.03.09 ac-dc power module MSC60 series 60 watts http://www.archcorp.com.tw tel: +886-2-26989508 fax: +886-2-26981319 -4- screw terminal MSC60-a2 pin# single 1 no connect 2 ac in (l) 3 ac in (n) 4 +dc out 5 no connect 6 -dc out 7 no connect 8 no connect din rail kit MSC60-a2-dn


▲Up To Search▲   

 
Price & Availability of MSC60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X