Part Number Hot Search : 
PE6832 LT8616 L4448 MT8993BC SA970 C16LF APL1670 AO4433
Product Description
Full Text Search
 

To Download MH201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wj communications, inc ? phone 1-800-wj1-4401 ? fax: 408-577-6620 ? e-mail: sales@wj.com ? web site: www.wj.com april 2002 the communications ed g e tm advanced product information MH201 hi g h d y namic ran g e cellular band mmic mixer product features ? +30 dbm iip3 ? rf 800 ? 915 mhz ? lo 550 ? 715 mhz ? if 200 ? 250 mhz ? +17 dbm drive level ? low cost soic-8 package ? no external bias required product description the MH201 is a passive gaas mesfet mixer that p rovides high dynamic range performance in a low cost soic-8 package. wj?s MH201 uses patented techniques to realize +30 dbm input ip3 at an lo drive level of +17 dbm when used in a simple application circuit as an upconverting configuration. this single monolithic integrated circuit does no t require any external baluns or bias elements. typical applications include frequency up/down conversion, modulation and demodulation fo r receivers and transmitters used in 2.5g and 3g systems using the cellular frequency bands. functional diagram function pin no. lo if & rf * gnd 2 5 1,3,4,6,8 * 4 external components (inductors & capacitors) are required to diplex the signal specifications parameters 1 units minimum typical maximum comments frequency range: rf mhz 800 915 lo mhz 550 715 if mhz 200 250 ssb conversion loss db 9.5 10 noise figure db 10 input ip3 2 dbm +30 input p1db dbm tbd isolation: l-r db 30 l-i db 55 r-i db tbd return loss: db lo port -5 lo drive level dbm +17 1. data was taken using an application board shown on the following page, with a low side lo at +17 dbm in an upconverting app lication at 25c. 2. input ip3 was measured with two tones with an input power of -5 dbm / tone separated by 1 mhz. absolute maximum rating 3 application circuit parameters rating operating case temperature -40 to +85 c storage temperature -65 to +100 c maximum input lo power 4 +21 dbm 3. operation of this device above any of these parameters may cause permanent damage. 4. total sum of lo port and rf port power should not to exceed +23 dbm. 1 2 3 4 8 7 6 5 rf c1 12 pf if c2 5.6 pf l2 15 nh l1 27 nh l o all components are of size 0402
wj communications, inc ? phone 1-800-wj1-4401 ? fax: 408-577-6620 ? e-mail: sales@wj.com ? web site: www.wj.com april 2002 the communications ed g e tm advanced product information MH201 hi g h d y namic ran g e cellular band mmic mixer this document contains information on a new product. specifications and information are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of MH201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X