JT6N38S 2002-02-13 1 toshiba cmos integrated circuit silicon monolithic JT6N38S single-chip system lsi for rfid card the JT6N38S is a system lsi for radio frequency identification (rfid) wireless cards. the JT6N38S incorporates an analog circuit, a data processing circuit and data memory in a single chip. features high-noise-resistant psk modulation: binary phase-shift keying (bpsk) for both reader-to-rfid and rfid-to-reader transmission. start-stop synchronization and half-duplex transmission: with parity, 1 stop bit high-efficiency power generation circuit using electromagnetic induction: battery less operation, full-wave rectifier circuit, shunt regulator data processing logic circuit: digital pll, security circuit high-reliablity e 2 prom: 4 kbits maximum write time: 7 ms (16-byte batch write) overwrite: 100,000 times data retention: 10 years selectable receive carrier frequency: 120 khz to 500 khz (when external antenna circuit is used) serial transmitter circuit (for active psk): long-distance communication supported programmable security circuit: security level can be set high-speed transfer rate of 25 kbps: 1/16 of receive carrier frequency = 400 khz high-speed multi-read of 32 ids per second: when receive carrier frequency = 400 khz (id only read) supplied as chips or on wafer chip thickness: 175 m (typ.) system block diagram rectifier circuit ant1 ant2 e 2 prom (4 kbits) data processing, security and multi-read functions modulator circuit demodulator pll voltage detector circuit bgr shunt regulator v dd 0.1 f (recommended value) transmission circuit carrier extraction circuit transmission control osc gnd v dd vz
JT6N38S 2002-02-13 2 pad allocation pad coordinates pad no. pad name x-coordinate ( m) y-coordinate ( m) 1 test pin 989 1419 2 test pin 849 1419 3 test pin 709 1419 4 test pin 569 1419 5 ant1 1108 1419 6 ant2 968 1419 7 test pin 828 1419 8 gnd 688 1419 9 v dd 548 1419 10 test pin 408 1419 11 test pin 268 1419 12 test pin 128 1419 13 test pin 12 1419 14 test pin 152 1419 15 test pin 292 1419 16 test pin 432 1419 17 test pin 572 1419 18 test pin 712 1419 19 test pin 852 1419 20 test pin 1000 1419 note: values for x-and y-coordinates are pad center values. 20 0 y x 2.51 mm 3.11 mm 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 1 2 3 4 gnd vz ant2 ant1 v dd
JT6N38S 2002-02-13 3 pin functions pin no. symbol function 5 ant1 rectifier diode input, antenna connection pin 1 6 ant2 rectifier diode input (carrier extraction input side), antenna connection pin 2 7 vz bridge diode output for rectification 8 gnd gnd-internal circuit voltage reference 9 v dd power supply for regulator voltage and internal circuits 1~4, 10~20 lsi test pins lsi external specifications parameter specifications power supply battery less-externally supplied by electromagnetic induction coupling type electromagnetic induction power feed frequency 120 khz~500 khz note: external devices such as antenna and capacitors must be selected. communications method receive: psk, transmission: psk (carrier frequency is half the power feeding frequency) transfer speed 1/16 of power feeding frequency transfer method half-duplex start-stop synchronization transmission (with parity, 1 stop bit) memory size 4-kbit e 2 prom (512 bits are used as security area.) write time 7 ms max (for batch write of 16 bytes) control circuit key checking and access level control by hardware incorporates six access keys (6-byte key and 2-byte status). using access keys, read-only or write/read privilege can be set independently for each 64-byte area (programmable security). block write or read in units of 16 bytes using an access key and physical address. controls multi-read using multi-read command. multi-read 32 reads/s (typical value with power feed frequency of 400 khz) operating temperature 20c~ 85c
JT6N38S 2002-02-13 4 functions and specifications of the core block the JT6N38S is comprised of the following: an rf analog block for power generation, carrier extraction and regulation, and a digital block for data modulation, demodulation and data processing an e 2 prom for data storage. 1. analog block (1) rectifier circuit receives radio wave via the (external) antenna circuit and generates dc power for operating internal circuits with full-wave rectification. (2) shunt regulator maintains the voltage generated by the rectifier circuit at a fixed voltage, 3.1 v (typ.). the digital circuits and e 2 prom operate using the voltage supplied by the shunt regulator. the shunt regulator also protects internal circuits from the effects of strong electric fields. (3) carrier extraction circuit shapes the psk-processed received carrier in to a square wave which is then input to the logic circuits for demodulation. (4) oscillation circuit (osc) generates a clock for the digital pll in the logic block. (oscillation frequency range: 8 mhz~12 mhz) (5) transmitter circuit (serial transmitter circuit for active psk) powerfully modulates transmission by switching the line between the rectifier circuit and the shunt regulator. the switching is performed at half the received carrier frequency. that is, the transmission carrier frequency is half the received carrier frequency. note that when the rectifier circuit and the shunt regulator are left open, protection is performed for the bridge rectifier circuit so that the voltage at the bridge rectifier circuit is up to three times the remaining voltage of the shunt regulator. (6) voltage detector supports three types of voltage detector circuit for initializing the system and enabling/disabling e 2 prom writing. as a result, operation is always stable. 2. digital block (1) demodulator converts the psk signal shaped by the carrier extraction circuit of the analog block into binary data. (2) digital pll compares the frequency of the oscillator circuit in the analog block with the signal shaped by the carrier extraction circuit and generates a clock with a fixed frequency for operation of the entire digital block. using the clock the internal lsi operates in synchronize with the carrier. (3) data processing processes data according to the commands received. processes include parity check, e 2 prom write and read, and reset of the entire lsi. (4) security logic six keys can be set simultaneously using the security area allocated to the e 2 prom. using the keys, write/read, read or no access can be set in units of 64-byte blocks (obtained by dividing e 2 prom memory area by four). (for example, with key a, read/write for a particular block can be set, while with key b, read/write for all block can be set.) (5) status reply replies to a command from the r/w consist of the status followed by data. the status represents, the internal status of the lsi to the r/w. if the lsi status is normal, status data 00h is inserted at the beginning (without any parity, start or end bits) followed by the data. if the lsi status is abnormal, no data follows and only the status indicating the abnormality is sent. the bit corresponding to each abnormality condition which has occurred is set to 1 in the status field. (6) multi-read multi-read is a function used for reading multiple rfids in the communications area using the same reader/writer (r/w). an rfid (lsi) generates a random number internally using the multi-read command transmitted by the r/w. the rfid replies using the response timing determined by the corresponding time slot. thus, replies from the different rfids will not conflict, enabling data to be received properly by the r/w. note: depending on the reading environment, the ability to read all the data may fluctuate . in some cases, some data may be left unread (since it cannot be undetected). toshiba recommend the use of an additional chip with a detection function other than the multi-read function.
JT6N38S 2002-02-13 5 electrical characteristics 1. ratings parameter symbol operating rating unit input current (between ant1 gnd ant2) i ant dc30 ma operating temperature range t opr 20~ 85 c storage temperature range t stg 50~ 150 c * : unless otherwise specified, the specifications are within the above operating temperature range. 2. dc characteristics (ta 20~ 85c) parameter symbol test circuit description min typ. max unit minimum operating voltage 1 v dd (min) minimum operating voltage excluding memory write (voltage check pin is v dd .) 2.0 2.2 v minimum operating voltage 2 v dd (eew) minimum operating voltage including memory write (voltage check pin is v dd .) 2.7 2.9 v operating current dissipation 1 i ddopr1 current dissipation for operations excluding memory write (v dd 2.5 v) 400 600 a operating current dissipation 2 i ddopr2 current dissipation for all operations including memory write (v dd 2.9 v) 600 900 a reply peak voltage v psk peak voltage of vz pin at reply (v dd as reference) times 2.5 3. operation characteristics (ta 20~ 85c) parameter symbol test circuit description min typ. max unit receive carrier frequency f crr carrier frequency at which operation is possible 120 500 khz reply carrier frequency f psk carrier frequency at reply fcrr 1/2 khz transfer rate transfer speed fcrr 1/16 bps receive 1-bit frequency receiving carrier frequency per bit 16 cycles reply 1-bit frequency reply carrier frequency per bit 8 cycles e 2 prom write time t pw 7 ms e 2 prom overwrite time 10 5 no. of times e 2 prom data hold time 10 years
JT6N38S 2002-02-13 6 memory map page no 16-byte block page no 16-byte block 00h atr data 01h key 0010 key 0011 02h key 0100 key 0101 03h key 0110 key 0111 04h any data 05h any data 06h any data 07h any data 08h any data 09h any data 0ah any data 0bh any data 0ch any data 0dh any data 0eh any data 0fh any data 10h any data 11h any data 12h any data 13h any data 14h any data 15h any data 16h any data 17h any data 18h any data 19h any data 1ah any data 1bh any data 1ch any data 1dh any data 1eh any data 1fh any data note 1: atr: answer to reset. the lsi sends back the atr data after receiving a reset command or self reset. note 2: using the keys at 01h to 03h, access privileges can be set for the 64-byte blocks (enclosed by bold lines) from 04h to 1fh. a key area consists of 8 bytes. note 3: write to e 2 prom is performed in units of 16 bytes to addresses matching the page numbers above. the advantage of using this lsi is that it can be supplied as a single lsi for rfid allowing the user to configure peripherals (e.g. antennae, and reader/writers) so as to develop the desired system. however, because the peripheral environment may be highly user-specific, incompatibilities between the lsi and the user-configured environment (communications failures) may occur. please carry out sufficient research before using this lsi.
JT6N38S 2002-02-13 7 toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc.. the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk. the products described in this document are subject to the foreign exchange and foreign trade laws. the products described in this document contain components made in the united states and subject to export control of the u.s. authorities. diversion contrary to the u.s. law is prohibited. the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others. the information contained herein is subject to change without notice. 000707ed a restrictions on product use
|