Part Number Hot Search : 
6M4MX SG1731J SD02H TW0228A UPC8191K L20PF HP3700 AS2811
Product Description
Full Text Search
 

To Download G1402-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver: 1.5 apr 06, 2009 tel: 886-3-5788833 http://www.gmt.com.tw 1 g1402 global mixed-mode technology inc. dual output rail-to-rail, high slew-rate amplifiers features ? high performance class ab amplifier ? output rail-to-rail ? input common mode 0~5.7v ? low distortion ? low power consumption ? large output voltage swing ? excellent power supply ripple rejection ? 3.0v to 7v supply voltage range ? surface-mount package sop-8 applications ? sense amplifier ? portable stereo ? battery-powered equipment ? low power/low voltage applications ? set-up box audio hp or pre-driver applications general description the g1402 is an output rail-to-rail amplifier in the 8-pin sop package. it can operate from 3.0v to 7v single power supply or 1.5v to 3.5 dual power supplies. ac performance is excellent with 5mhz bandwidth, 6.5v/us slew-rate, 90db open loop gain, 55 degree phase margin and low distortion. the g1402 is a dual channel, low voltage, low power, and high performance amplifiers. the quiescent current is typically 1.5ma per amplifier @ 5v. the g1402 is available in sop-8 package. ordering information order number (pb free/green) marking temp. range package g1402p1uf g1402 -40 c to +85 c sop-8 note: p1: sop-8 u: tape & reel pin configuration typical application circuit outa sop-8 1 2 3 4 5 6 7 8 g1402 v dd outb inb- inb+ ina- ina+ v ss g1402 4 3 2 1 rl 2k outa ina+ + - + vdd 8 outa sop-8 1 2 3 4 5 6 7 8 g1402 v dd outb inb- inb+ ina- ina+ v ss g1402 4 3 2 1 rl 2k outa ina+ + - + vdd 8


▲Up To Search▲   

 
Price & Availability of G1402-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X