Part Number Hot Search : 
ADD8708 1000H ADD8708 SMB3EZ14 BZX84C27 R2M200 74AUP1G 25A00
Product Description
Full Text Search
 

To Download DIM2400ESS12-A000-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dim 2400ess12 - a000 single switch igbt module replaces ds5840 - 2 ds5840 - 3 august 2014 (ln 31870 ) caution: this device is sensitive to electrostatic discharge. users should follow esd handling procedures 1 / 8 www.dynexsemi.com features ? 10s short circuit withstand ? non punch through silicon ? isolated cu base with al 2 o 3 substrates ? lead free construction applications ? motor controllers ? traction drives the powerline range of high power modules includes half bridge, chopper, dua l, single and bi - directional switch configurations covering voltages from 1200v to 6500v and currents up to 2400a. the dim 2400e ss 12 - a000 is a single switch 12 00v, n - channel enhancement mode, insulated gate bipolar transistor (igbt) module. the igbt has a wide reverse bias safe operating area (rbsoa) plus 10s short circuit withstand. this device is optimised for traction drives and other applications requiring high thermal cycling capability. the module incorporates an electrically isolated base plate and low inductance construction enabling circuit designers to optimise circuit layouts and utilise grounded heat sinks for safety . ordering information order as: dim 2400e ss 12 - a000 note: when ordering, please use the complete part number key parameter s v ces 12 00v v ce(sat) * (typ) 2.2 v i c (max) 24 00 a i c(pk) (max) 48 00 a * measured at the power busbars, not the auxiliary terminals fig. 1 circuit configuration outline type code: e (see fig. 11 for further information) fig. 2 package 5(c) 4(e) 2(g) 1(e) 3(c) 8(e) 6(e) 7(c) 9(c)
dim2400ess12 - a000 2 /8 caution: this device is sensitive to electrostatic discharge. users should follow esd handling procedures. www.dyne xsemi.com absolute maximum ratings stresses above those listed under absolute maximum ratings may cause permanent damage to the device. in extreme conditions, as with all semiconductors, this may include potentially hazardous rupture of the package. appropriate safety precautions should always be followed. exposure to absolute maximum ratings may affect device reliability. t case = 25c unless stated otherwise symbol parameter test conditions max. units v ces collector - emitter voltage v ge = 0v 1200 v v ges gat e - emitter voltage 20 v i c continuous collector current t case = 85 c 24 00 a i c(pk) peak collector current 1ms, t case = 115 c 48 00 a p max max. transistor power dissipation t case = 25 c , t j = 150 c 20830 w i 2 t diode i 2 t value v r = 0, t p = 10ms, t j = 125 oc 9 00 ka 2 s v isol isolation voltage C per module commoned terminals to base plate. ac rms, 1 min, 50hz 25 00 v thermal and mechanical ratings internal insulation material: al 2 o 3 baseplate material: cu creepage distance: 33 mm clearance: 2 0 mm cti (comparative tracking index): > 600 symbol parameter test conditions min typ. max units r th(j - c) thermal resistance C th(j - c) thermal resistance C th(c - h) thermal resistance C j junction temperature transistor - - 150 c diode - - 125 c t stg storage temperature range - - 40 - 125 c s crew torque mounting C C C
dim2400ess12 - a000 caution: this device is sensitive to electrostatic discharge. users should follow esd handling procedures 3 / 8 www.dynexsemi.com electrical characteristics t case = 25 c unless stated otherwise. symbol parameter test conditions min typ max units i ces collector cut - off current v ge = 0v, v ce = v ces 3 ma v ge = 0v, v ce = v ces , t case = 125 c 75 ma i ges gate leakage current v ge = 20v, v ce = 0v 12 a v ge(th) gate threshold voltage i c = 12 0ma, v ge = v ce 4.5 5.5 6.5 v v ce(sat) collector - e mitter saturation voltage v ge = 15v, i c = 24 0 0a 2.2 2.8 v v ge = 15v, i c = 24 00a, t j = 125 c 2.6 3. 3 v i f diode forward current dc 24 00 a i fm diod e maximum forward current t p = 1ms 48 00 a v f diode forward voltage i f = 24 00a 2.1 2.4 v i f = 24 00a, t j = 125 c 2.1 2.4 v c ies input capacitance v ce = 25v, v ge = 0v, f = 1mhz 270 nf q g gate charge 15v 26 c c res reverse transfer capacitance v ce = 25v, v ge = 0v, f = 1mhz nf l m module inductance 10 nh r int internal transistor resistance 90 ? sc data short circuit current, i sc t j = 125c, v cc = 900v t p 10s, v ge 15v v ce (max) = v ces C l * x di/dt iec 60747 - 9 13500 a note: * l is the circuit inductance + l m
dim2400ess12 - a000 4 /8 caution: this device is sensitive to electrostatic discharge. users should follow esd handling procedures. www.dynexsemi.com electrical characteristics t case = 25c unless stated otherwise symbol parameter test conditions min typ. max units t d(off) turn - off delay time i c = 24 00a v ge = 15v v ce = 6 00v r g(on) = 1.0 ? r g(off) = 1.0 ? l s ~ 5 0nh 1370 n s t f fall time 230 ns e off turn - off energy loss 520 mj t d(on) turn - on delay time 250 ns t r rise time 230 ns e on turn - on energy loss 180 mj q rr diode reverse recovery charge i f = 24 00a v ce = 6 00v di f /dt = 95 00a/s 310 c i rr diode reverse recovery current 1000 a e rec diode reverse recovery energy 150 mj t case = 125c unless stated otherwise symbol parameter test conditions min typ. max units t d(off) turn - off delay time i c = 24 00a v ge = 15v v ce = 600v r g(on) = 1.0 ? r g(off) = 1.0 ? l s ~ 5 0 nh 1570 n s t f fall time 230 ns e off turn - off energy loss 600 mj t d(on) turn - on delay time 360 ns t r rise time 290 ns e on turn - on energy loss 200 mj q rr diode reverse recovery charge i f = 24 00a v ce = 6 00v di f /dt = 8 5 00a/s 540 c i rr diode reverse recovery current 1260 a e rec diode reverse recovery energy 260 mj
dim2400ess12 - a000 caution: this device is sensitive to electrostatic discharge. users should follow esd handling procedures 5 / 8 www.dynexsemi.com fig. 3 typical output characteristics fig. 4 typical output characteristics fig. 5 typical switching energy vs collec tor current fig. 6 typical switching energy vs gate resistance
dim2400ess12 - a000 6 /8 caution: this device is sensitive to electrostatic discharge. users should follow esd handling procedures. www.dynexsemi.com fig. 7 diode typical forward characteristics fig. 8 reverse bias safe operating area fig. 9 diode reverse bias safe operating area fig. 10 transient thermal impedanc e
dim2400ess12 - a000 caution: this device is sensitive to electrostatic discharge. users should follow esd handling procedures 7 / 8 www.dynexsemi.com package details for further package information, please visit our website or contact customer services. all dimensions in mm, unless stated otherwise. do not scale. nominal weight: 225 0g module outline type code: e fig. 11 module outline drawing screwing depth max. 16 screwing depth max. 8 6 x m8 3 x m4 dim....esm....... dim....ecm....... dfm....exm....... 7 external connection external connection 5(c) 7(c) 4(e) 6(e) 9(c) 8(e) external connection external connection 3(c) 2(g) 1(e) 7(c) 9(c) 6(e) 8(e) 5(c) 4(e) external connection external connection 3(c) 2(g) 1(e) 5(c) 7(c) 4(e) 6(e) 9(c) 8(e) 8 x 7 ? 57 0.1 171 0.15 190 0.5 20 0.1 40 0.2 124 0.1 140 0.5 79.4 0.2 41.25 0.2 20.25 0.2 61.5 0.3 61.5 0.3 13 0.2 5 0.2 38 0.5 5.2 0.2 40 0.2 28 0.5
dim2400ess12 - a000 8 /8 caution: this device is sensitive to electrostatic discharge. users should follow esd handling procedures. www.dynexsemi.com important information: this publication is provided for information only and not for resale. the products and information in this publication are intended for use by appropriately trained technical personnel. due to the diversity of p roduct applications, the information contained herein is provided as a general guide only and does not constitute any guarantee of suitability for use in a specific application . the user must evaluate the suitability of the product and the completeness of t he product data for the application. the user is responsible for product selection and ensuring all safety and any warning requirements are met. should additional product information be needed please contact customer service. although we have endeavoured to carefully compile the information in this publication it may contain inaccuracies or typographical errors. the information is provided without any warranty or guarantee of any kind. this publication is an uncontrolled document and is subject to change without notice. when referring to it please ensure that it is the most up to date version and has not been superseded. the products are not intended for use in applications where a failure or malfunction may cause loss of life, injury or damage to propert y. the user must ensure that appropriate safety precautions are taken to prevent or mitigate the consequences of a product failure or malfunction. the products must not be touched when operating because there is a danger of electrocution or severe burning . always use protective safety equipment such as appropriate shields for the product and wear safety glasses. even when disconnected any electric charge remaining in the product must be discharged and allowed to cool before safe handling using protective g loves. extended exposure to conditions outside the product ratings may affect reliability leading to premature product failure. use outside the product ratings is likely to cause permanent damage to the product. in extreme conditions, as with all semicond uctors, this may include potentially hazardous rupture, a large current to flow or high voltage arcing, resulting in fire or explosion. appropriate application design and safety precautions should always be followed to protect persons and property. produc t status & product ordering: we annotate datasheets in the top right hand corner of the front page, to indicate product status if it is not yet fully appr oved for production. the annotations are as follows: - target information: this is the most tentativ e form of information and represents a very preliminary specification. no actual design work on the product has been started. preliminary information: the product design is complete and final characterisation for vo lume production is in progress. the d atasheet represents the product as it is now understood but details may change. no annotation: the product has been approved for production and unless otherwise notified by dynex any product ordered will be supplied to the current version of the data sheet prevailing at the time of our order acknowledgement. all products and materials are sold and services provided subject to dynexs conditions of sale, which are available on request. any brand names and product names u sed in this publication are trademarks, registered trademarks or trade names of their respective owners. headquarters operations customer service dynex semiconductor ltd doddington road, lincoln, lincolnshire, ln6 3lf, united kingdom dynex semiconduct or ltd doddington road, lincoln, lincolnshire, ln6 3lf, united kingdom fax: +44(0)1522 500550 fax: +44(0)1522 500020 tel: +44(0)1522 500500 tel: +44(0)1522 502753 / 502901 web: http://www.dynexsemi.com email: power_solutions@dynexsemi.com ? dyne x semiconductor ltd . 2005 . technical documentation C not for resale.


▲Up To Search▲   

 
Price & Availability of DIM2400ESS12-A000-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X