Part Number Hot Search : 
BUV41 00104 KA22427 PI74FCT 001140 LA733Q 5KE18CA 20012
Product Description
Full Text Search
 

To Download BAT83S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 2 features    @ t a = 25  c unless otherwise specified features     mechanical data a a b c d do-35 dim min max a 25.40  b  4.00 c  0.60 d  2.00 all dimensions in mm component in accordance to rohs 2002/95/ec lead (pb)-free component very low switching time low forward voltage drop low leakage current low capacitance integrated protection ring against static discharge and weee 2002/96/ec     case: do35 glass case weight: approx. 125 mg cathode band color: black packaging codes/options: tr/10 k per 13" reel (52 mm tape), 50 k/box tap/10 k per ammopack (52 mm tape), 50 k/box parameter test condition part symbol value unit reverse voltage bat81s v r 40 v bat82s v r 50 v BAT83S v r 60 v forward continuous current i f 30 ma peak forward surge current t p 10 ms i fsm 500 ma repetitive peak forward current t p 1 s i frm 150 ma parameter test condition symbol min ty p. max unit forward voltage i f = 0.1 ma v f 330 mv i f = 1 ma v f 410 mv i f = 15 ma v f 1000 mv reverse current v r = v rmax i r 200 na diode capacitance v r = 1 v, f = 1 mhz c d 1.6 pf bat81s-BAT83S 150ma surface mount small signal schottky diodes maximum ratings and electrical characteristics
2 of 2 figure 1. max. reverse power dissipation vs. junction temperature figure 2. reverse current vs. junction temperature 0 2 4 6 8 10 12 14 25 50 75 100 125 150 t j - j u nction temperat u re (c) 15794 v r = 60 v p r - re v erse po w er dissipation (m w ) r thja = 540 k/ w p r v r - limit at 100 % p r - limit at 100 % v r p r - limit at 8 0 % v r 0.1 100 1000 25 50 75 100 125 150 1 10 15795 v r = v rrm i - re v erse c u rrent (a) r t j - j u nction temperat u re (c) figure 3. forward current vs. forward voltage figure 4. diode capacitance vs. reverse voltage 0 0.5 1 1.5 2.0 i - for w ard c u rrent (ma) v f - for w ard v oltage ( v ) 15796 f t j = 25 c t j = 125 c 0.1 1 10 100 1000 0.01 0 0.2 0.4 0.6 0. 8 1.0 1.2 1.4 1.6 1. 8 2.0 0.1 1 10 100 v r - re v erse v oltage ( v ) 15797 c d - diode capacitance (pf) f = 1 mhz


▲Up To Search▲   

 
Price & Availability of BAT83S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X