spec no: dsao4527 rev no: v.1a date: aug/01/2015 page: 1 of 6 approved: wynec checked: allen liu drawn: m.liu erp: 1203015151 2.0x1.25mm smd chip led lamp part number: APHBM2012LSURKSYKC hyper red super bright yellow features z 2.0mmx1.25mm smd led, 0.45mm max. thickness. z bi -color, low power consumption. z wide viewing angle. z ideal for backlight and indicator. z package : 2000pcs / reel. z moisture sensitivity level : level 3. z low current if=2ma operating. z rohs compliant. descriptions z the hyper red source color devices are made with al gainp on gaas s ubstrate light emitting diode. z the super bright yellow device is made with algainp (on gaas substrat e) light emitting diode chip. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.1(0.004") unless otherwise noted. 3. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice . 4. the device has a single mounting surface. the devi ce must be mounted according to the specifications.
spec no: dsao4527 rev no: v.1a date: aug/01/2015 page: 2 of 6 approved: wynec checked: allen liu drawn: m.liu erp: 1203015151 selection guide absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c note: 1. 1/10 duty cycle, 0.1ms pulse width. part no. emitting color (material) lens type iv (mcd) [2] @ 2ma v iewing angle [1] min. typ. 2 1/2 APHBM2012LSURKSYKC hyper red (algainp) water clear 10 20 120 *2 *10 6 10 *6 *10 super bright yellow (algainp) symbol parameter emitting color typ. max. units test conditions peak peak wavelength hyper red super bright yellow 645 590 nm i f =2ma d [1] dominant wavelength hyper red super bright yellow 630 590 nm i f =2ma ? 1/2 spectral line half-width hyper red super bright yellow 28 20 nm i f =2ma c capacitance hyper red super bright yellow 35 20 pf v f =0v;f=1mhz v f [2] forward voltage hyper red super bright yellow 1.75 1.85 2.1 2.1 v i f =2ma i r reverse current hyper red super bright yellow 10 10 ua v r = 5v min. 1.5 1.5 parameter hyper red super bright yellow units power dissipation 63 63 mw dc forward current 30 30 ma peak forward current [1] 185 175 ma reverse voltage 5 v operating temperature -40c to +85c storage temperature -40c to +85c notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 of the optical peak value. 2. luminous intensity / luminous flux: +/-15%. * luminous intensity value is traceable to the cie127-2007 compliant national standards. notes: 1. wavelength: +/-1nm. 2. forward voltage: +/-0.1v. 3. wavelength value is traceable to the cie127-2007 compliant national standards. 4. excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradat ion or premature failure.
spec no: dsao4527 rev no: v.1a date: aug/01/2015 page: 3 of 6 approved: wynec checked: allen liu drawn: m.liu erp: 1203015151 APHBM2012LSURKSYKC hyper red
spec no: dsao4527 rev no: v.1a date: aug/01/2015 page: 4 of 6 approved: wynec checked: allen liu drawn: m.liu erp: 1203015151 super bright yellow
spec no: dsao4527 rev no: v.1a date: aug/01/2015 page: 5 of 6 approved: wynec checked: allen liu drawn: m.liu erp: 1203015151 APHBM2012LSURKSYKC reflow soldering is recommended and the soldering profile is shown below. other soldering methods are not recommended as they might cause damage to the product. recommended soldering pattern (units : mm; tolerance: 0.1) reel dimension tape dimensions (units : mm)
spec no: dsao4527 rev no: v.1a date: aug/01/2015 page: 6 of 6 approved: wynec checked: allen liu drawn: m.liu erp: 1203015151 packing & label specifications APHBM2012LSURKSYKC terms and conditions for the usage of this document 1. the information included in this docum ent reflects representative usage scenarios and is intended for technical reference on ly. 2. the part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. before production usage customer should refer to the latest datasheet for the updated specifications. 3. when using the products referenced in this document, please make sure the produc t is being operated within the environmental and electrical limits specified in the dat asheet. if customer usage exceeds the spec ified limits, kingbright will not be respon sible for any subsequent issues. 4. the information in this document applies to typical usage in consumer electronics applicati ons. if customer's application ha s special reliability requirements or have life-threatening liabilitie s, such as automotive or m edical usage, please consult with kingbright representative for further assistance. 5. the contents and information of this document may not be reproduced or re-transmitted without permission by kingbright. 6. all design applications should refer to kingbright application notes available at http://www.kingbrightusa.com/applicationnotes
|