Part Number Hot Search : 
CA9011 KBPC10XX AK4536VN IRFZ4 LBN09019 E130A MD7540 KSMF2N60
Product Description
Full Text Search
 

To Download APBD3224LZGKSYKC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsao4555 rev no: v.2b date: sep/25/2015 page: 1 of 6 approved: wynec checked: allen liu drawn: m.liu erp: 1203015163 3.2x2.4mm smd chip led lamp attention observe precautions for handling electrostatic discharge sensitive devices part number: APBD3224LZGKSYKC green super bright yellow features z 3.2x2.4mm smd led, 2.4mm thickness. z low power consumption. z ideal for backlight and indicator. z package : 1500pcs / reel. z moisture sensitivity level : level 3. z low current if=2ma operating. z rohs compliant. descriptions z the green source color devices are made with ingan on sapphire light emitting diode. z the super bright yellow device is made with algainp (on gaas substrate) light emitting diode chip. z electrostatic discharge and power surge coul d damage the leds. z it is recommended to use a wrist band or anti- electrostatic gl ove when handling the leds. z all devices, equipments and machineries must be electrically grounded. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.1(0.004") unless otherwise noted. 3. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice . 4. the device has a single mounting surface. the devi ce must be mounted according to the specifications. green yellow
spec no: dsao4555 rev no: v.2b date: sep/25/2015 page: 2 of 6 approved: wynec checked: allen liu drawn: m.liu erp: 1203015163 selection guide absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c note: 1. 1/10 duty cycle, 0.1ms pulse width. part no. emitting color (material) lens type iv (mcd) [2] @ 2ma v iewing angle [1] min. typ. 2 1/2 APBD3224LZGKSYKC green (ingan) water clear 50 150 super bright yellow (algainp) 20 50 20 symbol parameter emitting color typ. max. units test conditions peak peak wavelength green super bright yellow 515 590 nm i f =2ma d [1] dominant wavelength green super bright yellow 525 590 nm i f =2ma ? 1/2 spectral line half-width green super bright yellow 35 20 nm i f =2ma c capacitance green super bright yellow 45 20 pf v f =0v;f=1mhz v f [2] forward voltage green super bright yellow 2.65 1.85 3.1 2.1 v i f =2ma i r reverse current green super bright yellow 50 10 ua v r = 5v min. 2.2 1.5 parameter green super bright yellow units power dissipation 77.5 63 mw dc forward current 25 30 ma peak forward current [1] 150 175 ma reverse voltage 5 v operating temperature -40c to +85c storage temperature -40c to +85c electrostatic dischar ge threshold (hbm) 450 - v notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 of the optical peak value. 2. luminous intensity/ luminous flux: +/-15%. 3. luminous intensity value is traceable to the cie127-2007 compliant national standards. notes: 1. wavelength: +/-1nm. 2. forward voltage: +/-0.1v. 3. wavelength value is traceable to the cie127-2007 compliant national standards. 4. excess driving current and/or operating temperature higher t han recommended conditions may result in severe light degradatio n or premature failure.
spec no: dsao4555 rev no: v.2b date: sep/25/2015 page: 3 of 6 approved: wynec checked: allen liu drawn: m.liu erp: 1203015163 APBD3224LZGKSYKC green
spec no: dsao4555 rev no: v.2b date: sep/25/2015 page: 4 of 6 approved: wynec checked: allen liu drawn: m.liu erp: 1203015163 super bright yellow
spec no: dsao4555 rev no: v.2b date: sep/25/2015 page: 5 of 6 approved: wynec checked: allen liu drawn: m.liu erp: 1203015163 APBD3224LZGKSYKC reflow soldering is recommended and the soldering profile is shown below. other soldering methods are not recommended as they might cause damage to the product. recommended soldering pattern (units : mm; tolerance: 0.1) reel dimension tape dimensions (units : mm)
spec no: dsao4555 rev no: v.2b date: sep/25/2015 page: 6 of 6 approved: wynec checked: allen liu drawn: m.liu erp: 1203015163 packing & label specifications APBD3224LZGKSYKC terms and conditions for the usage of this document 1. the information included in this docum ent reflects representative usage scenarios and is intended for technical reference on ly. 2. the part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. before production usage customer should refer to the latest datasheet for the updated specifications. 3. when using the products referenced in this document, please make sure the produc t is being operated within the environmental and electrical limits specified in the dat asheet. if customer usage exceeds the spec ified limits, kingbright will not be respon sible for any subsequent issues. 4. the information in this document applies to typical usage in consumer electronics applicati ons. if customer's application ha s special reliability requirements or have life-threatening liabilitie s, such as automotive or m edical usage, please consult with kingbright representative for further assistance. 5. the contents and information of this document may not be reproduced or re-transmitted without permission by kingbright. 6. all design applications should refer to kingbright application notes available at http://www.kingbrightusa.com/applicationnotes


▲Up To Search▲   

 
Price & Availability of APBD3224LZGKSYKC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X