Part Number Hot Search : 
MAX475 00TTS 68HC91 GA271 00130 18F66 TSP190SC 100N055
Product Description
Full Text Search
 

To Download 74AVC16245-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74avc16245 is a 16-bit transceiver feat uring non-inverting 3-state bus compatible outputs in both send and receive directions. the device features tw o output enable inputs (noe ) for easy cascading and two send/receive inputs (ndir) for direction control. inputs noe control the outputs so that the buses are effectively isolated. this device can be used as two 8-bit transceivers or one 16-bit transceiver. the 74avc16245 is designed to have an extremely fast propagation delay and a minimum amount of power consumption. to ensure the high-impedance output state du ring power-up or power-down, tie pins noe to v cc through a pull-up resistor (live insertion). a dynamic controlled output (dco) circuitry is implemented to support termination line drive during transient (see figure 4 and figure 5 ) 2. features and benefits ? wide supply voltage range from 1.2 v to 3.6 v ? complies with jedec standards: ? jesd8-7 (1.2 v to 1.95 v) ? jesd8-5 (1.8 v to 2.7 v) ? jesd8-1a (2.7 v to 3.6 v) ? cmos low power consumption ? input/output tolerant up to 3.6 v ? dynamic controlled output (dco) circuit dynamically changes output impedance, resulting in noise reduction without speed degradation ? low inductance multiple vcc and gnd pins to minimize noise and ground bounce ? supports live insertion 3. ordering information 74avc16245 16-bit transceiver with directio n pin; 3.6 v tolerant; 3-state rev. 3 ? 31 january 2013 product data sheet table 1. ordering information type number package temperature range name description version 74avc16245dgg ? 40 ? c to +85 ? c tssop48 plastic thin shrink small outline package; 48 leads; body width 6.1 mm sot362-1
74avc16245 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 2 of 15 nxp semiconductors 74avc16245 16-bit transceiver with direction pin; 3.6 v tolerant; 3-state 4. functional diagram fig 1. logic symbol 1dir 1b0 1b1 1b2 1b3 1b4 1b5 1b6 1b7 2b0 2b1 2b2 2b3 2b4 2b5 2b6 2b7 1a0 1a1 1a2 1a3 1a4 1a5 1a6 1a7 2a0 2a1 2a2 2a3 2a4 2a5 2a6 2a7 1oe 2dir 2oe 001aaa789
74avc16245 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 3 of 15 nxp semiconductors 74avc16245 16-bit transceiver with direction pin; 3.6 v tolerant; 3-state fig 2. iec logic symbol g3 g6 3en1[ba] 6en1[ba] 3en2[ab] 6en2[ab] 1a0 2a1 2a0 2a2 2a3 2a4 2a5 2a6 2a7 2b1 2b2 2b3 2b4 2b5 2b6 2b7 1oe 1dir 001aaa790 1a1 1a2 1a3 1a4 1a5 1a6 1a7 1b0 2b0 1b1 1b2 1b3 1b4 1b5 1b6 1b7 5 4 2 1 2oe 2dir
74avc16245 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 4 of 15 nxp semiconductors 74avc16245 16-bit transceiver with direction pin; 3.6 v tolerant; 3-state 5. pinning information 5.1 pinning fig 3. pin configuration  
       
         
              
         
                                                                     
74avc16245 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 5 of 15 nxp semiconductors 74avc16245 16-bit transceiver with direction pin; 3.6 v tolerant; 3-state 5.2 pin description 6. functional description [1] h = high voltage level; l = low voltage level; x = don?t care; z = high-impedance off-state. 7. limiting values [1] the input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] above 60 ? c, the value of p tot derates linearly with 5.5 mw/k. table 2. pin description symbol pin description 1dir, 2dir 1, 24 direction control input 1b0 to 1b7 2, 3, 5, 6, 8, 9, 11, 12 data input/output 2b0 to 2b7 13, 14, 16, 17, 19 , 20, 22, 23 data input/output gnd 4, 10, 15, 21, 28, 34, 39, 45 ground (0 v) v cc 7, 18, 31, 42 supply voltage 1oe , 2oe 48, 25 output enable input (active low) 1a0 to 1a7 47, 46, 44, 43, 41 , 40, 38, 37 data input/output 2a0 to 2a7 36, 35, 33, 32, 30 , 29, 27, 26 data input/output table 3. function table [1] inputs outputs noe ndir nan nbn l l a = b inputs l h inputs b = a hxz z table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +4.6 v i ik input clamping current v i < 0 v ? 50 - ma v i input voltage [1] ? 0.5 +4.6 v i ok output clamping current v o < 0 v ? 50 - ma v o output voltage output high or low [1] ? 0.5 v cc + 0.5 v output 3-state [1] ? 0.5 +4.6 v i o output current v o =0v tov cc - ? 50 ma i cc supply current - 100 ma i gnd ground current ? 100 - ma t stg storage temperature ? 65 +150 ?c p tot total power dissipation t amb = ? 40 ? c to +125 ?c [2] -500 mw
74avc16245 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 6 of 15 nxp semiconductors 74avc16245 16-bit transceiver with direction pin; 3.6 v tolerant; 3-state 8. recommended operating conditions 9. static characteristics table 5. recommended operating conditions symbol parameter conditions min typ max unit v cc supply voltage according to jedec low voltage standards 1.4 - 1.6 v 1.65 - 1.95 v 2.3 - 2.7 v 3.0 - 3.6 v for low-voltage applications 1.2 - 3.6 v v i input voltage 0 - 3.6 v v o output voltage output high or low 0 - v cc v output 3-state 0 - 3.6 v t amb ambient temperature in free air ? 40 - +85 ?c ? t/ ? v input transition rise and fall rate v cc = 1.4 v to 1.6 v 0 - 40 ns/v v cc = 1.65 v to 1.95 v 0 - 30 ns/v v cc = 2.3 v to 3.0 v 0 - 20 ns/v v cc = 3.0 v to 3.6 v 0 - 10 ns/v table 6. static characteristics at recommended operating conditions. volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ [1] max unit t amb = ? 40 ? c to +85 ?c v ih high-level input voltage v cc = 1.2 v v cc --v v cc = 1.4 v to 1.6 v 0.65 ? v cc 0.9 - v v cc = 1.65 v to 1.95 v 0.65 ? v cc 0.9 - v v cc = 2.3 v to 2.7 v 1.7 1.2 - v v cc = 3.0 v to 3.6 v 2.0 1.5 - v v il low-level input voltage v cc = 1.2 v - - gnd v v cc = 1.4 v to 1.6 v - 0.9 0.35 ? v cc v v cc = 1.65 v to 1.95 v - 0.9 0.35 ? v cc v v cc = 2.3 v to 2.7 v - 1.2 0.7 v v cc = 3.0 v to 3.6 v - 1.5 0.8 v v oh high-level output voltage v i = v ih or v il i o = ? 100 ? a; v cc = 1.65 v to 3.6 v v cc ? 0.20 v cc -v i o = ? 3 ma; v cc = 1.4 v v cc ? 0.35 v cc ? 0.21 - v i o = ? 4ma; v cc = 1.65 v v cc ? 0.45 v cc ? 0.25 - v i o = ? 8ma; v cc = 2.3 v v cc ? 0.55 v cc ? 0.37 - v i o = ? 12 ma; v cc = 3.0 v v cc ? 0.70 v cc ? 0.47 - v
74avc16245 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 7 of 15 nxp semiconductors 74avc16245 16-bit transceiver with direction pin; 3.6 v tolerant; 3-state [1] all typical values are measured at t amb =25 ? c. 9.1 graphs v ol low-level output voltage v i = v ih or v il i o =100 ? a; v cc = 1.65 v to 3.6 v - gnd 0.20 v i o =3 ma; v cc = 1.4 v - 0.22 0.35 v i o =4ma; v cc = 1.65 v - 0.24 0.45 v i o =8ma; v cc = 2.3 v - 0.38 0.55 v i o =12ma; v cc = 3.0 v - 0.53 0.70 v i i input leakage current v i =v cc or gnd; v cc = 1.4 v to 3.6 v - 0.1 2.5 ? a i off power-off leakage current v i or v o =3.6v; v cc = 0.0 v - ? 0.1 ? 10 ? a i oz off-state output current v i =v ih or v il ; v o =v cc or gnd v cc = 1.4 v to 2.7 v - 0.1 5 ? a v cc = 3.0 v to 3.6 v - 0.1 10 ? a i cc supply current v i =v cc or gnd; i o = 0 a v cc = 1.4 v to 2.7 v - 0.1 20 ? a v cc = 3.0 v to 3.6 v - 0.2 40 ? a c i input capacitance - 5.0 - pf table 6. static characteristics ?continued at recommended operating conditions. volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ [1] max unit fig 4. output voltage as a function of the high-level output current. fig 5. output voltage as a function of the low-level output current.    

      
  

       
          
74avc16245 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 8 of 15 nxp semiconductors 74avc16245 16-bit transceiver with direction pin; 3.6 v tolerant; 3-state 10. dynamic characteristics [1] t pd is the same as t plh and t phl . t en is the same as t pzl and t pzh . t dis is the same as t plz and t phz . [2] typical values are measured at t amb =25 ? c and v cc = 1.2 v, 1.5 v, 1.8 v, 2.5 v and 3.3 v respectively. [3] c pd is used to determine the dynamic power dissipation (p d in ? w). p d =c pd ? v cc 2 ? f i ? n+ ? (c l ? v cc 2 ? f o ) where: f i = input frequency in mhz; f o = output frequency in mhz c l = output load capacitance in pf v cc = supply voltage in volts n = number of inputs switching ? (c l ? v cc 2 ? f o ) = sum of the outputs. table 7. dynamic characteristics voltages are referenced to gnd (ground = 0 v). for test circuit see figure 8 . symbol parameter conditions ? 40 ? c to +85 ?c unit min typ [2] max t pd propagation delay nan to nbn; nbn to nan; see figure 6 [1] v cc = 1.2 v - 2.8 - ns v cc = 1.4 v to 1.6 v - 1.8 - ns v cc = 1.65 v to 1.95 v 0.7 1.8 3.0 ns v cc = 2.3 v to 2.7 v 0.6 1.3 1.9 ns v cc = 3.0 v to 3.6 v 0.5 1.1 1.7 ns t en enable time noe to nan, nbn; see figure 7 [1] v cc = 1.2 v - 5.9 - ns v cc = 1.4 v to 1.6 v - 3.9 - ns v cc = 1.65 v to 1.95 v 1.4 3.3 6.5 ns v cc = 2.3 v to 2.7 v 1.0 2.4 4.5 ns v cc = 3.0 v to 3.6 v 0.7 2.0 3.7 ns t dis disable time noe to nan, nbn; see figure 7 [1] v cc = 1.2 v - 6.9 - ns v cc = 1.4 v to 1.6 v - 4.8 - ns v cc = 1.65 v to 1.95 v 2.2 3.7 6.0 ns v cc = 2.3 v to 2.7 v 1.1 2.0 4.2 ns v cc = 3.0 v to 3.6 v 1.2 2.2 3.7 ns c pd power dissipation capacitance per input; v i =gndtov cc [3] outputs enabled - 42 - pf outputs disabled - 2 - pf
74avc16245 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 9 of 15 nxp semiconductors 74avc16245 16-bit transceiver with direction pin; 3.6 v tolerant; 3-state 11. waveforms measurement points are given in table 8 . logic levels: v ol and v oh are typical output voltage levels that occur with the output load. fig 6. the input (nan, nbn) to output (nbn, nan) propagation delays mna477 nan, nbn input nbn, nan output t phl t plh gnd v i v m v m v oh v ol measurement points are given in table 8 . logic levels: v ol and v oh are typical output voltage levels that occur with the output load. fig 7. 3-state enable and disable times mna362 t plz t phz outputs disabled outputs enabled v y v x outputs enabled output low-to-off off-to-low output high-to-off off-to-high noe input v i v ol v oh v cc v m gnd gnd t pzl t pzh v m v m table 8. measurement points supply voltage v m input v cc v i t r =t f v x v y 1.2 v 0.5 ? v cc v cc ? 2ns v ol + 0.15 v v oh ? 0.15 v 1.4 v to 1.6 v 0.5 ? v cc v cc ? 2ns v ol + 0.15 v v oh ? 0.15 v 1.65 v to 1.95 v 0.5 ? v cc v cc ? 2ns v ol + 0.15 v v oh ? 0.15 v 2.3 v to 2.7 v 0.5 ? v cc v cc ? 2ns v ol + 0.15 v v oh ? 0.15 v 3.0 v to 3.6 v 0.5 ? v cc v cc ? 2ns v ol + 0.3 v v oh ? 0.3 v
74avc16245 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 10 of 15 nxp semiconductors 74avc16245 16-bit transceiver with direction pin; 3.6 v tolerant; 3-state test data is given in table 9 . definitions for test circuit: r l = load resistance. c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to output impedance z o of the pulse generator. v ext = external voltage for measuring switching times. fig 8. test circuit for measuring switching times v m v m t w t w 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % t f t r t r t f 001aae331 v ext v cc v i v o dut c l r t r l r l g table 9. test data supply voltage input load v ext v i t r , t f c l r l t plh , t phl t plz , t pzl t phz , t pzh 1.2 v v cc ? 2 ns 15 pf 2 k ? open 2 ? v cc gnd 1.4 v to 1.6 v v cc ? 2 ns 15 pf 2 k ? open 2 ? v cc gnd 1.65 v to 1.95 v v cc ? 2 ns 30 pf 1 k ? open 2 ? v cc gnd 2.3 v to 2.7 v v cc ? 2ns 30pf 500 ? open 2 ? v cc gnd 3.0 v to 3.6 v v cc ? 2ns 30pf 500 ? open 2 ? v cc gnd
74avc16245 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 11 of 15 nxp semiconductors 74avc16245 16-bit transceiver with direction pin; 3.6 v tolerant; 3-state 12. package outline fig 9. package outline sot362-1 (tssop48) unit a 1 a 2 a 3 b p cd (1) e (2) eh e ll p qz ywv references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.2 0.1 8 0 o o 0.1 dimensions (mm are the original dimensions). notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. sot362-1 99-12-27 03-02-19 w m a a 1 a 2 d l p q detail x e z e c l x (a ) 3 0.25 12 4 48 25 y pin 1 index b h 1.05 0.85 0.28 0.17 0.2 0.1 12.6 12.4 6.2 6.0 0.5 1 0.25 8.3 7.9 0.50 0.35 0.8 0.4 0.08 0.8 0.4 p e v m a a tssop48: plastic thin shrink small outline package; 48 leads; body width 6.1 mm sot362-1 a max. 1.2 0 2.5 5 mm scale mo-153
74avc16245 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 12 of 15 nxp semiconductors 74avc16245 16-bit transceiver with direction pin; 3.6 v tolerant; 3-state 13. abbreviations 14. revision history table 10. abbreviations acronym description cmos complementary metal-oxide semiconductor dut device under test ttl transistor-transistor logic table 11. revision history document id release date data sheet status change notice order number supersedes 74avc16245 v.3 20130131 product data sheet - - 74avc16245 v.2 modifications: ? the format of this data sheet has been redesigned to comply with the new identity guidelines of nxp semiconductors. ? legal texts have been adapted to t he new company name where appropriate. 74avc16245 v.2 19991115 product specification - - 74avc16245 v.1 74avc16245 v.1 19981211 pr oduct specification - - -
74avc16245 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 13 of 15 nxp semiconductors 74avc16245 16-bit transceiver with direction pin; 3.6 v tolerant; 3-state 15. legal information 15.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 15.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 15.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such info rmation. nxp semiconductors takes no responsibility for the content in this document if provided by an information source outside of nxp semiconductors. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors and its suppliers accept no liability for inclusion and/or use of nxp semiconducto rs products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
74avc16245 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 14 of 15 nxp semiconductors 74avc16245 16-bit transceiver with direction pin; 3.6 v tolerant; 3-state export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from competent authorities. non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. translations ? a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 15.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 16. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors 74avc16245 16-bit transceiver with direction pin; 3.6 v tolerant; 3-state ? nxp b.v. 2013. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 31 january 2013 document identifier: 74avc16245 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 17. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 1 4 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 5 pinning information . . . . . . . . . . . . . . . . . . . . . . 4 5.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 5.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 5 6 functional description . . . . . . . . . . . . . . . . . . . 5 7 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5 8 recommended operating conditions. . . . . . . . 6 9 static characteristics. . . . . . . . . . . . . . . . . . . . . 6 9.1 graphs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 10 dynamic characteristics . . . . . . . . . . . . . . . . . . 8 11 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 12 package outline . . . . . . . . . . . . . . . . . . . . . . . . 11 13 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 12 14 revision history . . . . . . . . . . . . . . . . . . . . . . . . 12 15 legal information. . . . . . . . . . . . . . . . . . . . . . . 13 15.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 13 15.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 15.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 15.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 14 16 contact information. . . . . . . . . . . . . . . . . . . . . 14 17 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15


▲Up To Search▲   

 
Price & Availability of 74AVC16245-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X