Part Number Hot Search : 
TLMW3146 L3JU40 MD7540 F31BL18 SOP123 T138A R2025 10020
Product Description
Full Text Search
 

To Download 30P1200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general data nominal sensing distance sn 30 mm nominal sensing distance sn adjustable 5 ... 30 mm mounting type non-fush gnd electrode no temperature drift 15 % (+10 ... +70 c) sensitivity adjustment potentiometer, 18 turn output indicator led yellow electrical data voltage supply range +vs 10 ... 30 vdc current consumption max. (no load) 20 ma output circuit pnp make function (no) output current < 200 ma voltage drop vd < 1,5 vdc switching frequency < 50 hz short circuit protection yes reverse polarity protection yes mechanical data type cylindrical threaded housing material pbt dimension 30 mm housing length 72 mm connection types cable, 2 m ambient conditions operating temperature -25 ... +75 c protection class ip 67/65 (sensing face/sensor) photo connection diagram output +v s pnp bu (3) bn (1) bk (4) z 0 v dimension drawing po t le d sw 36 58 72 m30 x 1, 5 feld of application detection of non-conductive media yes fll level detection through container yes liquids in direct contact yes object detection / bulk goods yes 9/1/2014 cfak 30P1200 cfak 30P1200 capacitive proximity sensors capacitive proximity sensors www.baumer.com


▲Up To Search▲   

 
Price & Availability of 30P1200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X