Part Number Hot Search : 
2N7627UC AN970 BC860CL LC72711W ZL40814 2045C 4744A 1N5264UR
Product Description
Full Text Search
 

To Download 2SC4957 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet caution observe precautions when handling because these devices are sensitive to electrostatic discharge. t h e informati on in t his d o cume n t i s s ubject to change w ith out n oti c e . b e f o re u s i ng thi s d o c u m e nt, pleas e c o n firm that thi s i s the l ate st v e rsi on. n o t a ll d e vices /ty p e s a v ailab l e in eve r y c o unt r y . pl eas e c hec k wit h loc a l nec compound semic o nduc t or d e v ice s rep r e s e nta t i ve fo r a vai labil ity and a ddit ional i n f ormat ion. npn silicon rf transistor ne68539 / 2SC4957 npn epitaxial silicon rf transistor for high-frequency low-noise amplification 4-pin minimold the mark shows major revised points. document no. pu10520ej01v0ds (1st edition) (previous no. p10379ej2v0ds00) date published september 2004 cp(k) features ? low noise, high gain ? low voltage operation ? low reverse transfer capacitance c r e = 0.3 pf typ. ? 4-pin minimold package orderi ng i n formati on m r o f g n i y l p p u s y t i t n a u q r e b m u n t r a p 2SC4957 50 pcs (non reel) 2SC4957-t1 3 kpcs/reel ? 8 mm wide embossed taping ? pin 3 (base), pin 4 (emitter) face to perforation side of the tape remark to order evaluation samples, contact your nearby sales office. t he u nit sample quantity is 50 pcs. absolute maxi mum rati n gs (t a = +25 c) parameter symbol ratings unit collector to base voltage v cb o 9 v collector to emitter voltage v ce o 6 v emitter to base voltage v ebo 2 v i t n e r r u c r o t c e l l o c c 30 ma total power dissipation p tot n ot e 180 mw junction temperature t j 150 c storage temperature t s tg ?65 to +150 c note free air
data sheet pu10520ej01v0ds 2 2SC4957 electri cal characterist i cs ( t a = +25 c) parameter symbol test conditions min. typ. max. unit s c i t s i r e t c a r a h c c d collector cut-off current i cb o v cb = 5 v, i e = 0 ma ? ? 100 na emitter cut-off current i ebo v e b = 1 v, i c = 0 ma ? ? 100 na h n i a g t n e r r u c c d f e n ote 1 v ce = 3 v, i c = 1 0 ma 75 ? 150 ? s c i t s i r e t c a r a h c f r gain bandwidth product f t v ce = 3 v, i c = 10 ma ? 1 2 ? g hz inserti on power gai n ? s 21e ? 2 v ce = 3 v, i c = 10 ma, f = 2.0 ghz 9 11 ? db v f n e r u g i f e s i o n ce = 3 v, i c = 3 ma, f = 2.0 ghz ? 1.5 2.5 db reverse transfer capacitance c r e n ote 2 v cb = 3 v, i e = 0 ma, f = 1.0 mhz ? 0.3 0.5 pf notes 1. pulse measurement: pw 350 s, duty cycle 2 % 2 . collector to base capacit ance when the emitter grounded h f e classi fi cati on rank t83 marking t83 h f e value 75 to 150 ne68539 /
data sheet pu10520ej01v0ds 3 2SC4957 typi cal characteristi cs (t a = +25 c, unless otherwise specified) collector current i c (ma) collector to emitter voltage v ce (v) collector current vs. collector to emitter voltage dc current gain h fe collector current i c (ma) collector current dc current gain vs. gain bandwidth product f t (ghz) collector current i c (ma) vs. collector current gain bandwidth product total power dissipation p tot (mw) ambient temperature t a (?c) total power dissipation vs. ambient temperature reverse transfer capacitance c re (pf) collector to base voltage v cb (v) vs. collector to base voltage reverse transfer capacitance collector current i c (ma) base to emitter voltage v be (v) collector current vs. base to emitter voltage 200 100 0 50 100 150 1 8 0 m w free air 0.1 0.5 0.2 0.3 0.4 0.5 1 2 5 10 20 f = 1 m h z 50 40 30 20 10 0 0.5 1.0 v ce = 3 v 60 0 1 5 0 0 a 4 0 0 a 3 0 0 a 2 0 0 a i b = 1 0 0 a 50 40 30 20 10 23456 0.1 200 100 0 0.2 0.5 1 2 5 10 20 50 100 v c e = 3 v v c e = 5 v 14 0.5 12 10 8 6 4 2 1 2 5 10 20 50 v c e = 1 v f = 2 g h z v c e = 3 v v c e = 5 v remark t he g raphs indicate nominal characteris tics . ne68539 /
data sheet pu10520ej01v0ds 4 2SC4957 collector current i c (ma) insertion power gain vs. collector current insertion power gain |s 21e | 2 (db) collector current i c (ma) noise figure vs. collector current noise figure nf (db) 1 12 v c e = 1 v 10 8 6 4 2 5 10 20 50 f = 2 g h z v c e = 3 v v c e = 5 v 4 0.5 3 2 1 0 1 2 5 10 20 50 f = 2 g h z v ce = 3 v remark the graphs indicate nominal charac terist ic s. s-parameters s-parameters/noise parameters are provided on the nec compound semiconductor devices web site in a form (s2p) that enables direct import to a microwave circuit simulator without keyboard input. click here to download s-parameters. [rf and microwave] [device parameters] url http://www.ncsd.necel.com/ ne68539 /
data sheet pu10520ej01v0ds 5 2SC4957 package di mensi ons 4-pi n mi ni mold package (uni t: mm) 1. collector 2. emitter 3. base 4. emitter pin connections t83 2.90.2 (1.8) (1.9) 0.95 2 1 3 4 0.85 0.6 +0.1 ?0.06 0.4 +0.1 ?0.05 0.4 +0.1 ?0.05 0.4 +0.1 ?0.05 2.8 +0.2 ?0.3 1.5 +0.2 ?0.1 5? 5? 0.8 0.16 +0.1 ?0.06 0 to 0.1 1.1 +0.2 ?0.1 5? 5? ne68539 /


▲Up To Search▲   

 
Price & Availability of 2SC4957

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X