Part Number Hot Search : 
1M10V4 KK33035 1N4758 DTC115G BZX9733 TXN0512 TTPH96K3 CS1213
Product Description
Full Text Search
 

To Download XN01112G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 publication date: march 2009 sjj00426aed composite transistors this product complies with the rohs directive (eu 2002/95/ec). XN01112G silicon pnp epitaxial planar type for switching/digital circuits features ? two elements incorporated into one package (emitter-coupled transistors with built-in resistor) ? reduction of the mounting area and assembly cost by one half basic part number ? unr2112 2 absolute maximum ratings t a = 25 c parameter symbol conditions min typ max unit collector-base voltage (emitter open) v cbo i c = ? 10 a, i e = 0 ? 50 v collector-emitter voltage (base open) v ceo i c = ? 2 ma, i b = 0 ? 50 v collector-base cutoff current (emitter open) i cbo v cb = ? 50 v, i e = 0 ? 0.1 a collector-emitter cutoff current (base open) i ceo v ce = ? 50 v, i b = 0 ? 0.5 a emitter-base cutoff current (collector open) i ebo v eb = ? 6 v, i c = 0 ? 0.2 ma forward current transfer ratio h fe v ce = ? 10 v, i c = ? 5 ma 60 ? h fe ratio * h fe(small v ce = ? 10 v, i c = ? 5 ma 0.50 0.99 ? /large) collector-emitter saturation voltage v ce(sat) i c = ? 10 ma, i b = ? 0.3 ma ? 0.25 v output voltage high-level v oh v cc = ? 5 v, v b = ? 0.5 v, r l = 1 k ?? 4.9 v output voltage low-level v ol v cc = ? 5 v, v b = ? 2.5 v, r l = 1 k ?? 0.2 v input resistance r 1 ? 30% 22 + 30% k ? resistance ratio r 1 / r 2 0.8 1.0 1.2 ? transition frequency f t v cb = ? 10 v, i e = 1 ma, f = 200 mhz 80 mhz electrical characteristics t a = 25 c 3 c note) 1. measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. 2. * : ratio between 2 elements 2 (c2) tr1 tr2 (e) 4 1 (c1) (b1) 5 (b2) 3 r1 (22 k ?) r2 (22 k ?) r1 (22 k ?) r2 (22 k ?) parameter symbol rating unit collector-base voltage (emitter open) v cbo ? 50 v collector-emitter voltage (base open) v ceo ? 50 v collector current i c ? 100 ma total power dissipation p t 300 mw junction temperature t j 150 c storage temperature t stg ? 55 to + 150 c package ? code mini5-g2 ? pin name 1: collector (tr1) 4: emitter 2: collector (tr2) 5: base (tr1) 3: base (tr2) marking symbol: 7k internal connection maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
XN01112G 2 sjj00426aed this product complies with the rohs directive (eu 2002/95/ec). h fe ? i c c ob ? v cb i o ? v in p t ? t a i c ? v ce v ce(sat) ? i c v in ? i o 0 160 40 120 80 0 500 200 400 100 300 total power dissipation p t ( mw ) ambient temperature t a ( c ) 0 0 ? 12 ? 2 ? 10 ? 4 ? 8 ? 6 ? 40 ? 120 ? 80 ? 160 collector-emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c i b = ? 1.0 ma ? 0.9ma ? 0.8ma ? 0.7ma ? 0.6ma ? 0.5ma ? 0.4ma ? 0.3ma ? 0.2ma ? 0.1ma ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 ? 1 100 200 300 400 ? 10 ? 100 ? 1 000 forward current transfer ratio h fe collector current i c ( ma ) v ce = ? 10 v t a = 75 c 25 c ? 25 c 0 ? 0.1 6 5 4 3 2 1 ? 1 ? 10 ? 100 collector output capacitance (common base, input open circuited) c ob (pf) collector-base voltage v cb (v) f = 1 mhz i e = 0 t a = 25 c ? 1 ? 0.4 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 1.4 ? 1.2 ? 1.0 ? 0.8 ? 0.6 output current i o ( a ) input voltage v in ( v ) v o = ? 5 v t a = 25 c ? 0.01 ? 0.1 ? 0.1 ? 1 ? 10 ? 100 ? 1 ? 10 ? 100 input voltage v in ( v ) output current i o ( ma ) v o = ? 0.2 v t a = 25 c maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
XN01112G 3 sjj00426aed this product complies with the rohs directive (eu 2002/95/ec). mini5-g2 unit: mm 2.90 +0.20 ? 0.05 1.9 0.1 1.50 +0.25 ? 0.05 0.30 +0.10 ? 0.05 2.8 +0.2 ? 0.3 0.4 0.2 (0.65) 1.1 +0.2 ? 0.1 1.1 +0.3 ? 0.1 0 to 0.1 0.13 +0.05 ? 0.02 21 3 (0.95) (0.95) 5 4 6 8 maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products. no license is granted in and to any intellectual property right or other right owned by panasonic corporation or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the prod- ucts may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of our company. 20080805 maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/


▲Up To Search▲   

 
Price & Availability of XN01112G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X