Part Number Hot Search : 
M66244FP 00208 IC16F1 BC808 ISL8801 IN74ACT B2014RU ON0315
Product Description
Full Text Search
 

To Download SSD20N10-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente ssd20n10-130d 17a , 90v , r ds(on) 130m ? n-ch enhancement mode power mosfet 15-jun-2012 rev. b page 1 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. a c d n o p g e f h k j m b to-252(d-pack) rohs compliant product a suffix of ?-c? specifies halogen free description these miniature surface mount mosfet utilize a high cell density trench process to provide low r ds(on) and to ensure minimal power loss and heat dissipation. features ? low r ds(on) provides higher efficiency and extends battery life ? low thermal impedance copper leadframe to-252 saves board space ? fast switching speed ? high performance trench technology application dc-dc converters and power management in portable and battery-powered products such as computers, printers, pcmcia cards, cellular and cordless telephones. package information package mpq leader size to-252 2.5k 13 inch absolute maximum ratings (t a =25c unless otherwise specified) parameter symbol rating unit drain-source voltage v ds 90 v gate-source voltage v gs 20 v continuous drain current 1 t a =25c i d 17 a pulsed drain current 2 i dm 70 a continuous source current (diode conduction) 1 i s 42 a total power dissipation 1 t a =25c p d 50 w operating junction and st orage temperature range t j , t stg -55~175 c thermal resistance rating maximum thermal resistance junction-ambient 1 r ja 40 c / w maximum thermal resistance junction-case r jc 3 c / w note: 1. surface mounted on 1? x 1? fr4 board. 2. pulse width limited by maximum junction temperature ? ? gate ? ? source ? ? drain millimete r millimete r ref. min. max. ref. min. max. a 6.35 6.80 j 2.30 ref. b 5.20 5.50 k 0.64 0.90 c 2.15 2.40 m 0.50 1.1 d 0.45 0.58 n 0.9 1.65 e 6.8 7.5 o 0 0.15 f 2.40 3.0 p 0.43 0.58 g 5.40 6.25 h 0.64 1.20
elektronische bauelemente ssd20n10-130d 17a , 90v , r ds(on) 130m ? n-ch enhancement mode power mosfet 15-jun-2012 rev. b page 2 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics (t a =25 c unless otherwise specified) parameter symbol min. typ. max. unit teat conditions static gate-threshold voltage v gs(th) 1.0 - - v v ds =v gs, i d =250 a gate-body leakage i gss - - 100 na v ds =0, v gs =20v - - 1 v ds =80v, v gs =0 zero gate voltage drain current i dss - - 25 a v ds =80v, v gs =0, t j =55c on-state drain current 1 i d(on) 30 - - a v ds =5v, v gs =10v - - 130 v gs =10v, i d =8.5a drain-source on-resistance 1 r ds(on) - - 160 m ? v gs =4.5v, i d =7.5a forward transconductance 1 g fs - 15 - s v ds =15v, i d =8.5a diode forward voltage v sd - 1.03 - v i s =21a, v gs =0 dynamic 2 input capacitance c iss - 398 - output capacitance c oss - 43 - reverse transfer capacitance c rss - 34 - pf v gs =0 v ds =15v f =1.0mhz total gate charge q g - 4.9 - gate-source charge q gs - 1.9 - gate-drain charge q gd - 2.3 - nc v ds =50v v gs =4.5v i d =8.5a turn-on delay time t d(on) - 4 - rise time t r - 6 - turn-off delay time t d(off) - 19 - fall time t f - 7 - ns v ds =50v i d =8.5a v gen =10v r l =3.7 ? r gen =6 ? notes: 1. pulse test pulse width Q 300 s, duty cycle Q 2 . 2. guaranteed by design, not subject to production testing.
elektronische bauelemente ssd20n10-130d 17a , 90v , r ds(on) 130m ? n-ch enhancement mode power mosfet 15-jun-2012 rev. b page 3 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves
elektronische bauelemente ssd20n10-130d 17a , 90v , r ds(on) 130m ? n-ch enhancement mode power mosfet 15-jun-2012 rev. b page 4 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of SSD20N10-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X