Part Number Hot Search : 
KF458 MO86751B 1067206 FQS4903 PJS6601 16010 2N1489 IRLU024
Product Description
Full Text Search
 

To Download SBR2040CTFP-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sbr2040 document number: ds30973 rev. 7 - 2 1 of 5 www.diodes.com july 2012 ? diodes incorporated sbr2040ct sbr2040ctfp sbr is a registered trademark of diodes incorporated. 20a sbr ? super barrier rectifier features ? low forward voltage drop ? excellent high temperature stability ? patented super barrier rectifier technology ? soft, fast switching capability ? lead-free finish; rohs compliant (notes 1 & 2) ? also available in green molding compound ? halogen and antimony free. ?green? device (note 3) ? mechanical data ? case: to-220ab, ito-220ab ? case material: molded plastic, ul flammability classification rating 94v-0 ? terminals: matte tin finish annealed over copper leadframe. solderable per mil-std-202, method 208 ? weight: to-220ab ? 1.85 grams (approximate) ito-220ab ? 1.65 grams (approximate) ordering information (notes 4 & 5) part number case packaging pb lead-free sbr2040ct to-220ab 50 pieces/tube sbr2040ct-g to-220ab 50 pieces/tube pb lead-free sbr2040ctfp ito-220ab 50 pieces/tube SBR2040CTFP-G ito-220ab 50 pieces/tube sbr2040ctfp-jt-g ito-220ab (alternate) 50 pieces/tube notes: 1. eu directive 2002/95/ec (rohs) & 2011/65/eu (roh s 2) compliant. all applicable rohs exemptions applied. 2. see http://www.diodes.com for more in formation about diodes incorpor ated?s definitions of halogen- and antimony-free, "gree n" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm br omine, <900ppm chlorine (<1500ppm t otal br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our webs ite at http://www.diodes.com/datasheets/ap02007.pdf. 5. for green molding compound version part numbers, add "-g" suffix to part number abov e. examples: sbr2040ct-g. marking information to-220ab top view ito-220ab top view package pin out configuration to-220ab bottom view ito-220ab bottom view sbr2040ctfp = product type marking code a b = foundry and assembly code yyww = date code marking yy = last two digits of year (ex: 06 = 2006) ww = week (01 - 53) sbr2040ct = product type marking code a b = foundry and assembly code yyww = date code marking yy = last two digits of year (ex: 06 = 2006) ww = week (01 - 53) yyww ab sbr2040ctfp sbr2040ct yyww ab
sbr2040 document number: ds30973 rev. 7 - 2 2 of 5 www.diodes.com july 2012 ? diodes incorporated sbr2040ct sbr2040ctfp sbr is a registered trademark of diodes incorporated. maximum ratings (per leg) (@t a = +25c, unless otherwise specified.) single phase, half wave, 60hz, re sistive or inductive load. for capacitance load, derate current by 20%. characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v rm 40 v average rectified output current per device (per leg) i o 20 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 120 a peak repetitive reverse surge current (2s-1khz) i rrm 2 a isolation voltage (ito-220ab only) from terminal to heatsink t = 3sec. v ac 2000 v thermal characteristics (per leg) characteristic symbol value unit typical thermal resistance package = to-220ab package = ito-220ab r jc 2 4 oc/w operating and storage temperature range t j , t stg -65 to +150 oc electrical character istics (per leg) (@t a = +25c, unless otherwise specified.) note: 6. short duration pulse test used to minimize self-heating effect. characteristic symbol min typ max unit test condition forward voltage drop v f ? ? 0.43 0.53 0.48 v i f = 10a, t j = +25oc i f = 10a, t j = +125oc leakage current (note 6) i r ? ? 0.5 100 ma v r = 40v, t j = +25oc v r = 40v, t j = +125oc
sbr2040 document number: ds30973 rev. 7 - 2 3 of 5 www.diodes.com july 2012 ? diodes incorporated sbr2040ct sbr2040ctfp sbr is a registered trademark of diodes incorporated. 0.00 0.01 0.1 1 10 100 0 100 200 300 400 500 600 700 v , instantaneous forward voltage (mv) f v , instantaneous forward current (a) f t = 25c j t = 85c j t = 150c j t = 125c j t = -55c j figure 1 current derating curve, per element figure 2 typical forward characteristics, per element 0.1 1 10 100 0 10 20 30 40 v r , instantaneous reverse voltage (v) i r , instantaneous reverse current (ma) t j =150c t j =25c t j =125c t j =75c figure 3 typical reverse characteristics, per element
sbr2040 document number: ds30973 rev. 7 - 2 4 of 5 www.diodes.com july 2012 ? diodes incorporated sbr2040ct sbr2040ctfp sbr is a registered trademark of diodes incorporated. package outline dimensions ito-220ab dim min typ max a 4.50 4.70 4.90 a1 3.04 3.24 3.44 a2 2.56 2.76 2.96 b 0.50 0.60 0.75 b1 1.10 1.20 1.35 c 0.50 0.60 0.70 d 15.67 15.87 16.07 d1 8.99 9.19 9.39 e 2.54 e 9.91 10.11 10.31 l 9.45 9.75 10.05 l1 15.80 16.00 16.20 p 2.98 3.18 3.38 q 3.10 3.30 3.50 all dimensions in mm to-220ab dim min typ max a 3.56 - 4.82 a1 0.51 - 1.39 a2 2.04 - 2.92 b 0.39 0.81 1.01 b2 1.15 1.24 1.77 c 0.356 - 0.61 d 14.22 - 16.51 d1 8.39 - 9.01 e 2.54 e1 5.08 e 9.66 - 10.66 h1 5.85 - 6.85 l 12.70 - 14.73 l1 - - 6.35 p 3.54 - 4.08 q 2.54 - 3.42 all dimensions in mm ito-220ab (alternate) dim min max a 4.36 4.77 a1 2.54 3.10 a2 2.54 2.80 b 0.55 0.75 b1 1.20 1.50 c 0.38 0.68 d 14.50 15.50 d1 8.38 8.89 e 2.41 2.67 e 9.72 10.27 l 9.87 10.67 l1 15.8 17.00 p 3.08 3.39 q 2.60 3.00 all dimensions in mm 5 5 5 5 10 e q d d1 l1 3 x b1 3 x b 2 x e l ? p a a1 a2 c 123 a a1 c d e l b e1 b2 p h1 q l1 a2 e seating plane d1 16.00 0.20* *guaranteed by to-220ab leadframe design a a1 d1 a2 c e b b1 l l1 d q e ? p
sbr2040 document number: ds30973 rev. 7 - 2 5 of 5 www.diodes.com july 2012 ? diodes incorporated sbr2040ct sbr2040ctfp sbr is a registered trademark of diodes incorporated. important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated a nd all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2012, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of SBR2040CTFP-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X