Part Number Hot Search : 
AME7702 ATA7601 FP800 1N5534 S1T8501 GC20DH XR1002 T20N60
Product Description
Full Text Search
 

To Download SBR2040-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fea tures mechanical da t a units v typ for capacitive load, derate current by 20%. e numb er maximum recurrent peak reverse voltage working peak reverse voltage maximum dc blocking voltage maximum average forward rectified current (per leg) peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage (i = 10 20 180 10 10 amps,t = 25 c, per leg) maximum dc reverse current ta=25 c at rated dc blocking voltage t a=100 c typical junction capacitance (note1) 0.5 15 v v a a v ma pf typical thermal resistance ? (note 2) -5 0 +150 -65 +175 operating storage temperature range temperature range c c c /w sb r 2040 40 f f maximum instantaneous forward voltage (i = amps,t = 125 c, per leg) f f 450 0.59 ~ ~ symb ol o o o (per device) r ja voltage rate of chance (rated v r ) v rrm v rsm v dc i f i fsm v f i r c j dv/dt 10000 t j t stg v/us notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. thermal resistance junction to case. maximum ratings and electrical chara cteristics rating 25 c ambient temperature unless otherwise specified. single phase half wave, 60hz, resistive or inductive load. * low forward voltage drop * high current capability * high reliability * high surge current capability * epitaxial construction * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: lead solderable per mil-std-202, method 208 guaranteed * polarity: as marked * mounting position: any * weight: 2.24 grams(approximately) a n y c h a n g i n g o f s p e c i f i c a t i o n w i l l n o t b e i n f o r m e d i n d i v i d u a l sbr 2040 v o l t a g e 40 v .0amp schottky barrier rectifiers 2 0 http://www.secosgmbh.com elektronische bauelemente 1 1-jun-2010 rev.b p a g e 1 o f 2 to-220 dimensions in inches and (millimeters) .412 .248 .180 .050 .120 .158 .595 .550 .100 .051 .040 .108 (10.5) (6.3) (4.6) (1.27) (3.05) (4.0) (15.1) (14.0) (2.54) (1.3) (1.0) (2.75) max. max. max. min. max. max. 3.8 +.2 hole thru + pin 1 pin 3 pin 2 case rohs compliant product a suf fix of "-c" specifies halogen & lead-free 40 40 2.5
a n y cha n gi n g o f s pe cifica t i o n w il l n ot be i nf orm e d indivi d u a rating and characteristic curves http: //www.s ecos gm bh .com elektronische bauelemente p a g e 2 o f 2 tc, case temperature ( ) average forward current (a): pe r leg typical forward current derating curve 0 5 10 15 20 50 100 150 190 junction capacitance (pf) revise voltage (%) t y p ical junction ca p acitance 0 200 400 600 800 0.1 1 10 100 maximum non- repetitive forward surge current number of cycles at 60hz peak forwad surge current (a) 0 40 80 120 160 200 0 10 100 8.3ms single half sine wave jedec method tj=25 0.2 0.1 1 10 50 instantaneous forwar d current (a) , p er leg forward voltage (v) typical forward characteristic 0.3 0.4 0.5 0.6 0.7 0.8 25 100 50 75 0.001 0.01 0.1 1 10 40 10 20 30 50 1 reverse voltage(v) typical reverse characteristic r e v e r s e c u r r e n t ( m a ) 100 75 50 25 sbr 2040 v o l t a g e 40 v .0amp schottky barrier rectifiers 2 0 1 1-jun-2010 rev.b


▲Up To Search▲   

 
Price & Availability of SBR2040-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X