Part Number Hot Search : 
000MT 000MT CDRH4 CFR105 1N5937B DT5C143E N80C3 01089
Product Description
Full Text Search
 

To Download RFPA1012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 11 functional block diagram rf micro devices?, rfmd?, optimum technology matching?, enabling wireless connectivity?, powerstar?, polaris? total radio? and ultimateblue? are trademarks of rfmd, llc. bluetooth is a trade- mark owned by bluetooth sig, inc., u.s.a. and licensed for use by rfmd. all other trade names, trademarks and registered tradem arks are the property of their respective owners. ?2012, rf micro devices, inc. product description 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . ordering information nc vbias vref nc rfin 2 3 4 nc rfout/vcc nc 1 7 6 5 8 RFPA1012 gaas hbt 400mhz to 2700mhz power amplifier the RFPA1012 is a gaas hbt linear power amplifier specifically designed for wire- less infrastructure applications. using a hi ghly reliable gaas hbt fabrication pro- cess, this high performance single-stage am plifier achieves ultra-high linearity over a broad frequency range. it also offers low noise figure making it an excellent solu- tion for 2nd and 3rd stage lnas. features ? high linearity: oip3 = 44dbm at 900mhz ? low noise: nf = 3.5db at 900mhz ? low dc power: 5v, 90ma ? 400mhz to 2700mhz operation applications ? gaas pre-driver for base station amplifiers ? pa stage for commercial wireless infrastructure ? class ab operation for dcs, pcs, umts, and wifi transceiver applications ? 2nd/3rd stage lna for wireless infrastructure ds150622 package style: dfn, 8-pin, 2mm x 2mm RFPA1012 gaas hbt 400mhz to 2700mhz power ampli- fier RFPA1012sq sample bag with 25 pieces RFPA1012sr 7? sample reel with 100 pieces RFPA1012tr7 7? reel with 2500 pieces RFPA1012pck-411 860mhz to 960mhz pcba with 5-piece sample bag RFPA1012pck-412 2110mhz to 2170mhz pcba with 5-piece sample bag
2 of 11 RFPA1012 ds150622 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . absolute maximum ratings parameter rating unit supply voltage (v cc and v bias )6 . 5v reference current (i ref )5m a dc supply current (i c ) 256 ma cw input power, 2:1 output vswr 23 dbm output load vswr at p3db 5:1 operating junction temperature (t j )1 6 0 c operating temperature range (t l ) -40 to +105 c storage temperature -55 to +150 c esd rating: human body model (hbm) class 1b moisture sensitvity level msl 1 notes: 1. the maximum ratings must all be met simultaneously. 2. p diss = p dc + p rfin - p rfout 3. t j = t l + p diss * r th parameter specification unit condition min. typ. max. 860mhz to 960mhz v cc = 5.0v, v ref = 5.0v, i cq = 90ma, t = 25c frequency 860 960 mhz evaluation circuit gain (s21) 16 db oip3 44 dbm 6dbm/tone, tone spacing = 1mhz p1db 25 dbm input return loss (s11) 16 db output return loss (s22) 11 db noise figure 3.5 db t = 25c 2110mhz to 2170mhz v cc = 5.0v, v ref = 5.0v, i cq = 90ma, t = 25c frequency 2110 2170 mhz evaluation circuit gain (s21) 13.9 db oip3 42 dbm 6dbm/tone, tone spacing = 1mhz p1db 22.5 dbm input return loss (s11) 11 db output return loss (s22) 11 db noise figure 3.2 db t = 25c power supply operating current (quiescent) 90 ma at v cc = 5.0v operating voltage (v cc ) 5.0 6.0 v max recommended collector voltage thermal resistance (r th ) 93.5 c/w at quiescent current, no rf power down current 10 ? aat v ref = 0v caution! esd sensitive device. exceeding any one or a combination of the absolute maximum rating conditions may cause permanent damage to the device. ex tended application of absolute maximum rating conditions to the device may reduce device reliability. specified typical perfor- mance or functional operation of the devi ce under absolute maximum rating condi- tions is not implied. the information in this publication is believed to be accurate and reliable. however, no responsibility is assumed by rf micro devices, inc. ("rfmd") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. no license is granted by implication or otherwise under any patent or patent rights of rfmd. rfmd reserves the right to change component circuitry, recommended appli- cation circuitry and specifications at any time without prior notice. rfmd green: rohs compliant per eu directive 2002/95/ec, halogen free per iec 61249-2-21, < 1000ppm each of antimony trioxide in polymeric materials and red phosphorus as a fl ame retardant, and <2% antimony in solder.
3 of 11 RFPA1012 ds150622 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . typical performance (860mhz to 960mhz application circuit) -40 -35 -30 -25 -20 -15 -10 -5 0 0.86 0.88 0.90 0.92 0.94 0.96 input return loss (db) frequency (ghz) input return loss versus frequency 85c 25c -40c 8 9 10 11 12 13 14 15 16 17 18 0.86 0.88 0.90 0.92 0.94 0.96 gain (db) frequency (ghz) gain versus frequency 85c 25c -40c -30 -25 -20 -15 -10 -5 0 0.86 0.88 0.90 0.92 0.94 0.96 isolation (db) frequency (ghz) isolation versus frequency 85c 25c -40c -30 -25 -20 -15 -10 -5 0 0.86 0.87 0.88 0.89 0.90 0.91 0.92 0.93 0.94 0.95 0.96 output return loss (db) frequency (ghz) output return versus frequency 85c 25c -40c -30 -25 -20 -15 -10 -5 0 0.86 0.88 0.90 0.92 0.94 0.96 output return loss (db) frequency (ghz) output return loss versus frequency 85c 25c -40c
4 of 11 RFPA1012 ds150622 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . typical performance (860mhz to 960mhz application circuit) 30 32 34 36 38 40 42 44 46 48 50 0.86 0.87 0.88 0.89 0.90 0.91 0.92 0.93 0.94 0.95 0.96 output ip3 (dbm) frequency (ghz) output ip3 versus frequency 85c 25c -40c 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 0.86 0.88 0.90 0.92 0.94 0.96 noise figure (db) frequency (ghz) noise figure versus frequency 85c 25c -40c 20 21 22 23 24 25 26 27 28 29 30 0.86 0.88 0.90 0.92 0.94 0.96 output p1db (dbm) frequency (ghz) output p1db versus frequency 85c 25c -40c 30 32 34 36 38 40 42 44 46 48 50 0.86 0.88 0.90 0.92 0.94 0.96 output ip3 (dbm) frequency (ghz) output ip3 versus frequency 85c 25c -40c
5 of 11 RFPA1012 ds150622 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . evaluation board schematic (860mhz to 960mhz application circuit) evaluation board build of materials (bom) (860mhz to 960mhz application circuit) description reference designator manufacturer manufacturer's p/n pcb, RFPA1012 rfmd RFPA1012411(a) RFPA1012 evaluation board u1 rfmd RFPA1012sb cap, 0.1f, 10%, 16v, x7r, 0402 c21 murata electronics grm155r71c104ka88d cap, 1f, 10%, 10v, x5r, 0402 c20 murata electronics grm155r61a105ke15d cap, 1000pf, 10%, 50v, x7r, 0402 c16, c18 murata electronics grm155r71h102ka01d cap, 0.5pf, +/-0.1pf, 50v, hi-q, 0402 c10 johanson technology 500r07s0r5bv4sd cap, 22pf, 5%, 50v, hi-q, 0402 c2, c11, c13 johanson technology 500r07s220jv4rd cap, 4.7pf, +/-0.25pf, 50v, hi-q, 0402 c5 johanson technology 500r07s4r7cv4td cap, 1.0pf, +/-0.1pf, 50v, hi-q, 0402 c6 johanson technology 500r07s1r0bv4sd cap, 1.5pf, +/-0.25pf, 50v, hi-q, 0402 c8 johanson technology 500r07s1r5cv4td ind, 7.5nh, +/-0.1nh, t/f, 0402 l1 murata electronics lqp15mn7n5b02d ind, 6.2nh, +/-0.1nh, t/f, 0402 l3 murata electronics lqp15mn6n2b02d ind, 33nh, 2%, t/f, 0402 l2, l4 murata electronics lqp15mn33ng02d ferrite bead, 260 ? , 2a, 0603 r1 murata electronics blm18eg221sn1d res, 2k, 5%, 1/16w, 0402 c1, r4 panasonic erj2gej202 res, 15 ? , 1%, 1/16w, 0402 r2 panasonic erj-2rkf15r0x res, 1.5k, 1%, 1/16w, 0402 r5 panasonic erj-2rkf1501x res, 100 ? , 1%, 1/10w, 0402 r6 panasonic erj-2rkf1000x do not place c3-c4, c7, c9, c12, c14-c15, c17, c19, r3 gnd 9 nc 1 rf_in 2 nc 3 nc 4 nc 5 vreg 6 rf_out 7 vbias 8 g n d n c r f_i n n c n c n c vre g r f _ ou t vbia s u1 pa1012 c6 1pf c5 4.7pf c2 22pf c18 1000pf r6 100 l2 33nh l3 6.2nh c14 22pf c8 1.5pf c10 0.5pf c11 22pf 1 2 p2 hdr_1x2 1 2 p1 j1 rfin j2 rfout c16 1000pf r5 1.5 k l1 7.5nh vreg vcc r1 260 ferrite r4 2k l4 33nh c21 0.1uf c20 1uf c1 2k r2 15
6 of 11 RFPA1012 ds150622 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . evaluation board assembly drawing (860mhz to 960mhz application circuit)
7 of 11 RFPA1012 ds150622 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . typical performance (2110mhz to 2170mhz application circuit) -40 -35 -30 -25 -20 -15 -10 -5 0 2.11 2.12 2.13 2.14 2.15 2.16 2.17 input return loss (db) frequency (ghz) input return loss versus frequency 85c 25c -40c 8 9 10 11 12 13 14 15 16 17 18 2.11 2.12 2.13 2.14 2.15 2.16 2.17 gain (db) frequency (ghz) gain versus frequency 85c 25c -40c -30 -25 -20 -15 -10 -5 0 2.11 2.12 2.13 2.14 2.15 2.16 2.17 isolation (db) frequency (ghz) isolation versus frequency 85c 25c -40c -30 -25 -20 -15 -10 -5 0 2.11 2.12 2.13 2.14 2.15 2.16 2.17 output return loss (db) frequency (ghz) output return versus frequency 85c 25c -40c
8 of 11 RFPA1012 ds150622 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . typical performance (2110mhz to 2170mhz application circuit) 30 32 34 36 38 40 42 44 46 48 50 2.11 2.12 2.13 2.14 2.15 2.16 2.17 output ip3 (dbm) frequency (ghz) output ip3 versus frequency 85c 25c -40c 20 21 22 23 24 25 26 27 28 29 30 2.11 2.12 2.13 2.14 2.15 2.16 2.17 output p1db (dbm) frequency (ghz) output p1db versus frequency 85c 25c -40c 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 2.11 2.12 2.13 2.14 2.15 2.16 2.17 noise figure (db) frequency (ghz) noise figure versus frequency 85c 25c -40c
9 of 11 RFPA1012 ds150622 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . evaluation board schematic (2110mhz to 2170mhz application circuit) evaluation board build of materials (bom) (2110mhz to 2170mhz application circuit) description reference designator manufacturer manufacturer's p/n pcb, pa1012-412 merix corporation RFPA1012-412(a) pa1012 u1 rfmd RFPA1012sb cap, 10pf, 5%, 50v, c0g, 0402 c2, c11, c23 johanson technology 500r07s100jv4td cap, 3.3pf, +/-0.1pf, 50v, hi-q, 0402 c5 johanson technology 500r07s3r3bv4td cap, 0.7pf, +/-0.1pf, 50v, hi-q, 0402 c6-c7 johanson technology 500r07s0r7bv4td cap, 2.4pf, +/-0.1pf, 50v, hi-q, 0402 c8 johanson technology 500r07s2r4bv4td cap, 1000pf, 10%, 50v, x7r, 0402 c18, c22 murata electronics grm155r71h102ka01e cap, 1f, 10%, 16v, x7r, 0603 c20 murata electronics grm188r71c105ka12d res, 0 ? , 0402 l1 kamaya, inc rmc1/16sjpth ind, 20nh, 5%, w/w, 0402 l2, r2 coilcraft, inc 0402cs-20nxjlw ind, 1.6nh, +/-0.1nh, t/f, 0402 l3 murata electronics lqp15mn1n6b02d fer, bead, 220 ? , 2a, 0603 r1 murata electronics blm18eg221sn1d res, 2k, 5%, 1/16w, 0402 c1, r4 panasonic industrial co. erj-2gej202 res, 1.5k, 1%, 1/16w, 0402 r5 panasonic industrial co. erj-2rkf1501x res, 100 ? , 1%, 1/10w, 0402 r6 panasonic industrial co. erj-2rkf1000x conn, hdr, st, plrzd, 2-pin, 0.100" p1-p2 itw pancon mpss100-2-c conn, sma, end lnch, flt, 0.062" j1-j2 emerson network power 142-0701-821 dnp c3-c4, c9-c10, c12-c17, c19, c21, l4, r3 gnd 9 nc 1 rf_in 2 nc 3 nc 4 nc 5 vreg 6 rf_out 7 vbias 8 gn d n c r f_ i n n c n c n c v re g r f _ ou t v bia s u1 pa1012 c6 0.7pf c5 3.3pf c2 10pf c18 1000pf r6 100 l2 20nh l3 1.6nh c7 0.7pf c8 2.4pf c11 10pf 1 2 p2 hdr_1x2 1 2 p1 j1 rfin j2 rfout r5 1.5k vreg vcc r1 260 ferrite r4 2k c20 1uf c1 2k r2 20nh c23 10pf c22 1000pf l1 0
10 of 11 RFPA1012 ds150622 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . evaluation board assembly drawing (2110mhz to 2170mhz application circuit)
11 of 11 RFPA1012 ds150622 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . package drawing dimensions in inches (millimeters) branding diagram yyww = date code where yy = year, ww = week. trace code = lot code assigned by packaging supplier. pin description table pin name description 1nc no internal connection 2rf in rf input. external dc block is required. 3nc no internal connection 4nc no internal connection 5nc no internal connection 6vref control input to the active bias circuit to set i cq . can be used as a power-down pin. 7rf out/vcc rf output, device collector. 8vbias supply voltage for the active bias circuit. epad gnd dc and rf ground. must be soldered to evb ground plane over a bed of vias for thermal and rf performance. pin 1 indicator


▲Up To Search▲   

 
Price & Availability of RFPA1012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X