Part Number Hot Search : 
CLE250 2C120 FQP18N20 THB227 IRF2903Z BC556 STF1080C BC556
Product Description
Full Text Search
 

To Download PJP9NA90 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p p jp9na90 / pjf9na90 / pjz9na90 april 21,2015 - rev.00 page 1 9 00 v n - c hannel mosfet v oltage 9 0 0 v c urrent 9 a ito - 220ab - f to - 220ab f eatures ? r ds(on) , v gs @10v,i d @ 4.5 a< 1.4 ? high switching speed ? improved dv/dt capability ? low gate charge ? low reverse trans fer capacitance ? lead free in compliance with eu rohs 2011/65/eu directive . ? green molding compound as per iec61249 std. (halogen free) m echanical data ? case : to - 220 ab , ito - 220ab - f , to - 3p l package ? terminals : solderable per mil - std - 750, method 2026 ? to - 220ab approx. weight : 0.065 ounces, 1.859 grams ? ito - 220ab - f approx. weight : 0.068 ounces, 1.945 grams ? to - 3pl approx. weight : 0.182 ounces, 5.174 grams m aximum r atings and t hermal c haracteristics (t a =25 o c unless otherwise noted) parameter symbol to - 220ab ito - 220ab - f to - 3p l units drain - source voltage v ds 900 v gate - source voltage v gs + 30 v continuous drain current i d 9 a pulsed drain current i dm 3 6 a single pulse avalanche energy (note 1 ) e as 823 mj power dissipation t c =25 o c p d 205 68 240 w derate above 25 o c 1.64 0.54 1.92 w/ o c operating junction and storage temperature range t j ,t stg - 55~150 o c typical thermal resistance - junction to case - j unction to ambient r jc ja 0.61 62.5 1.84 120 0.52 50 o c /w ? limited only by maximum junction temperature
p p jp9na90 / pjf9na90 / pjz9na90 april 21,2015 - rev.00 page 2 e lectrical c haracteristics (t a =25 o c unless otherwise noted) parameter symbol test condition min. typ. max. units static drain - source breakdown voltage b v dss v gs =0v,i d =250ua 9 00 - - v gate threshold voltage v gs(th) v ds =v gs ,i d =250ua 2 - 4 v drain - source on - state resistance r ds(on) v gs =10v,i d = 4.5 a - 1.1 1.4 dss v ds = 9 00v,v gs =0v - 0.03 1 .0 ua gate - source leakage current i gss v gs = + 30v,v ds =0v - + 10 + 100 na diode forward voltage v sd i s = 9 a,v gs =0v - - 1.4 v dynamic (note 4 ) total gate charge q g v ds = 720 v, i d = 9 a, v gs =10v (note 2,3 ) - 3 1 - nc gate - source charge q gs - 8 - gate - drain charge q gd - 1 2 - input capacitance cis s v ds =25v, v gs =0v, f=1.0mhz - 1634 - pf output capacitance coss - 143 - reverse transfer capacitance crss - 7.1 - turn - on delay time td (on) v dd = 450 v, i d = 9 a, r g = 25 (note 2,3 ) - 2 2 - ns turn - on rise time t r - 3 1 - turn - off delay time td (off) - 56 - turn - off fall time t f - 3 1 - drain - source diode maximum continuous drain - source diode forward current i s --- - - 9 a maximum pulsed drain - source diode forw ard current i sm --- - - 3 6 a reverse recovery time trr v gs =0v, i s = 9 a di f / dt=100a/us (note 2 ) - 657 - ns reverse recovery charge qrr - 5.6 - uc notes : 1. l=30mh, i as = 7.1 a, v dd = 5 0 v, r g = 2 5 ohm, starting t j =25 o c 2. pulse width < 300us, duty cycle < 2% 3. essentially independent of operating temperature typical characteristics . 4. guaranteed by design, not subject to product ion testing
p p jp9na90 / pjf9na90 / pjz9na90 april 21,2015 - rev.00 page 3 t ypical characteristic curves fig.1 output characteristics fig. 2 transfer characteristics fig. 3 on - resistance vs. dr ain current fig. 4 on - resistance vs. junction temperature fig. 5 capacitance vs. drain - source voltage fig. 6 source - drain diode forward voltage
p p jp9na90 / pjf9na90 / pjz9na90 april 21,2015 - rev.00 page 4 t ypical characteristic curves fig. 7 gate charge fig. 8 bv dss vs. junction temperat ure fig. 9 threshold voltage variation with temperature fig. 10 maximum safe operating area fig. 11 maximum safe operating area fig. 1 2 maximum safe operating area
p p jp9na90 / pjf9na90 / pjz9na90 april 21,2015 - rev.00 page 5 t ypical characteristic curves fig. 13 PJP9NA90 normalized trans ient thermal impedance vs. pulse width fig. 14 pj f9 na9 0 normalized transient thermal impedance vs. pulse width fig. 15 pj z9 na9 0 normalized transient thermal impedance vs. pulse width
p p jp9na90 / pjf9na90 / pjz9na90 april 21,2015 - rev.00 page 6 packaging information . ito - 220ab - f dimension u nit: mm to - 220 ab dimension u nit: mm to - 3pl dimension u nit: mm
p p jp9na90 / pjf9na90 / pjz9na90 april 21,2015 - rev.00 page 7 part no packing code version part n o packing code package type packing type marking ver sion pj p9na90 _t0_00001 to - 220 ab 50pcs / tube p9na90 h alogen free pj f9na90 _t0_00001 ito - 220ab - f 50pcs / tube f9na90 halogen free pjz 9 n a90 _t0_10001 to - 3p l 30pcs / tube z 9 n a9 0 rohs
p p jp9na90 / pjf9na90 / pjz9na90 april 21,2015 - rev.00 page 8 disclaimer


▲Up To Search▲   

 
Price & Availability of PJP9NA90

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X