Part Number Hot Search : 
N4007 F20UP60D 300000 MCT2X ASI30217 JCF334H BUTW92 ZXMN4A06
Product Description
Full Text Search
 

To Download P6100-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  631 features 7. dc power input 8. t/s port 9. dvi (only for dvi-d) 1. exit 2. menu 3. sel- 4. sel+ 5. power led 6. power switch 10. vga 11. video (cvbs) 12. s-video p6100 10.4" svga tft industrial lcd monitor 10.4" tft 230 nits svga lcd nema 4/12 (ip65)- compliant panel mounting flat panel monitor resistive touchscreen supports full range screw-type (locked) ac-in or 24v dc-in (option) supports multi-signal inputs: vga, s-video, video and dvi-d supports panel mount, wall mount and vesa arm introduction specifications the p6100 is a slim & compact industrial lcd monitor equipped with 10.4-inch 230 nits brightness svga lcd display and supports multi-signal interfaces including dvi-d, vga, s-video, and video. featuring nema 4/12 & ip65 compliant front bezel, screw- type adaptor plug design, and 12/24v dc-in means it is fit for all kinds of industrial environments. moreover, the p6100 supports panel mount, wall mount or vesa fpmpmi (video electronics standards association flat panel monitor physical mounting interface) mounting. with the compact mechanism design, users can enjoy free from space constraint. this compact size industrial-grade flat panel monitor is ideal for varied industrial or commercial projects, such as transportation, poi, hmi, and even rugged environments. front bezel nema 4/12 (ip65)-compliant, metal front bezel mounting panel mounting, wall mounting or vesa fpmpmi mounting (video electronics standards association flat panel monitor physical mounting interface) lcd panel display type 10.4" tft svga lcd max. resolution 800 x 600 max. colors 16.2m/262k active area (mm) 211.2 x 158.4 pixel pitch (mm) 0.264 x 0.264 response time 35ms backlight led backlight mtbf 30,000 hrs viewing angle(h/v) 160/130 contrast ratio 500 (typ.) brightness (cd/m 2 ) 230 nits display control osd (on screen display) display mode vga 640 x 480 (60/72hz) svga 800 x 600 (60/72hz) side view 6 1 2 4 3 5 7 8 9 10 11 12 * all specifications and photos are subject to change without notice.
632 ordering information specifications optional accessories dimensions input signal vga video: r.g.b analog 0.7v peak-to-peak dvi (only for dvi-d) touchscreen: serial rs-232 or usb interface video (optional) s-video (optional) i/o connectors 1 x rs-232 or usb touchscreen version 1 x vga input 1 x dvi (only for dvi-d) 1 x screw-type dc power input 1 x rca for video (optional) 1 x s-video for video (optional) power adapter screw-type external ac / dc power adapter touchscreen thickness resistive: 2.2 mm light transmission resistive: 80% power consumption resistive: +5v @ 100ma touch life resistive: 35million touches controller interface: rs-232 or usb d-type 9-pin male connector or usb connector dimensions 294.2 mm (11.58") (w) x 46.6 mm (1.83") (d) x 231.2 mm (9.1") (h) packing dimensions 380 mm (14.96") (w) x 190 mm (7.48") (d) x 430 mm (16.93") (h) weight (net/gross) 2.6 kg (5.73 lb)/5.1 kg (11.24 lb) environment operating temperature: -10c ~ +60c (+14f ~ +140f) storage temperature: -30c ~ +80c (-22f ~ +176f) relative humidity: 20%~90%@40c, non-condensing certificate ce p6100 ac power panel mount monitor resistive p6100pr-ac-rs-v3-rc-us-eu resistive (usb) p6100pr-ac-u-v3-rc-us-eu glass p6100pg-ac-v3-rc-us-eu 24vdc power panel mount monitor resistive p6100pr-24vdc-rs-v3-rc resistive (usb) p6100pr-24vdc-u-v3-rc glass p6100pg-24vdc-v3-rc p6100l ac power panel mount monitor resistive (rs-232) p6100lpr-ac-rs-v3-rc-us-eu resistive (usb) p6100lpr-ac-u-v3-rc-us-eu glass p6100lpg-ac-v3-rc-us-eu 24vdc power panel mount monitor resistive p6100lpr-24v-dc-rs-v3-rc resistive (usb) p6100lpr-24v-dc-u-v3-rc glass p6100lpg-24v-dc-v3-rc * specification and certifications are based on options and may vary. arm-vm-101 vesa arm (clamp type) arm-vm-105 vesa arm (wall mount type) wall mounting & desktop stand stand kit various mounting ways: panel/wall/vesa phoenix-type power input overview fanless touch panel computers heavy-duty fanless touch panel computers industrial touch panel computers industrial touch panel monitors infotainment touch panel computers open frame panel computers healthcare & medical solutions accessories 4 axiomtek.com ? 2016 axiomtek co., ltd. all rights reserved. * all specifications and photos are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of P6100-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X