Part Number Hot Search : 
39311 SMCJ1 LC864328 QRD33 MS8GE YELLOW 2SD1336 GQM219
Product Description
Full Text Search
 

To Download P1200A-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p1200a ... p1200g p1200a ... p1200g silicon rectifier diodes silizium-gleichrichterdioden version 2012-10-01 dimensions - ma?e [mm] nominal current nennstrom 12 a repetitive peak reverse voltage periodische spitzensperrspannung 50...400 v plastic case kunststoffgeh?use ? 8 x 7.5 [mm] p600 style weight approx. gewicht ca. 1.3 g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert standard packaging taped in ammo pack standard lieferform gegurtet in ammo-pack maximum ratings grenzwerte type typ repetitive peak reverse voltage periodische spitzensperrspannung v rrm [v] surge peak reverse voltage sto?spitzensperrspannung v rsm [v] p1200a 50 50 p1200b 100 100 p1200d 200 200 p1200g 400 400 max. average forward rectified current, r-load dauergrenzstrom in einwegschaltung mit r-last t a = 50c i fav 12 a 1 ) repetitive peak forward current periodischer spitzenstrom f > 15 hz i frm 80 a 1 ) peak forward surge current, 50/60 hz half sine-wave sto?strom fr eine 50/60 hz sinus-halbwelle t a = 25c i fsm 400/450 a rating for fusing, t < 10 ms grenzlastintegral, t < 10 ms t a = 25c i 2 t 800 a 2 s junction temperature C sperrschichttemperatur at reduced reverse voltage bei reduzierter sperrspannung v r 80% v rrm v r 20% v rrm t j t j -50...+150c -50...+200c storage temperature C lagerungstemperatur t s -50...+175c 1 valid, if leads are kept at ambient temperature at a distance of 10 mm from case gltig, wenn die anschlussdr?hte in 10 mm abstand vom geh?use auf umgebungstemperatur gehalten werden ? diotec semiconductor ag http://www.diotec.com/ 1 type ? 0.05 1.2 ? 0.1 8 7 , 5 0 . 1 6 2 . 5 0 . 5
p1200a ... p1200g characteristics kennwerte forward voltage C durchlass-spannung t j = 25c t j = 25c i f = 5 a i f = 12 a v f v f < 0.84 v < 0.95 v leakage current C sperrstrom t j = 25c v r = v rrm i r < 10 a thermal resistance junction to ambient air w?rmewiderstand sperrschicht C umgebende luft r tha < 10 k/w 1 ) thermal resistance junction to leads w?rme widerstand sperrschicht C anschlussdraht r thl < 2 k/w 1 valid, if leads are kept at ambient temperature at a distance of 10 mm from case gltig, wenn die anschlussdr?hte in 10 mm abstand vom geh?use auf umgebungstemperatur gehalten werden 2 http://www.diotec.com/ ? diotec semiconductor ag 120 100 80 60 40 20 0 [%] i fav rated forward current versus ambient temperature ) zul. richtstrom in abh. von der umgebungstemp. ) 1 1 [c] t a 150 100 50 0 vr < 80% vrrm vr < 20% vrrm forward characteristics (typical values) durchlasskennlinien (typische werte) 10 10 10 1 10 3 2 -1 [a] i f 0.4 v f 0.8 1.0 1.2 1.4 [v] 1.8 t = 25c j t = 125c j 400a-(5a-0,8v)


▲Up To Search▲   

 
Price & Availability of P1200A-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X