Part Number Hot Search : 
VCH1622 R2060 GL34A TS32GSSD 284943 KVX2122 40011 OP05Z
Product Description
Full Text Search
 

To Download NL6EBX-DC110V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  201 nl-relays 6pdt flatpack 2amp dil relay nle amber relays mm inch 10.9 .429 25.4 1.000 32.4 1.276 features ? space saving dimensions 25.4 mm 32.4 mm 10.9 mm 1.000 inch 1.276 inch 0.429 inch ? latching types available ? low operating power 400 mw (single side stable) transistor compatible ? high breakdown voltage for transient protection 1,000 vrms between open contacts, contact sets, and 1,500 v fcc surge between open contacts ? soldering ?ux in?ow completely prevented specifications contacts ** 1 mbb contact types also available: 2 mbb, 4 mbb & 6 mbb ** 2 gold capped silver-palladium contact also available coil (polarized) (at 25 c 77 f ) remarks * speci?cations will vary with foreign standards certi?cation ratings. * 1 measurement at same location as "initial breakdown voltage" section * 2 detection current: 10 ma * 3 excluding contact bounce time * 4 half-wave pulse of sine wave: 11ms; detection time: 10 m s * 5 half-wave pulse of sine wave: 6ms * 6 detection time: 10 m s * 7 refer to 5. conditions for operation, transport and storage mentioned in ambient environment (page 61). characteristics arrangement** 1 6 form c contact material gold-clad silver** 2 initial contact resistance, max. (by voltage drop 6 v dc 1 a) 100 m w rating (resistive) nominal switching capacity 2 a 30 v dc max. switching power 60 va, 60 w max. switching voltage 125 v ac, 30 v dc max. switching current 2 a expected life (min. operations) mechanical 5 10 7 electrical (resistive) 2 a 30 v dc 5 10 5 0.6 a 100 v dc 10 6 minimum operating power approx. 460 mw nominal operating power up to 60 v dc: approx. 720 mw 110 v dc: approx. 900 mw minimum set and reset power approx. 1,000 mw nominal set and reset power approx. 1,600 mw maximum operating speed 50 cps initial insulation resistance* 1 min. 100 m w at 500 v dc breakdown voltage* 2 between open contacts, contact sets 1,000 vrms between contacts and coil 2,000 vrms operate time* 3 (at nominal voltage) max. 15 ms (approx. 10 ms) release time (without diode)* 3 (at nominal voltage) max. 10 ms (approx. 5 ms) temperature rise max. 65 c with nominal coil voltage and at switching current 2 a shock resistance functional* 4 min. 147 m/s 2 {15 g} destructive* 5 min. 980 m/s 2 {100 g} vibration resistance functional* 6 58.8 m/s 2 {6 g}, 10 to 55 hz at double amplitude of 1 mm destructive 117.6 m/ s 2 {12 g}, 10 to 55 hz at double amplitude of 2 mm conditions for operation, transport and storage* 7 (not freezing and con- densing at low tempera- ture) ambient temp. C40 c to +55 c C40 f to +131 f humidity 5 to 85% r.h. unit weight approx. 17 g .60 oz typical applications telecommunications, security equipment, detection systems. ordering information ex. contact arrangement classification of type mbb function operating function coil voltage contact material 6: 6 form c eb: amber sealed type nil: 6 form c nil: single side nil: stable l2: 2 coil latching nil: gold-clad silver 1: gold-cap over 1: silver palladium dc: 5, 6, 12, 24, 48, 60, 110 v nl 6 eb x 6m l2 dc48v 1 (notes) 1. for ul/csa or vde recognized types, add suffix ul/csa or vde. (notes) 2. standard packing carton: 20 pcs. case: 200 pcs.
nl 202 types and coil data (at 20 c 68 f ) single side stable 2 coil latching * see note 2 ** two coil latching series are for intermittent operation only. power should be applied to coil continuously for no more than two minutes. part no. coil voltage, v dc coil resistance, w ( 10%) nominal operating power, mw pick-up (max.) drop-out (min.) maximum allowable nl6ebx-dc5v 4.0 0.5 6.0 34.7 720 nl6ebx-dc6v 4.8 0.6 7.2 50 nl6ebx-dc12v 9.6 1.2 14.4 200 nl6ebx-dc24v 19.2 2.4 28.8 800 nl6ebx-dc48v 38.4 4.8 57.6 3,200 nl6ebx-dc60v 48 6.0 72 5,000 NL6EBX-DC110V 88 11.0 132 13,467 898 part no. coil voltage,* v dc coil resistance, w ( 10%) nominal operating power, mw set (max.) reset (max.) maximum allowable nl6ebx-l2-dc5v 4.0 4.0 5.5 15.6 1,600** nl6ebx-l2-dc6v 4.8 4.8 6.6 22.5 nl6ebx-l2-dc12v 9.6 9.6 13.2 90 nl6ebx-l2-dc24v 19.2 19.2 26.4 360 nl6ebx-l2-dc48v 38.4 38.4 52.8 1,440 nl6ebx-l2-dc60v 48 48 66 2,250 nl6ebx-l2-dc110v 88 88 121 7,563 dimensions single side stable 32.4 1.276 2.54 .100 5.08 .200 2.54 .100 2.54 .100 5.08 .200 2.54 .100 10.9 .429 3.5 .138 27.94 1.100 25.4 1.000 schematic (top view) 22 21 20 19 18 17 12356 16 15 14 13 12 11 8910 pc board pattern (bottom view) 11 12 13 14 15 16 17 18 19 20 21 22 1098 6 5 321 2.54 11 .100 11 2.54 .100 2.54 .100 20-1.2 dia holes 20-.047 dia holes 2 coil latching 2.54 .100 5.08 .200 2.54 .100 32.4 1.276 2.54 .100 5.08 .200 2.54 .100 10.9 .429 3.5 .138 27.94 1.100 25.4 1.000 schematic (top view) 22 21 20 19 18 17 12356 47 16 15 14 13 12 11 8910 pc board pattern (bottom view) 11 12 13 14 15 16 17 18 19 20 21 22 109865 7 4321 2.54 11 .100 11 2.54 .100 2.54 .100 22-1.2 dia holes 22-.047 dia holes general tolerance: 0.3 .012 mm inch reference data 1. electrical life (2 a 30 v dc resistive load) 2. coil temperature rise pick-up/drop-out voltage, v no. of operations, 10 4 drop-out voltage pick-up voltage max. max. min. min. 50 100 0 5 10 15 20 25 contact resistance, m w no. of operations, 10 4 max. max. min. n.c. contact n.o. contact 50 100 0 10 20 30 40 50 60 70 temperature rise, c coil applied voltage,%v 110 100 0 30 40 50 60 70 2 a carrying no load notes on two coil latching relays 1. to maintain insulation between coils, terminals 6 and 7 should be connected to provide common return. 2. two coil latching relays are for intermit- tent operation only. power should be ap- plied to coils for no more than two minutes; continuous operation may burn out the coils. 3. position of mbb contacts 2m (2 form d 4 form c): 1-21-22, 10-11-12 4m (4 form d 2 form c): 1-21-22, 2-20-18, 9-13-15, 10-11-12 latch coil latch switch 6 5 reset coil reset switch 7 4 for cautions for use, see relay technical information (page 48 to 76). 9/1/2000 all rights reserved, ? copyright matsushita electric works, ltd. go to online catalog


▲Up To Search▲   

 
Price & Availability of NL6EBX-DC110V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X