Part Number Hot Search : 
5HP02C BD652 MH1382 BAV99 101M10 CD4714 C6011 PT12320
Product Description
Full Text Search
 

To Download MURF1660CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  murf1605ct thru MURF1660CT super fast recovery silicon rectifier reverse voltage - 50 to 600 volts forward current - 16.0 ampere ; the plastic package carries underwriters laboratory flammability classification 94v-0 ;g super fast switching for high e f ficiency ;g low reverse leakage ;g high forward surge current capability ;g high temperature soldering guaranteed: 250 c/10 seconds,0.25 ? (6.35mm) from case fe a tures mechanical d at a maximum r a tings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. ;g case : jedec i t o -220ab molded plas t ic bod y ;g t erminals: plated leads, solderable per mil-std-750 , method 202 6 ;g high t empera t ure soldering guaran t eed : 25 0 o c / 10 seconds , 0 . 25 " (6 . 35mm) f rom cas e ;g polarity: as marke d ;g mounting position: an y ;g mounting t orque: 10 in-lbs maximu m ;g w eight: 0.08 ounce, 2.24 gram s d i m e n s i o n s i n i n c h e s an d ( m ill i m e t e r s) ito-220ab . 3 8 6 ( 9 . 8 ) . 4 0 6 ( 1 0 . 3 ) . 1 1 8 ( 3 . 0 ) . 1 0 2 ( 2 . 6 ) . 1 8 9 ( 4 . 8 ) . 1 7 3 ( 4 . 4 ) . 1 1 4 ( 2 . 9 ) . 0 9 8 ( 2 . 5 ) . 0 5 9 ( 1 . 5 ) . 0 4 3 ( 1 . 1 ) . 0 5 5 ( 1 . 4 ) . 0 7 1 ( 1 . 8 ) . 5 3 1 ( 1 3 . 5 ) . 5 7 1 ( 1 4 . 5 ) . 0 8 8 ( 2 . 2 4 ) . 1 1 2 ( 2 . 84 ) . 1 3 8 ( 3 . 5 ) . 1 2 2 ( 3 . 1 ) . 6 1 0 ( 1 5 . 5 ) . 5 7 1 ( 1 4 . 5 ) . 1 1 8 ( 3 . 0 ) . 1 0 6 ( 2 . 7 ) . 0 2 0 ( 0 . 51 ) . 0 3 0 ( 0 . 7 6 ) . 0 3 0 ( 0 . 7 6 ) . 0 2 0 ( 0 . 5 1 ) . 1 5 7 ( 4 . 0 ) . 1 4 2 ( 3 . 6 ) p i n 1 - + p i n 3 - p i n 2 c h arac t er i s t i c s y m bo l murf 16 0 5 c t u n i t p ea k repe t i t i v e rever s e v o l t ag e w o rk i ng p e a k rever s e v o l t ag e dc b l oc k i ng v o l t ag e v rr m v r w m v r 5 0 10 0 15 0 20 0 30 0 40 0 60 0 v r m s rever s e v o l t ag e v r ( r m s ) 3 5 7 0 10 5 14 0 21 0 28 0 42 0 v a v erage re c t i f i ed o u t pu t curren t @ t c = 105 c i o 1 6 a non-repe t i t i v e p eak for w ard s urg e curren t 8 . 3 m s s i ng l e ha l f s i ne- w a v e s uper i m po s ed o n ra t ed l oa d (j e d e c m e t hod ) i f s m 125 forward v o l t age @ i f = 8 . 0 a v f m 0 . 9 5 1 . 3 1 . 7 v p ea k re v er s e curren t @ t a = 25 c a t ra t e d dc b l oc k i ng v o l t age @ t a = 125 c i r m 1 0 50 0 a rever s e re c o very t i m e (no t e 1 ) t r r 3 5 5 0 n s t y p i c a l j u n c t i on cap a c i t a n c e (n o t e 2 ) c j 8 0 6 0 p f opera t i ng and s t orage t e m pera t ure rang e t j , t s t g -65 t o +15 0 c murf 1610 c t murf 1615 c t murf 16 2 0 c t murf 16 3 0 c t murf 16 4 0 c t murf 16 6 0 c t a www.kersemi.com
murf1605ct thru MURF1660CT r a tings and characteristic cu r ves 50 v dc approx 5 0 n i (non-inductive) ? 1 0 ni ? 1.0 ni ? oscilloscope (not e 1) pulse generator (not e 2) device under t est t rr se t tim e bas e fo r 5/10ns/cm +0.5a 0a -0.25a -1.0a notes: 1 . ris e t im e= 7.0n s max . inpu t impedanc e= 1.0 m , 22p f . 2 . ris e t im e= 10n s max . inpu t impedanc e= 5 0 . ? ? fig . 5 revers e recover y t im e characteristi c an d t es t circuit (+) (+) (-) (-) 0 225 1 10 100 ) a ( t n e r r u c e g r u s d r a w r o f k a e p , i m s f numbe r o f cycle s a t 60hz fig . 3 maximu m non-repetitiv e surg e current 8. 3 m s singl e half-sine-wave jede c method 75 15 0 10 100 400 0. 1 1. 0 1 0 100 ) f p ( e c n a t i c a p a c , c j v , revers e vo l t ag e (v) fig . 4 t ypica l junctio n capacitance r t = 2 5 c f= 1.0mhz j murf1640ct- MURF1660CT 0 4 8 0 5 0 10 0 150 ) a ( t n e r r u c d r a w r o f e g a r e v a , i ) v a ( t , cas e temper a tur e ( c) fig . 1 forwar d curren t deratin g curve c 12 16 20 0.1 1.0 10 100 0 0.6 1.2 1.8 ) a ( t n e r r u c d r a w r o f s u o e n a t n a t s n i , i f v , ins t an t aneou s fo r w ar d vo lt ag e (v) fig . 2 t ypica l forwar d characteristics f puls e widt h= 30 0 s 2 % dut y cycle 1605 - 1620 1630 - 1640 1660 murf1605ct - murf1620ct


▲Up To Search▲   

 
Price & Availability of MURF1660CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X