Part Number Hot Search : 
MLL5956 UPC4082 S1101 MAX4621 EM78P257 1SS18107 FD400G4N C101A
Product Description
Full Text Search
 

To Download MMBD4448HCQW-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mmbd4448hcqw /aqw /adw /cdw /sdw /tw document number: ds30153 rev. 18 - 2 1 of 4 www.diodes.com july 2012 ? diodes incorporated mmbd4448hcqw /aqw / adw /c dw /s dw / tw surface mount fast sw itching diode array features ? fast switching speed ? low forward voltage: maximum of 0.72v at 5ma ? low reverse current: maximum of 100na at 70v ? fast reverse recovery: maximum of 4ns ? low capacitance: maximum of 3.5pf ? small surface mount package ? for general purpose switching applications ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? ? qualified to aec-q101 standards for high reliability mechanical data ? case: sot353 or sot363 ? case material: molded plasti c, ?green? molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: matte tin finish annealed over alloy 42 leadframe (lead free plating). solderable per mil-std-202, method 208 ? orientation: see diagrams below ? weight: 0.006 grams (approximate) a 2 a 1 c a 3 a 4 c 2 c 1 nc a c 3 c 4 a 1 a 2 c 2 c 1 c 2 c 1 c 1 c 2 a 2 a 1 a 2 a 1 ac 1 ac 2 c 2 a 1 a 2 c 1 c 1 a 3 c 2 a 1 c 3 a 2 sot-353 top view sot-363 top view mmbd4448hcqw mmbd4448haqw mmbd4448hadw mmbd4448hcdw mmbd4448hsdw mmbd4448htw ordering information (note 4) part number qualification case packaging mmbd4448hadw-7-f commercial sot363 3000/tape & reel mmbd4448hadwq-7-f automotive sot363 3000/tape & reel mmbd4448haqw-7-f commercial sot363 3000/tape & reel mmbd4448hcdw-7-f commercial sot363 3000/tape & reel MMBD4448HCQW-7-F commercial sot353 3000/tape & reel mmbd4448hsdw-7-f commercial sot363 3000/tape & reel mmbd4448htw-7-f commercial sot363 3000/tape & reel notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com for more in formation about diodes incorpor ated?s definitions of halogen- and antimony-free, "gree n" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm br omine, <900ppm chlorine (<1500ppm t otal br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our website at http://www.diodes.com. marking information ka4 ym sot-353 ka4 = product type marking code, ka4 = mmbd4448hcqw ym = date code marking y = year (ex: z = 2012) m = month (ex: 9 = september) kxx ym sot-363 kxx = product type marking code, ex. ka5 = mmbd4448haqw kaa = mmbd4448htw ym = date code marking y = year (ex: z = 2012) m = month (ex: 9 = september) kxx ym kxx ym sot-363 kxx = product type marking code, ex. ka6 = mmbd4448hadw ka7 = mmbd4448hcdw kab = mmbd4448hsdw ym = date code marking y = year (ex: z = 2012) m = month (ex: 9 = september) date code key year 2000 2001 2002 2003 ?.. 2012 2013 2014 2015 2016 2017 2018 2019 code l m n p ?.. z a b c d e f g month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d sot353/sot363 e3
mmbd4448hcqw /aqw /adw /cdw /sdw /tw document number: ds30153 rev. 18 - 2 2 of 4 www.diodes.com july 2012 ? diodes incorporated mmbd4448hcqw /aqw / adw /c dw /s dw / tw maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol value unit non-repetitive peak reverse voltage v rm 100 v peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 80 v rms reverse voltage v r ( rms ) 57 v forward continuous current (note 5) i fm 500 ma non-repetitive peak forward surge current @ t = 1.0s @ t = 1.0s i fsm 4.0 1.0 a thermal characteristics characteristic symbol value unit power dissipation (note 5) p d 200 mw thermal resistance junction to ambient air (note 5) r ja 625 c/w operating and storage temperature range t j , t stg -65 to +150 c electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min max unit test condition reverse breakdown voltage (note 6) v ( br ) r 80 ? v i r = 100a forward voltage v f 0.62 ? ? ? 0.72 0.855 1.0 1.25 v i f = 5.0ma i f = 10ma i f = 100ma i f = 150ma reverse current (note 6) i r ? 100 50 30 25 na a a na v r = 70v v r = 75v, t j = +150c v r = 25v, t j = +150c v r = 20v total capacitance c t ? 3.5 pf v r = 6v, f = 1.0mhz reverse recovery time t r r ? 4.0 ns v r = 6v, i f = 5ma notes: 5. device mounted on fr-4 pcb, 1 inch x 0.85 inch x 0.06 2 inch; pad layout as shown on diodes inc. suggested pad layout document ap02001, which can be found on our w ebsite at http:// www.diodes.com. 6. short duration pulse test used to minimize self-heating effect. 0 50 100 150 200 250 01 2 0 160 80 40 200 p , p o we r dissi p a t i o n (mw) d t , ambient temperature ( c) figure 1 power derating curve, total package a note 5 10 100 1,000 1 0.1 0 1.6 1.2 0.4 0.8 i, ins t an t ane o u s f o r wa r d c u r r en t (ma) f v , instantaneous forward voltage (v) figure 2 typical forward characteristics f
mmbd4448hcqw /aqw /adw /cdw /sdw /tw document number: ds30153 rev. 18 - 2 3 of 4 www.diodes.com july 2012 ? diodes incorporated mmbd4448hcqw /aqw / adw /c dw /s dw / tw 0.1 1 10 100 1,000 10,000 0 20 40 60 80 100 v , instantaneous reverse voltage (v) figure 3 typical reverse characteristics r i , ins t an t ane o u s r eve r se c u r r en t (na) r t = -40oc a t = 25oc a t = 75oc a t = 125oc a t = 0oc a 0 0.5 1 2.5 2 1.5 3 0 10 20 40 30 c , t o t al c a p a c i t an c e (p f ) t v , dc reverse voltage (v) figure 4 total capacitance vs. reverse voltage r 046 8 210 i , forward current (ma) figure 5 reverse recovery time vs. forward current f t , r eve r se r e c o ve r y t ime (ns) rr 0 0.5 1.0 1.5 2.0 2.5 package outline dimensions sot-363 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 typ f 0.40 0.45 h 1.80 2.20 j 0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.22 0 8 all dimensions in mm sot-353 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 typ f 0.40 0.45 h 1.80 2.20 j 0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.22 0 8 all dimensions in mm a m j l d b c h k f a m j l d b c h k f
mmbd4448hcqw /aqw /adw /cdw /sdw /tw document number: ds30153 rev. 18 - 2 4 of 4 www.diodes.com july 2012 ? diodes incorporated mmbd4448hcqw /aqw / adw /c dw /s dw / tw suggested pad layout important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2012, diodes incorporated www.diodes.com sot-363 dimensions value (in mm) z 2.5 g 1.3 x 0.42 y 0.6 c1 1.9 c2 0.65 sot-353 dimensions value (in mm) z 2.5 g 1.3 x 0.42 y 0.6 c1 1.9 c2 0.65 x z y c1 c2 c2 g x z y c1 c2 c2 g


▲Up To Search▲   

 
Price & Availability of MMBD4448HCQW-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X