Part Number Hot Search : 
2SB649A 0D241K C2500 1003A 14B101 VN120 TEA7092 M63023
Product Description
Full Text Search
 

To Download LCA182STR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i ntegrated c ircuits d ivision www.ixysic.com ds-lca182-r04 1 lca182 e 3 pb single pole, normally open optmos ? relay applications features description parameter rating units blocking voltage 350 v p load current 120 ma rms / ma dc on-resistance (max) 35 ? input control current 0.25 ma pin configuration switching characteristics of normally open (form a) devices ? very low input control current (0.25ma) ? 3750v rms input/output isolation ? low drive power requirements (ttl/cmos compatible) ? no moving parts ? high reliability ? arc-free with no snubbing circuits ? no emi/rfi generation ? small 6-pin package ? machine insertable, wave solderable ? surface mount, tape & reel version available ? telecommunications ? telecom switching ? tip/ring circuits ? modem switching (laptop, notebook, pocketsize) ? hook switch ? dial pulsing ? ground start ? ringing injection ? instrumentation ? multiplexers ? data acquisition ? electronic switching ? i/o subsystems ? meters (watt-hour, water, gas) ? medical equipment patient/equipment isolation ? aerospace ? industrial controls approvals ordering information part # description lca182 6 pin dip (50/tube) lca182s 6 pin surface mount (50/tube) LCA182STR 6 pin surface mount (1000/reel) form-a i f i load 10% 90% t on t off 1 3 2 4 5 6 + control C control do not use load do not use load ac/dc configuration + load C load 1 3 2 4 5 6 + control C control do not use dc only configuration ? ul recognized component: file e76270 ? csa certified component: certificate 1175739 ? en/iec 60950-1 certified component: tuv certificate b 09 07 49410 004 lca182 is a normally open (1-form-a) solid state relay that uses optically coupled mosfet technology to provide 3750v rms of input to output isolation. it features an extremely low input control current of only 0.25ma, which is the lowest available in ixys integrated circuits division?s solid state relay family. its optically coupled outputs, which use the patented optomos architecture, are controlled by a highly efficient gaaias infrared led. the lca182 can be used to replace mechanical relays, and offers the superior reliability associated with semiconductor devices. because it has no moving parts, it offers faster, bounce-free switching in a more compact surface mount or through-hole package.
i ntegrated c ircuits d ivision www.ixysic.com 2 r04 lca182 absolute maximum ratings are stress ratings. stresses in excess of these ratings can cause permanent damage to the device. functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied. parameter ratings units blocking voltage 350 v p reverse input voltage 5 v input control current 50 ma peak (10ms) 1 a input power dissipation 1 150 mw total power dissipation 2 800 mw isolation voltage, input to output 3750 v rms operational temperature -40 to +85 c storage temperature -40 to +125 c 1 derate linearly 1.33 mw / c 2 derate linearly 6.67 mw / c absolute maximum ratings @ 25c parameter conditions symbol min typ max units output characteristics load current, continuous ac/dc configuration -i l -- 120 ma rms / ma dc dc configuration 200 ma dc peak load current t=10ms i lpk - - 350 ma on-resistance ac/dc configuration i l =120ma r on - 23 35 ? dc configuration i l =200ma 7 10 off-state leakage current v l =350v p i leak -- 1 a switching speeds turn-on i f =1ma, v l =10v t on - -3 ms turn-off t off -3 output capacitance v l =50v, f=1mhz c out -25 - pf input characteristics input control current to activate 1 i l =120ma i f - - 0.25 ma input control current to deactivate - i f 0.05 - - ma input voltage drop i f =1ma v f 0.9 1.2 1.4 v reverse input current v r =5v i r - - 10 a common characteristics input to output capacitance - c i/o -3 - pf 1 it is recommended that the input control current be increased to 1ma in high temperature (>55oc) operation. electrical characteristics @ 25c
i ntegrated c ircuits d ivision lca182 www.ixysic.com 3 r04 *the performance data shown in the graphs above is typical of device performance. for guaranteed parameters not indicated in t he written specifications, please contact our application department. performance data @25oc (unless otherwise noted)* 35 30 25 20 15 10 5 0 1.17 1.19 1.21 1.23 1.25 led forward voltage drop (v) device count (n) typical led forward voltage drop (n=50, i f =5ma) 0.436 0.476 0.516 0.456 0.496 0.536 turn-on time (ms) device count (n) 25 20 15 10 5 0 typical turn-on time (n=50, i f =2ma, i l =120ma dc ) 0.183 0.203 0.223 0.233 0.213 0.193 turn-off time (ms) device count (n) 25 20 15 10 5 0 typical turn-off time (n=50, i f =2ma, i l =120ma dc ) 0.10 0.20 0.15 0.25 led current (ma) device count (n) 35 30 25 20 15 10 5 0 typical i f for switch operation (n=50, i l =120ma dc ) 35 30 25 20 15 10 5 0 0.10 0.20 0.15 0.25 led current (ma) device count (n) typical i f for switch dropout (n=50, i l =120ma dc ) 35 30 25 20 15 10 5 0 21.5 21.9 22.3 22.7 21.7 22.1 22.5 device count (n) typical on-resistance distribution (n=50, i l =120ma dc ) on-resistance ( : ) 35 30 25 20 15 10 5 0 390 410 430 450 400 420 440 blocking voltage (v p ) device count (n) typical blocking voltage distribution (n=50) typical led forward voltage drop vs. temperature led forward voltage drop (v) temperature (oc) 1.8 1.6 1.4 1.2 1.0 0.8 -40 -20 0 20 40 60 80 120 100 i f =50ma i f =10ma i f =5ma i f =0.25ma typical turn-on time vs. led forward current (i l =120ma dc ) led forward current (ma) turn-on time (ms) 0 24681012141618 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 20 typical turn-off time vs. led forward current (i l =120ma dc ) led forward current (ma) turn-off time (ms) 0 24681012141618 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 20
i ntegrated c ircuits d ivision www.ixysic.com 4 r04 lca182 *the performance data shown in the graphs above is typical of device performance. for guaranteed parameters not indicated in t he written specifications, please contact our application department. performance data @25oc (unless otherwise noted)* typical turn-on time vs. temperature (i l =70ma dc ) i f =0.25ma i f =5ma turn-on time (ms) -40 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 -20 0 20 40 60 80 100 i f =0.5ma temperature (oc) typical turn-off time vs. temperature (i f =0.25ma, i l =70ma dc ) turn-off time (ms) -40 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -20 0 20 40 60 80 100 temperature (oc) typical i f for switch operation vs. temperature (i l =70ma dc ) led current (ma) -40 0.30 0.25 0.20 0.15 0.10 0.05 0.00 -20 0 20 40 60 80 100 temperature (oc) typical i f for switch dropout vs. temperature (i l =70ma dc ) led current (ma) -40 0.30 0.25 0.20 0.15 0.10 0.05 0.00 -20 0 20 40 60 80 100 temperature (oc) load voltage (v) load current (ma) 150 100 50 0 -50 -100 -150 -3 -2 -1 0 1 2 3 typical load current vs. load voltage (i f =2ma) typical blocking voltage vs. temperature blocking voltage (v p ) -40 430 425 420 415 410 405 400 395 -20 0 20 40 60 80 100 temperature (oc) typical leakage vs. temperature (measured across pins 4 & 6) -40 0.016 0.014 0.012 0.010 0.008 0.006 0.004 0.002 0 -20 0 20 40 60 80 100 temperature (oc) leakage ( p a) energy rating curve time load current (a) 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 1ms 100ms 1s 10ms 10s 100s 10 p s 100 p s typical on-resistance vs. temperature (i l =70ma dc ) -40 60 50 40 30 20 10 0 -20 0 20 40 60 80 100 temperature (oc) on-resistance ( : ) i f =1ma i f =2ma i f =5ma maximum load current vs. temperature load current (ma) 210 200 180 160 140 120 100 80 60 0 temperature (oc) -40 -20 0 20 40 60 80 120 100 i f =2ma i f =1ma i f =2ma i f =1ma dc configuration ac/dc configuration
i ntegrated c ircuits d ivision lca182 www.ixysic.com 5 r04 manufacturing information moisture sensitivity all plastic encapsulated semiconductor packages are susceptible to moisture ingression. ixys integrated circuits division classified all of its plastic encapsulated devices for moisture sensitivity according to the latest version of the joint industry standard, ipc/jedec j-std-020 , in force at the time of product evaluation. we test all of our products to the maximum conditions set forth in the standard, and guarantee proper operation of our devices when handled according to the limitations and information in that standard as well as to any limitations set forth in the information or standards referenced below. failure to adhere to the warnings or limitations as established by the listed specifications could result in reduced product performance, reduction of operable life, and/or reduction of overall reliability. this product carries a moisture sensitivity level (msl) rating as shown below, and should be handled according to the requirements of the latest version of the joint industry standard ipc/jedec j-std-033 . device moisture sensitivity level (msl) rating lca182 / lca182s msl 1 esd sensitivity this product is esd sensitive , and should be handled according to the industry standard jesd-625 . reflow profile this product has a maximum body temperature and time rating as shown below. all other guidelines of j-std-020 must be observed. device maximum temperature x time lca182 / lca182s 250oc for 30 seconds board wash ixys integrated circuits division recommends the use of no-clean flux formulations. however, board washing to remove flux residue is acceptable. since ixys integrated circuits division employs the use of silicone coating as an optical waveguide in many of its optically isolated products, the use of a short drying bake could be necessary if a wash is used after solder reflow processes. chlorine- or fluorine-based solvents or fluxes should not be used. cleaning methods that employ ultrasonic energy should not be used. e 3 pb
i ntegrated c ircuits d ivision www.ixysic.com 6 r04 lca182 mechanical dimensions lca182 lca182s dimensions mm (inches) pcb land pattern 0.254 0.0127 (0.010 0.0005) 7.620 0.254 (0.300 0.010) 0.635 0.127 (0.025 0.005) 3.302 0.051 (0.130 0.002) 4.445 0.254 (0.175 0.010) 2.54 (0.10) 8.90 (0.3503) 1.65 (0.0649) 0.65 (0.0255) 8.382 0.381 (0.330 0.015) 2.54 0.127 (0.100 0.005) 9.524 0.508 (0.375 0.020) 6.350 0.127 (0.250 0.005) 0.457 0.076 (0.018 0.003) 1.651 0.254 (0.065 0.010) 1.651 0.254 (0.065 0.010) pin 1 dimensions mm (inches) pcb hole pattern 6.350 0.127 (0.250 0.005) 2.540 0.127 (0.100 0.005) 7.620 0.127 (0.300 0.005) 5.080 0.127 (0.200 0.005) 6 - 0.800 dia. (6 - 0.031 dia.) 0.254 0.0127 (0.010 0.0005) 9.144 0.508 (0.360 0.020) 7.239 typ (0.285 typ) 7.620 0.254 (0.300 0.010) 3.302 0.051 (0.130 0.002) 4.064 typ (0.160 typ) 0.457 0.076 (0.018 0.003) 8.382 0.381 (0.330 0.015) 2.54 0.127 (0.100 0.005) 6.350 0.127 (0.250 0.005) 1.651 0.254 (0.065 0.010) pin 1
i ntegrated c ircuits d ivision for additional information please visit our website at: www.ixysic.com 7 lca182 ixys integrated circuits division makes no representations or warranties with respect to the accuracy or completeness of the co ntents of this publication and reserves the right to make changes to specifications and product descriptions at any time without notice. neither circuit patent licenses nor indemnity a re expressed or implied. except as set forth in ixys integrated circuits division?s standard terms and conditions of sale, ixys integrated circuits division assumes no liability whatsoever, a nd disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infri ngement of any intellectual property right. the products described in this document are not designed, intended, authorized or warranted for use as components in systems in tended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of ixys integrated circuits division?s product may resul t in direct physical harm, injury, or death to a person or severe property or environmental damage. ixys integrated circuits division reserves the right to discontinue or make changes to its p roducts at any time without notice. specification: ds-lca182-r04 ?copyright 2012, ixys integrated circuits division optomos ? is a registered trademark of ixys integrated circuits division all rights reserved. printed in usa. 12/22/2012 LCA182STR tape & reel notes: 1. all dimensions carry tolerances of eia standard 481-2 2. the tape complies with all notes for constant dimensions listed on page 5 of eia-481-2 dimensions mm (inches) embossment embossed carrier 330.2 dia (13.00 dia) top cover tape thickness 0.102 max (0.004 max) w=16.00 (0.63) b 0 = 10.10 (0.398) a 0 = 10.10 (0.398) p = 12.00 (0.472) k 1 = 3.80 (0.15) k 0 = 4.90 (0.19) user direction of feed


▲Up To Search▲   

 
Price & Availability of LCA182STR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X