Part Number Hot Search : 
X342B 050J473 300R1 2245A BLV948 PN4122 IRK41 B7637
Product Description
Full Text Search
 

To Download LBC817-25DPMT1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dual general purpose transistors thermal characteristics ordering information lbc817?16dpmt1g lbc817?25dpmt1g lbc817?40dpmt1g 56c s-lbc817-16dpmt1g s-lbc817-25dpmt1g s-lbc817-40dpmt1g ? leshan radio company, ltd. we declare that the material of product compliance with rohs requirements. npn/pnp duals sc-74 1 3 2 6 4 5 q 2 q 1 maximum rating rating symbol value unit collector ? emitter voltage v ceo 45 v collector ? base voltage v cbo 50 v emitter ? base voltage v ebo 5.0 v collector current ? continuous i c 500 madc - npn maximum rating - pnp rating symbol value unit collector ? emitter voltage v ceo ? 45 v collector ? base voltage v cbo ? 50 v emitter ? base voltage v ebo ? 5.0 v collector current ? continuous i c ? 500 madc characteristic symbol max unit total device dissipation fr ? 5 board, (note 1) t a = 25 c derate above 25 c p d 225 1.8 mw mw/ c thermal resistance, junction ? to ? ambient r  ja 556 c/w total device dissipation alumina substrate, (note 2) t a = 25 c derate above 25 c p d 300 2.4 mw mw/ c thermal resistance, junction ? to ? ambient r  ja 417 c/w junction and storage temperature t j , t stg ? 55 to +150 c lbc817?16dpmt3g lbc817?25dpmt3g lbc817?40dpmt3g device marking shipping 3000/tape & reel 10,000/tape & reel 56c 56b 56b 56a 56a 3000/tape & reel 10,000/tape & reel 3000/tape & reel 10,000/tape & reel rev.o 1/5 lbc817-16dpmt1g lbc817-25dpmt1g lbc817-40dpmt1g ? s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable. s-lbc817?16dpmt1g s-lbc817?16dpmt3g s-lbc817?25dpmt1g s-lbc817?25dpmt3g s-lbc817?40dpmt1g s-lbc817?40dpmt3g
lbc817-16dpmt1g lbc817-25dpmt1g lbc817-40dpmt1g leshan radio company, ltd. electrical characteristics(npn) (t a = 25 c unless otherwise noted) characteristic symbol min typ max unit off characteristics collector ? emitter breakdown voltage (i c = 10 ma) v (br)ceo 45 ? ? v collector ? emitter breakdown voltage (v eb = 0, i c = 10  a) v (br)ces 50 ? ? v emitter ? base breakdown voltage (i e = 1.0  a) v (br)ebo 5.0 ? ? v collector cutoff current (v cb = 20 v) (v cb = 20 v, t a = 150 c) i cbo ? ? ? ? 100 5.0 na  a on characteristics dc current gain (i c = 100 ma, v ce = 1.0 v) bc817 ? 16 bc817 ? 25 bc817 ? 40 (i c = 500 ma, v ce = 1.0 v) h fe 100 160 250 40 ? ? ? ? 250 400 600 ? ? collector ? emitter saturation voltage (i c = 500 ma, i b = 50 ma) v ce(sat) ? ? 0.7 v base ? emitter on voltage (i c = 500 ma, v ce = 1.0 v) v be(on) ? ? 1.2 v small ? signal characteristics current ? gain ? bandwidth product (i c = 10 ma, v ce = 5.0 vdc, f = 100 mhz) f t 100 ? ? mhz output capacitance (v cb = 10 v, f = 1.0 mhz) c obo ? 10 ? pf electrical characteristics(pnp) (t a = 25 c unless otherwise noted.) characteristic symbol min typ max unit off characteristics collector ? emitter breakdown voltage (i c = ? 10 ma) v (br)ceo ? 45 ? ? v collector ? emitter breakdown voltage (v eb = 0, i c = ? 10  a) v (br)ces ? 50 ? ? v emitter ? base breakdown voltage (i e = ? 1.0  a) v (br)ebo ? 5.0 ? ? v collector cutoff current (v cb = ? 20 v) (v cb = ? 20 v, t j = 150 c) i cbo ? ? ? ? ? 100 ? 5.0 na  a on characteristics dc current gain (i c = ? 100 ma, v ce = ? 1.0 v) bc807 ? 16 bc807 ? 25 bc807 ? 40 (i c = ? 500 ma, v ce = ? 1.0 v) h fe 100 160 250 40 ? ? ? ? 250 400 600 ? ? collector ? emitter saturation voltage (i c = ? 500 ma, i b = ? 50 ma) v ce(sat) ? ? ? 0.7 v base ? emitter on voltage (i c = ? 500 ma, i b = ? 1.0 v) v be(on) ? ? ? 1.2 v small ? signal characteristics current ? gain ? bandwidth product (i c = ? 10 ma, v ce = ? 5.0 vdc, f = 100 mhz) f t 100 ? ? mhz output capacitance (v cb = ? 10 v, f = 1.0 mhz) c obo ? 10 ? pf rev.o 2/5 s-lbc817-16dpmt1g s-lbc817-25dpmt1g s-lbc817-40dpmt1g
leshan radio company, ltd. typica l npn characteristics i c , collector current (ma) figure 1. dc current gain h fe , dc current gain 1000 10 1000 0.1 10 100 100 1.0 v ce = 1 v t j = 25 c i b , base current (ma) figure 2. saturation region i c , collector current (ma) figure 3. ?on? voltages 100 10 1 v r , reverse voltage (volts) figure 4. temperature coefficients +1 i c , collector current (ma) figure 5. capacitances 0.1 1 1 10 100 1000 -2 -1 0 v ce , collector-emitter voltage (volts ) v, voltage (volts) v , temperature coefficients (mv/ c) c, capacitance (pf) 1.0 0.8 0.6 0.4 0.2 0 0.01 0.1 10 100 1 1.0 0.8 0.6 0.4 0.2 0 1 10 1000 100 10 100 t j = 25 c i c = 10 ma t a = 25 c v be(sat) @ i c /i b = 10 v be(on) @ v ce = 1 v v ce(sat) @ i c /i b = 10  vc for v ce(sat)  vb for v be c ob c ib 100 ma 300 ma 500 ma figure 6. bc817 ? 40l safe operating area 1 v ce (vdc) 1 0.1 0.1 0.01 10 100 0.01 0.001 i c (a) single pulse test @ t a = 25 c thermal limit 100 ms 1 s 10 ms 1 ms rev.o 3/5 lbc817-16dpmt1g lbc817-25dpmt1g lbc817-40dpmt1g s-lbc817-16dpmt1g s-lbc817-25dpmt1g s-lbc817-40dpmt1g
leshan radio company, ltd. typica l pnp characteristics i c , collector current (ma) figure 1. dc current gain h fe , dc current gain 1000 10 -1000 -0.1 -10 -100 100 -1.0 v ce = -1.0 v t a = 25 c i b , base current (ma) figure 2. saturation region i c , collector current (ma) figure 3. ?on? voltages 100 10 1.0 v r , reverse voltage (volts) figure 4. temperature coefficients +1.0 i c , collector current figure 5. capacitances -0.1 -1.0 -1.0 -10 -100 -1000 -2.0 -1.0 0 v ce , collector-emitter voltage (volts ) v, voltage (volts) v , temperature coefficients (mv/ c) c, capacitance (pf) -1.0 -0.8 -0.6 -0.4 -0.2 0 -0.01 -0.1 -10 -100 -1.0 -1.0 -0.8 -0.6 -0.4 -0.2 0 -1.0 -10 -1000 -100 -10 -100 t j = 25 c i c = -10 ma i c = -100 ma i c = -300 ma i c = -500 ma t a = 25 c v be(sat) @ i c /i b = 10 v be(on) @ v ce = -1.0 v v ce(sat) @ i c /i b = 10  vc for v ce(sat)  vb for v be c ob c ib rev.o 4/5 lbc817-16dpmt1g lbc817-25dpmt1g lbc817-40dpmt1g s-lbc817-16dpmt1g s-lbc817-25dpmt1g s-lbc817-40dpmt1g
leshan radio company, ltd. sc?74 23 4 5 6 d 1 e b e a1 a 0.05 (0.002) c l h e dim a min nom max min millimeters 0.90 1.00 1.10 0.035 inches a1 0.01 0.06 0.10 0.001 b 0.25 0.37 0.50 0.010 c 0.10 0.18 0.26 0.004 d 2.90 3.00 3.10 0.114 e 1.30 1.50 1.70 0.051 e 0.85 0.95 1.05 0.034 0.20 0.40 0.60 0.008 0.039 0.043 0.002 0.004 0.015 0.020 0.007 0.010 0.118 0.122 0.059 0.067 0.037 0.041 0.016 0.024 nom max 2.50 2.75 3.00 0.099 0.108 0.118 h e ? ? l 0 10 0 10   0.7 0.028 1.9 0.074 0.95 0.037 2.4 0.094 1.0 0.039 0.95 0.037  mm inches  scale 10:1 rev.o 5/5 lbc817-16dpmt1g lbc817-25dpmt1g lbc817-40dpmt1g s-lbc817-16dpmt1g s-lbc817-25dpmt1g s-lbc817-40dpmt1g


▲Up To Search▲   

 
Price & Availability of LBC817-25DPMT1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X