Part Number Hot Search : 
KBPC15 02205 S6X8TS1 PT28C020 EH4B1 MRF15 BD9536FV 0BZXC
Product Description
Full Text Search
 

To Download KBP3005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  KBP3005 thru kbp310 silicon bridge rectifiers reverse voltage - 50 to 1000 volts forward current - 3.0 amperes features mechanical data maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. notes: 1.unit mounted on 0.47 x 0.47 ? (12x12mm) copper pads. the plastic package carries underwriters laboratory flammability classification 94v-0 ideal for printed circuit boards low reverse leakage high forward surge current capability high temperature soldering guaranteed: 260 c/10 seconds,0.375 ? (9.5mm) lead length, 5 lbs. (2.3kg) tension 10 0.5 30 -55 to +150 -55 to +150 3.0 volts volts volts symbols units amps amps volts v rrm v rms v dc i (av) i fsm maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward output rectified current at t c =50 c peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage drop per birdge element at 1.5a maximum dc reverse current t j =25 c at rated dc blocking voltage t j =125 c typical thermal resistance (note 1) operating junction temperature range storage temperature range r q ja t j t stg i r v f a m c c/w ma c 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 kbp 3005 80 1.0 kbp 301 kbp 302 kbp 304 kbp 306 kbp 308 kbp 310 2014-03 01? mdd catalog number http://www.microdiode.com dimensions in inches and (millimeters) 0.600(15.24) 0.560(14.22) 0.460(11.68) 0.420(10.6) 0.460(11.68) 0.420(10.67) 0.035(0.9)dia. 0.028(0.7)tpy. 0.05(1.27) 0.160(4.1) 0.140(3.6) 0.153(3.9) 0.146(3.7) + - ac kbp 0.640(16.25) min 0.50(12.7) min case : molded plastic body terminals : plated leads solderable per mil-std-750, method 2026 polarity : polarity symbols marked on case mounting position : any weight :0.069 ounce, 1.95 grams
ratings and characteristic curves KBP3005 thru kbp310 2014-03 01? http://www.microdiode.com


▲Up To Search▲   

 
Price & Availability of KBP3005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X