Part Number Hot Search : 
2N411 A43L8316 SMCJ75 BUX84S SB310 CDLL256 18629137 F7103
Product Description
Full Text Search
 

To Download JET-685-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.roithner - laser.com - 1 - 13/02/13 jet - 6 85 - 05 description jet - 6 85- 05 is a single chip led emitter , utilizing a single high power chip die with a clear epoxy lens offering ultra low divergence beam of perfectly square proportions. it features a full metal submount with m12x1 thread for convenient installation and ideal heat dissipation maximum ratings parameter symbol values unit min. max. thermal power p t 1 600 mw operating current i f 7 00 ma reverse current (10v) i r <5 0 a operating temperature t case - 20 + 65 c storage temperature t stg - 40 + 85 c soldering temperature t solder 260 c electrical characteristics (t case = 25c , i f = 7 00 ma ) parameter symbol values unit min. typ. max. emission wavelength peak 680 685 690 nm optical output power p o 40 mw spectral width (fwhm) ? 2 5 nm operating voltage v f 2. 3 v beam divergence (fwhm) ? 5 deg thermal resistance k/w 13 rise/fall time t r /t f 30/40 ns
www.roithner - laser.com - 2 - 13/02/13 optical characteristic s far field pattern drawing dimensions in mm ? all rights reserved the above specifications are for reference purpose only and subjected to change without prior notice


▲Up To Search▲   

 
Price & Availability of JET-685-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X