![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www.roithner - laser.com 1 jet - 660 - 12 description jet - 660- 12 is a single chip led emitter, utilizing a single high power chip die with a clear epoxy lens offering ultra low divergence beam of perfectly square proportions. it features a full metal submount with m12x1 thread for convenient installation and ideal heat dissipation specifications parameter symbol values unit min. max. thermal power p t 1200 mw operating current i f 500 ma reverse current (10v) i r <5 a operating temperature t case - 20 + 60 c storage temperature t stg 0 + 40 c soldering temperature t solder 260 c electrical connection (i f =350ma) parameter symbol values unit min. typ. max. emission wavelength peak 650 660 670 nm optical output power p o 250 mw spectral width (fwhm) ? 20 nm operating voltage v f 2.2 2.4 v beam divergence (fwhm) ? 10 11 deg thermal resistance k/w 12 rise/fall time t r /t f 30/40 ns v 1.1 08 .05 .2013
www.roithner - laser.com 2 optical characteristics far fie ld pattern drawing all dimensions in mm ? all rights reserved the above specifications are for reference purpose only and subjected to change without prior notice |
Price & Availability of JET-660-12
![]() |