Part Number Hot Search : 
SPR31 Z5240B Z5240B Z5240B MC44605 SPR31 X748AC 1N925
Product Description
Full Text Search
 

To Download IRFR420 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.kersemi.com 1 power mosfet IRFR420, irfu420, sihfr420, sihfu420 features ? dynamic dv/dt rating ? repetitive avalanche rated ? surface mount (IRFR420/sihfr420) ? straight lead (irfu420/sihfu420) ? available in tape and reel ? fast switching ? ease of paralleling ? lead (pb)-free available description third generation power mosfet s from vishay provide the designer with the best combi nation of fast switching, ruggedized device design, low on-resistance and cost-effictiveness. the dpak is designed for su rface mounting using vapor phase, infrared, or wave soldering techniques. the straight lead version (irfu/sihfu series) is for through-hole mounting applications. power dissipation levels up to 1.5 w are possible in typical surcace mount applications. note a. see device orientation. product summary v ds (v) 500 r ds(on) ( )v gs = 10 v 3.0 q g (max.) (nc) 19 q gs (nc) 3.3 q gd (nc) 13 configuration single n -channel mosfet g d s dpak (to-252) ipak (to-251) a v aila b le rohs* compliant ordering information package dpak (to-252) dpak (to-252) dpak (to-252) ipak (to-251) lead (pb)-free IRFR420pbf IRFR420trpbf a irfr120trlpbf a irfu420pbf sihfr420-e3 sihfr420t-e3 a sihfr120tl-e3 a sihfu420-e3 snpb IRFR420 IRFR420tr a irfr120trl a irfu420 sihfr420 sihfr420t a sihfr120tl a sihfu420 absolute maximum ratings t c = 25 c, unless otherwise noted parameter symbol limit unit drain-source voltage v ds 500 v gate-source voltage v gs 20 continuous drain current v gs at 10 v t c = 25 c i d 2.4 a t c = 100 c 1.5 pulsed drain current a i dm 8.0 linear derating factor 0.33 w/c linear derating factor (pcb mount) e 0.020 single pulse avalanche energy b e as 400 mj repetitive avalanche current a i ar 2.4 a repetitive avalanche energy a e ar 4.2 mj maximum power dissipation t c = 25 c p d 42 w maximum power dissipation (pcb mount) e t a = 25 c 2.5 peak diode recovery dv/dt c dv/dt 3.5 v/ns
www.kersemi.com 2 IRFR420, irfu420, sihfr420, sihfu420 notes a. repetitive rating; pulse width limited by maximum junction temper ature (see fig. 11). b. v dd = 50 v, starting t j = 25 c, l = 124 mh, r g = 25 , i as = 2.4 a (see fig. 12). c. i sd 2.4 a, di/dt 50 a/s, v dd v ds , t j 150 c. d. 1.6 mm from case. e. when mounted on 1? square pcb (fr-4 or g-10 material). note a. when mounted on 1? square pcb (fr-4 or g-10 material). operating junction and st orage temperature range t j , t stg - 55 to + 150 c soldering recommendations (peak temperature) for 10 s 260 d thermal resistance ratings parameter symbol typ. max. unit maximum junction-to-ambient r thja - 110 c/w maximum junction-to-ambient (pcb mount) a r thja -50 maximum junction-to-case (drain) r thjc -3.0 absolute maximum ratings t c = 25 c, unless otherwise noted parameter symbol limit unit specifications t j = 25 c, unless otherwise noted parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = 250 a 500 - - v v ds temperature coefficient v ds /t j reference to 25 c, i d = 1 ma - 0.59 - v/c gate-source threshold voltage v gs(th) v ds = v gs , i d = 250 a 2.0 - 4.0 v gate-source leakage i gss v gs = 20 v - - 100 na zero gate voltage drain current i dss v ds = 500 v, v gs = 0 v - - 25 a v ds = 400 v, v gs = 0 v, t j = 125 c - - 250 drain-source on-state resistance r ds(on) v gs = 10 v i d =1.4 a b --3.0 forward transconductance g fs v ds = 50 v, i d = 1.4 a 1.5 - - s dynamic input capacitance c iss v gs = 0 v, v ds = 25 v, f = 1.0 mhz, see fig. 5 - 360 - pf output capacitance c oss -92- reverse transfer capacitance c rss -37- total gate charge q g v gs = 10 v i d = 2.1 a, v ds = 400 v, see fig. 6 and 13 b -- 19 nc gate-source charge q gs -- 3.3 gate-drain charge q gd -- 13 turn-on delay time t d(on) v dd = 250 v, i d = 2.1 a, r g = 18 , r d = 120 , see fig. 10 b -8.0- ns rise time t r -8.6- turn-off delay time t d(off) -33- fall time t f -16- internal drain inductance l d between lead, 6 mm (0.25") from package and center of die contact -4.5- nh internal source inductance l s -7.5- d s g
www.kersemi.com 3 IRFR420, irfu420, sihfr420, sihfu420 notes a. repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. pulse width 300 s; duty cycle 2 %. typical characteristics 25 c, unless otherwise noted fig. 1 - typical output characteristics, t c = 25 c fig. 2 -typical output characteristics, t c = 150 c fig. 3 - typical transfer characteristics fig. 4 - normalized on-resistance vs. temperature drain-source body diode characteristics continuous source-drain diode current i s mosfet symbol showing the integral reverse p - n junction diode --2.4 a pulsed diode forward current a i sm --8.0 body diode voltage v sd t j = 25 c, i s = 2.4 a, v gs = 0 v b --1.6v body diode reverse recovery time t rr t j = 25 c, i f = 2.1 a, di/dt = 100 a/s b - 260 520 ns body diode reverse recovery charge q rr - 0.70 1.4 c forward turn-on time t on intrinsic turn-on time is negligib le (turn-on is dominated by l s and l d ) specifications t j = 25 c, unless otherwise noted parameter symbol test conditions min. typ. max. unit s d g
www.kersemi.com 4 IRFR420, irfu420, sihfr420, sihfu420 fig. 5 - typical capacitance vs. drain-to-source voltage fig. 6 - typical gate charge vs. gate-to-source voltage fig. 7 - typical source-drain diode forward voltage fig. 8 - maximum safe operating area
www.kersemi.com 5 IRFR420, irfu420, sihfr420, sihfu420 fig. 9 - maximum drain current vs. case temperature fig. 10a - switching time test circuit fig. 10b - switching time waveforms fig. 11 - maximum effective transient thermal impedance, junction-to-case fig. 12a - unclamped inductive test circui t fig. 12b - unclamped inductive waveforms p u lse w idth 1 s d u ty factor 0.1 % r d v gs r g d.u.t. 10 v + - v ds v dd v ds 90 % 10 % v gs t d(on) t r t d(off) t f r g i as 0.01 t p d.u.t. l v ds + - v dd 10 v v ary t p to o b tain re qu ired i as i as v ds v dd v ds t p
www.kersemi.com 6 IRFR420, irfu420, sihfr420, sihfu420 fig. 12c - maximum avalanche energy vs. drain current fig. 13a - basic gate charge waveform fig. 13b - gate charge test circuit q gs q gd q g v g charge 10 v d.u.t. 3 ma v gs v ds i g i d 0.3 f 0.2 f 50 k 12 v c u rrent reg u lator c u rrent sampling resistors same type as d.u.t. + -
www.kersemi.com 7 IRFR420, irfu420, sihfr420, sihfu420 fig. 14 -for n-channel p.w. period di/dt diode recovery dv/dt ripple 5 % body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs = 10 v* v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor current d = p. w . period + - + + + - - - * v gs = 5 v for logic level devices and 3 v drive devices peak diode recovery dv/dt test circuit r g v dd ? dv/dt controlled by r g ? i sd controlled by duty factor "d" ? d.u.t. - device under test d.u.t. circuit layout considerations ? low stray inductance ? ground plane ? low leakage inductance current transformer


▲Up To Search▲   

 
Price & Availability of IRFR420

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X