Part Number Hot Search : 
74AVC1 MAX9762 NX2016AA 1N5819TR MCS0805 LS400 SJ100603 TL550
Product Description
Full Text Search
 

To Download HWS1000-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  61 1-800-526-2324 ? www.us.tdk-lambda.com/lp/ disclaimer: us.tdk-lambda.com/lp/legal.htm hws300-1500 series features ? limited lifetime warranty ? ul508 approved ? semi f47 compliant (high line ac) ? universal input (85 - 265vac) ? high ef ciency ? class 1 div 2 option (/ry suf x) ? wide range ac input single output industrial power supplies model hws300 hws600 hws1000 hws1500 input voltage range (47-63hz) - 85 - 265vac or 120 - 330vdc (6) input current (typ) (1) a 5v: 3.8/1.9; 5v: 7.5/3.6; 3.3v: 9.6/5.0; 3.3v: 15.0/8.0; 12-48v: 4.2/2.1 12-48v: 8.1/3.9 5-60v: 13.5/7.0 5-60v: 19.5/10.0 inrush current (1) a 20 / 40 power factor - meets en61000-3-2 temperature coef cient - <0.02%/c overcurrent protection - >105% (>101% of peak current for peak current capable models) overvoltage protection v see table on page 2 (recycle ac or remote on/off to reset) hold up time (typ) ms 20 leakage curr. (at 240vac, 60hz) ma <0.75ma <1.2ma <1.5ma remote sense - yes indicator - green led = on remote on/off - yes (isolated from output) parallel operation - single wire connection (up to 5 units) dc good - yes remote adjust (pv) - external voltage adjusts output, see options table operating temperature - -10c to +70c, derate linearly to 50% load from 50c to 70c (2, 3) storage temperature c -30 to +85c humidity (non condensing) - operating: 10 - 90%rh, non operating 10 - 95%rh cooling - internal fan withstand voltage (4) - input to ground 2.5kvac, input to output 3kvac, output to ground 500vac for 1 min. isolation resistance - >100m at 25c & 70%rh, output to ground 500vdc vibration (non operating) - 10 - 55hz (1 minute sweep), 19.6m/s 2 constant x, y, z 1 hour shock - < 196.1 m/s 2 safety agency certi cations (5) - ul60950-1, csa60950-1, en60950-1, en50178, ul508, ce mark line dip - complies with semi f47 (200vac line only) conducted & radiated emi - en55011 / en55022, fcc vcci (hws300, 600 & 1000: class b, hws1500: class a) immunity - iec61000-4-2, -3, -4, -6 (level 3), -5, -8 (level 4), -11 weight (typ) g 1,000 1,600 3,200 3.3-7.5v: 4000; 12v+: 3800 size (wxhxd) in 2.4 x 3.23 x 6.5? 3.94 x 3.23 x 6.5? 5 x 3.25 x 9.45? 5 x 3.25 x 11? warranty yrs limited lifetime warranty (see tdk-lambda?s terms and conditions) speci cations (1) 100/200vac (2) hws start up -20c. (-40c see options table) (3) hws1000/1500 with 85vac input: see installation manual (4) 2kvac hws1000/1500 input to ground hws1000: -10 to +71c. hws1000-5, hws1500-3, -5 derate linearly above 40c (5) ul60601-1, en60601-1, see options. ul508; hws300/600 5v, 12v, 24v & 48v models (6) not on hws1500/me, /hd or /ry versions (*) class 1 div 2 option (/ry suf x) key market segments & applications
62 1-800-526-2324 ? www.us.tdk-lambda.com/lp/ revision c5: nov 2013 hws300-1500 series for additional information, please visit us.tdk-lambda.com/lp/products/hws-series.htm suf x description blank hws300-1500 the cover is tted as standard /a not applicable hws300-1500 the cover is tted as standard /pv hws300, 600 (standard on hws1000 & 1500): 1-6v program voltage input to adjust output 20-120% of nominal (20-110% for 48v) (12v-48v models only) /hd see hws50-1500/hd datasheet for details.-40 to +71(74)c operation, conformally coated pcbs /me see hws30-1500/me datasheet for details. ul60601-1, en60950-1 medical certi cation /ry isa 12.12.01 (ul1604) - class 1 div 2 with dry contact relay dc good signal (300w, 600w and 1500w 24v output models only, no ul508 certi cation, no remote on/off function.) options hws 15w to 150w single output lzsa 500w to 1500w single output sws 50w to 1000w, low cost dpp, dlp & dsp 10w to 480w din rail mount other industrial products adjust max peak max. load line ripple over- eff. voltage range curr. curr. pwr. reg reg noise voltage typ model v v(3) a a(2) w mv mv mv v % (1) hws300-3 3.3v 2.64 - 3.96 60 - 198 30 20 120 4.13 - 4.95 74/77 hws600-3 3.3v 2.64 - 3.96 120 - 396 30 20 120 4.13 - 4.95 75/78 hws1000-3 3.3v 2.64 - 3.96 200 - 660 40 20 120 4.13 - 4.62 71/73 hws1500-3 3.3v 2.64 - 3.96 300 - 990 60 36 150 4.12 - 4.62 72/75 hws300-5 5v 4 - 6 60 - 300 30 20 120 6.25 -7.25 79/82 hws600-5 5v 4 - 6 120 - 600 30 20 120 6.25 -7.25 80/83 hws1000-5 5v 4 - 6 200 - 1000 40 20 120 6.25 - 7.0 76/78 hws1500-5 5v 4 - 6 300 - 1500 60 36 150 6.25 - 7.0 77/81 hws1000-6 6v 4.8 - 7.2 167 - 1002 60 36 150 7.5 - 8.4 79/81 hws1500-6 6v 4.8 - 7.2 250 300 1500 60 36 150 7.5 - 8.4 79/82 hws1000-7 7.5v 6 - 9v 134 160 1005 60 36 150 9.38 - 10.5 80/82 hws1500-7 7.5v 6 - 9v 200 240 1500 60 40 150 9.37 - 10.5 81/83 hws300-12 12v 9.6 - 14.4 27 - 324 96 48 120 15 - 17.4 80/83 hws600-12 12v 9.6 - 14.4 53 - 648 96 48 120 15 - 17.4 80/83 HWS1000-12 12v 9.6 - 14.4 88 100 1056 100 48 150 15 - 17.4 83/85 hws1500-12 12v 9.6 - 14.4 125 - 1500 72 48 150 15 - 17.4 82/85 hws300-15 15v 12 - 18 22 - 330 120 60 150 18.8 - 21.8 82/85 hws600-15 15v 12 - 18 43 - 645 120 60 150 18.8 - 21.8 82/85 hws1000-15 15v 12 - 18 70 80 1050 120 60 150 18.8 - 21.8 83/85 hws1500-15 15v 12 - 18 100 - 1500 90 60 150 18.7 - 21.8 83/87 hws300-24 24v 19.2 - 28.8 14 16.5 336 192 96 150 30 - 34.8 82/85 hws600-24 24v 19.2 - 28.8 27 31 648 192 96 150 30 - 34.8 82/85 hws1000-24 24v 19.2 - 28.8 44 50 1056 150 96 150 30 - 34.8 85/87 hws1500-24 24v 19.2 - 28.8 65/70 (1) 105 1560 144 96 200 30 - 34.8 84/88 hws1000-36 36v 28.8 - 43.2 29.3 33.3 1055 150 144 200 45 - 49.7 85/88 hws1500-36 36v 28.8 - 43.2 42/46.5 (1) 70 1512 150 144 200 45 - 49.7 84/88 hws300-48 48v 38.4 - 52.8 7 - 336 384 192 200 55.2 - 64.8 82/85 hws600-48 48v 38.4 - 52.8 13 - 624 384 192 200 55.2 - 64.8 82/85 hws1000-48 48v 38.4 - 52.8 22 25 1056 300 192 200 55.2 - 64.8 86/88 hws1500-48 48v 38.4 - 52.8 32 - 1536 288 192 200 55.2 - 64.8 86/90 hws1000-60 60v 48 - 66 17.6 20 1056 360 240 400 69 - 75 85/88 hws1500-60 60v 48 - 66 25.6/28 (1) 42 1536 360 240 400 69 - 75 86/90 notes (1) 100/200vac (2) 200-265vac input, 10s maximum on time with 35% duty cycle (3) use program input (pv) to adjust from 20-120% of nominal (20-110% for 48v & 60v models) output ratings


▲Up To Search▲   

 
Price & Availability of HWS1000-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X