Part Number Hot Search : 
MGF4918 1040CT SP236A 06006 MCSO1ELS T113016 MB89475 BD6225
Product Description
Full Text Search
 

To Download HD74LV74A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HD74LV74A dual d?ype flip flops with preset and clear ade-205-244 (z) 1st edition march 1999 description the HD74LV74A has independent data, preset, clear, and clock inputs q and q outputs in a 14 pin package. the input data is transferred to the output at the rising edge of clock pulse clk. low-voltage and high-speed operation is suitable for the battery-powered products (e.g., notebook computers), and the low-power consumption extends the battery life. features v cc = 2.0 v to 5.5 v operation all inputs v ih (max.) = 5.5 v (@v cc = 0 v to 5.5 v) all outputs v o (max.) = 5.5 v (@v cc = 0 v) typical v ol ground bounce < 0.8 v (@v cc = 3.3 v, ta = 25 c) typical v oh undershoot > 2.3 v (@v cc = 3.3 v, ta = 25 c) output current 6 ma (@v cc = 3.0 v to 3.6 v), 12 ma (@v cc = 4.5 v to 5.5 v)
HD74LV74A 2 function table inputs outputs pre clr clk d q q lhxx hl hlxxlh ll xx h* 1 h* 1 hh - hhl hh - llh hh xq 0 q 0 note: h: high level l: low level x: immaterial - : low to high transition : high to low transition q 0 :the level of q immediately before the input conditions shown in the above table are determined. 1.: q and q will remain high as long as preset and clear are low, but q and q are unpredictable, if preset and clear go high simultaneously. pin arrangement v 2 clr 2d 2clk 2 pre 2q 2 q cc 1 clr gnd 1d 1clk 1 pre 1q 1 q ( top view ) 11 12 13 14 1 2 3 4 5 6 7 8 9 10
HD74LV74A 3 absolute maximum ratings item symbol ratings unit conditions supply voltage range v cc ?.5 to 7.0 v input voltage range* 1 v i ?.5 to 7.0 v output voltage range* 1, 2 v o ?.5 to v cc + 0.5 v output: h or l ?.5 to 7.0 v cc : off input clamp current i ik ?0 ma v i < 0 output clamp current i ok 50 ma v o < 0 or v o > v cc continuous output current i o 25 ma v o = 0 to v cc continuous current through v cc or gnd i cc or i gnd 50 ma maximum power dissipation at ta = 25 c (in still air)* 3 p t 785 mw sop 500 tssop storage temperature tstg ?5 to 150 c notes: the absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two of which may be realized at the same time. 1. the input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. this value is limited to 5.5 v maximum. 3. the maximum package power dissipation was calculated using a junction temperature of 150 c.
HD74LV74A 4 recommended operating conditions item symbol min max unit conditions supply voltage range v cc 2.0 5.5 v input voltage range v i 0 5.5 v output voltage range v o 0v cc v output current i oh ?0 m av cc = 2.0 v 2 mav cc = 2.3 to 2.7 v 6 v cc = 3.0 to 3.6 v ?2 v cc = 4.5 to 5.5 v i ol ?0 m av cc = 2.0 v 2 ma v cc = 2.3 to 2.7 v ? v cc = 3.0 to 3.6 v ?2 v cc = 4.5 to 5.5 v input transition rise or fall rate d t / d v 0 200 ns/v v cc = 2.3 to 2.7 v 0 100 v cc = 3.0 to 3.6 v 020 v cc = 4.5 to 5.5 v operating free-air temperature ta ?0 85 c note: unused or floating inputs must be held high or low.
HD74LV74A 5 logic diagram c c c c pre clk d clr tg c q q c tg c c tg c c tg
HD74LV74A 6 dc electrical characteristics ta = ?0 to 85 c item symbol v cc (v)* min typ max unit test conditions input voltage v ih 2.0 1.5 v 2.3 to 2.7 v cc 0.8 3.0 to 3.6 v cc 0.8 4.5 to 5.5 v cc 0.8 v il 2.0 0.3 2.3 to 2.7 v cc 0.2 3.0 to 3.6 v cc 0.2 4.5 to 5.5 v cc 0.2 output voltage v oh min to max v cc 0.1 v i ol = 50 m a 2.3 2.0 i ol = 2 ma 3.0 2.48 i ol = 6 ma 4.5 3.8 i ol = 12 ma v ol min to max 0.1 v i ol = 50 m a 2.3 0.4 i ol = 2 ma 3.0 0.44 i ol = 6 ma 4.5 0.55 i ol = 12 ma input current i in 0 to 5.5 1 m av in = 5.5 v or gnd quiescent supply current i cc 5.5 20 m av in = v cc or gnd, i o = 0 output leakage current i off 0 5 m av o = 5.5 v input capacitance c in 3.3 2.0 pf v i = v cc or gnd note: for conditions shown as min or max, use the appropriate values under recommended operating conditions.
HD74LV74A 7 switching characteristics v cc = 2.5 0.2 v ta = 25 c ta = ?0 to 85 c item symbol min typ max min max unit test conditions from (input) to (output) maximum clock frequency t max 50 100 40 mhz c l = 15 pf 30 70 25 c l = 50 pf propagation delay time t plh t phl 9.8 14.8 1.0 17.0 ns c l = 15 pf pre / clr q or q 11.1 16.4 1.0 19.0 clk 13.0 17.4 1.0 20.0 c l = 50 pf pre / clr q or q 14.2 20.0 1.0 23.0 clk setup time t su 8.0 9.0 ns data 7.0 7.0 pre or clr inactive hold time t h 0.5 0.5 ns pulse width t w 8.0 9.0 ns pre or clr ? 8.0 9.0 clk ??or ?
HD74LV74A 8 switching characteristics (cont) v cc = 3.3 0.3 v ta = 25 c ta = ?0 to 85 c item symbol min typ max min max unit test conditions from (input) to (output) maximum clock frequency t max 80 140 70 mhz c l = 15 pf 50 90 45 c l = 50 pf propagation delay time t plh t phl 6.9 12.3 1.0 14.5 ns c l = 15 pf pre / clr q or q 7.9 11.9 1.0 14.0 clk 9.2 15.8 1.0 18.0 c l = 50 pf pre / clr q or q 10.2 15.4 1.0 17.5 clk setup time t su 6.0 7.0 ns data 5.0 5.0 pre or clr inactive hold time t h 0.5 0.5 ns pulse width t w 6.0 7.0 ns pre or clr ? 6.0 7.0 clk ??or ?
HD74LV74A 9 switching characteristics (cont) v cc = 5.0 0.5 v ta = 25 c ta = ?0 to 85 c item symbol min typ max min max unit test conditions from (input) to (output) maximum clock frequency t max 130 180 110 mhz c l = 15 pf 90 140 75 c l = 50 pf propagation delay time t plh t phl 5.0 7.7 1.0 9.0 ns c l = 15 pf pre / clr q or q 5.6 7.3 1.0 8.5 clk 6.6 9.7 1.0 11.0 c l = 50 pf pre / clr q or q 7.2 9.3 1.0 10.5 clk setup time t su 5.0 5.0 ns data 3.0 3.0 pre or clr inactive hold time t h 0.5 0.5 ns pulse width t w 5.0 5.0 ns pre or clr ? 5.0 5.0 clk ??or ?
HD74LV74A 10 operating characteristics c l = 50 pf ta = 25 c item symbol v cc (v) min typ max unit test conditions power dissipation capacitance c pd 3.3 21.0 pf f = 10 mhz 5.0 23.0 noise characteristics c l = 50 pf ta = 25 c item symbol v cc (v) min typ max unit test conditions quiet output, maximum dynamic v ol v ol (p) 3.3 0.1 0.8 v quiet output, minimum dynamic v ol v ol (v) 3.3 0 ?.8 quiet output, minimum dynamic v oh v oh (v) 3.3 3.2 high-level dynamic input voltage v ih (d) 3.3 2.31 v low-level dynamic inout voltage v il (d) 3.3 0.99
HD74LV74A 11 test circuit l * measurement point c note: c includes the probe and jig capacitance. l
HD74LV74A 12 t plh t phl v oh v ol 0 v v cc v oh v ol t phl t plh 10% 90% 50% v cc 50% v cc 50% v cc 50% v cc 50% v cc 50% v cc 10% 90% input same-phase output opposite-phase output t r t f t su t h 0 v v cc 0 v v cc 0 v v cc t w 50% v cc 50% v cc 50% v cc 50% v cc timming input data input input 10% 90% 50% v cc 50% v cc 10% 90% t r t f ?waveform ?1 ?waveform ?2 1. input waveform: prr 1 mhz, zo = 50 , t 3 ns, t 3 ns 2. the output are measured one at a time with one transition per measurement. notes: rf
HD74LV74A 13 package dimensions hitachi code jedec eiaj weight (reference value) fp-14da conforms 0.23 g unit: mm dimension including the plating thickness base material dimension 0.22 0.05 0.42 0.08 0.70 0.20 0.12 0.15 0 ?8 m 0.10 0.10 2.20 max 5.5 10.06 1.42 max 14 8 1 7 10.5 max + 0.20 ?0.30 7.80 1.15 1.27 0.40 0.06 0.20 0.04
HD74LV74A 14 hitachi code jedec eiaj weight (reference value) fp-14dn conforms conforms 0.13 g unit: mm *dimension including the plating thickness base material dimension 0 ?8 1.27 14 8 1 7 0.15 0.25 m 1.75 max 3.95 *0.22 0.03 8.65 9.05 max *0.42 0.08 0.14 + 0.11 ?0.04 0.635 max 6.10 + 0.10 ?0.30 0.60 + 0.67 ?0.20 1.08 0.40 0.06 0.20 0.03
HD74LV74A 15 hitachi code jedec eiaj weight (reference value) ttp-14d 0.05 g unit: mm dimension including the plating thickness base material dimension 0.50 0.10 0 ?8 0.17 0.05 6.40 0.20 0.10 1.10 max 0.13 m 0.65 17 14 8 4.40 5.00 5.30 max 0.83 max 0.22 +0.08 ?.07 0.07 +0.03 ?.04 0.20 0.06 0.15 0.04 1.0
HD74LV74A 16 cautions 1. hitachi neither warrants nor grants licenses of any rights of hitachi? or any third party? patent, copyright, trademark, or other intellectual property rights for information contained in this document. hitachi bears no responsibility for problems that may arise with third party? rights, including intellectual property rights, in connection with use of the information contained in this document. 2. products and product specifications may be subject to change without notice. confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. hitachi makes every attempt to ensure that its products are of high quality and reliability. however, contact hitachi? sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as in aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. design your application so that the product is used within the ranges guaranteed by hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail-safe devices, so that the equipment incorporating the hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the hitachi product. 5. this product is not designed to be radiation resistant. 6. no one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from hitachi. 7. contact hitachi? sales office for any questions regarding this document or hitachi semiconductor products. hitachi, ltd. semiconductor & ic div. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan tel: tokyo (03) 3270-2111 fax: (03) 3270-5109 copyright ?hitachi, ltd., 1998. all rights reserved. printed in japan. hitachi asia pte. ltd. 16 collyer quay #20-00 hitachi tower singapore 049318 tel: 535-2100 fax: 535-1533 url northamerica : http:semiconductor.hitachi.com/ europe : http://www.hitachi-eu.com/hel/ecg asia (singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm asia (taiwan) : http://www.hitachi.com.tw/e/product/sicd_frame.htm asia (hongkong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm japan : http://www.hitachi.co.jp/sicd/indx.htm hitachi asia ltd. taipei branch office 3f, hung kuo building. no.167, tun-hwa north road, taipei (105) tel: <886> (2) 2718-3666 fax: <886> (2) 2718-8180 hitachi asia (hong kong) ltd. group iii (electronic components) 7/f., north tower, world finance centre, harbour city, canton road, tsim sha tsui, kowloon, hong kong tel: <852> (2) 735 9218 fax: <852> (2) 730 0281 telex: 40815 hitec hx hitachi europe ltd. electronic components group. whitebrook park lower cookham road maidenhead berkshire sl6 8ya, united kingdom tel: <44> (1628) 585000 fax: <44> (1628) 778322 hitachi europe gmbh electronic components group dornacher stra? 3 d-85622 feldkirchen, munich germany tel: <49> (89) 9 9180-0 fax: <49> (89) 9 29 30 00 hitachi semiconductor (america) inc. 179 east tasman drive, san jose,ca 95134 tel: <1> (408) 433-1990 fax: <1>(408) 433-0223 for further information write to:


▲Up To Search▲   

 
Price & Availability of HD74LV74A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X