power transformer pc mount: flat pack ? web: www.triadmagnetics.com phone 951-277-0757 fax 951-277-2757 460 harley knox blvd. perris, california 92571 publish date: december 4, 2013 1 2 4 37 8 6 5 5 6 8 7 34 2 1 .060 dia holes b e f e g a c d FP20-2400 electrical specifications (@25c) 1. maximum power: 48 va 2. primary voltage: series: 230v@50/60 hz parallel: 115v@50/60hz 3. secondary: series: 20.0.0vct @ 2.4amps parallel: 10.0v @ 4.8amps description: the FP20-2400 is part of a series which has a long history of reliable service in the field, made from a proven design and constructed with ul recognized materials. construction: wound on two dual channel nylon bobbin. materials are ul recognized, class b (130o c) rated. safety: these products are 100% hipot tested with an insulation of 2000v between primary and secondary windings and 1500v between the primary / secondary windings and the core. agency file: ul: file e53148, ul 506, class b general purpose transformer, cul: file e53148, ul 506, class b general purpose transformer, canadian use dimensions: a b c d e f g 3.12 2.50 1.375 0.267 0.600 0.669 2.18 units: in inches weight: 21.0 oz pin dimension: .020 x .041 in schematic: rohs compliance: as of manufacturing date february 2005, all standard products meet the requirements of 2011/65/eu, known as the rohs initiative. * upon printing, this document is considered ?uncontrolled?. please contact triad magnetics? website for the most current version.
|