50/60 hz current sense transformers web: www.triadmagnetics.com phone 951-277-0757 fax 951-277-2757 460 harley knox blvd. perris, california 92571 publish date: december 4, 2013 l1 l2 i 100 ohms r l vout 1 2 s i o 1-turn primary CST-1020 description: triad current sense transformers are used to detect the current passing through a conductor. these transformers are very reliable and operate efficiently at 50/60 hz. electrical specifications (@25c) ip amps turns ratio terminating resistor dcr ( ? ) nominal volts/amp@ rated ip for various loads ( ? ) net weight grams ohms watts 100 500 2k 5k 20 1000:1 100 .04 40 .0977 .3943 .6174 .7662 20 dimensions: a b c d e f 23.50 24.80 12.00 15.00 7.50 8.50 units: in mm schematic: technical notes: 1. pin3 for mechanical support only. 2. pin diameter is 0.80.1 mm. 3. pin length is 51mm. rohs compliance: as of manufacturing date february 2005, all standard products meet the requirements of 2011/65/eu, known as the rohs initiative. * upon printing, this document is considered ?uncontrolled?. please contact triad magnetics? website for the most current version. a b c d e f bottom view pin1 pin2 pin3
|