Part Number Hot Search : 
C5107M SPX29 37214 54HC112 C5107M SMAJ33A P6KE56 NJM2370
Product Description
Full Text Search
 

To Download BD682 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2004 june, 2004 ? rev. 11 publication order number: bd676/d bd676, bd676a, bd678, bd678a, bd680, bd680a, BD682 plastic medium-power silicon pnp darlingtons this series of plastic, medium?power silicon pnp darlington transistors can be used as output devices in complementary general?purpose amplifier applications. features ? pb?free package is available* ? high dc current gain ? h fe = 750 (min) @ i c = 1.5 and 2.0 adc ? monolithic construction ? bd676, 676a, 678, 678a, 680, 680a, 682 are complementary with bd675, 675a, 677, 677a, 679, 679a, 681 ? bd678, 678a, 680, 680a are equivalent to mje 700, 701, 702, 703 maximum ratings rating symbol value unit collector-emitter voltage bd676, bd676a bd678, bd678a bd680, bd680a BD682 v ceo 45 60 80 100 vdc collector-base voltage bd676, bd676a bd678, bd678a bd680, bd680a BD682 v cb 45 60 80 100 vdc emitter-base voltage v eb 5.0 vdc collector current i c 4.0 adc base current i b 0.1 adc total device dissipation @ t c = 25 c derate above 25 c p d 40 0.32 w w/ c operating and storage junction temperature range t j , t stg ?55 to +150 c maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. thermal characteristics characteristic symbol max unit thermal resistance, junction?to?case r  jc 3.13 c/w *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. to?225aa case 77 style 1 marking diagram xxx = 76, 76a, 78, 78a, 80, 80a or 82 y = year ww = work week 4.0 a darlington power transistors pnp silicon 45, 60, 80, 100 v, 40 w bd6xxx yww 3 2 1 http://onsemi.com see detailed ordering and shipping information in the package dimensions section on page 3 of this data sheet. ordering information
bd676, bd676a, bd678, bd678a, bd680, bd680a, BD682 http://onsemi.com 2 ????????????????????????????????? ????????????????????????????????? electrical characteristics (t c = 25  c unless otherwise noted) ?????????????????????? ?????????????????????? characteristic ???? ???? symbol ???? ???? min ???? ???? max ??? ??? unit ????????????????????????????????? ????????????????????????????????? off characteristics ?????????????????????? ? ???????????????????? ? ? ???????????????????? ? ?????????????????????? collector?emitter breakdown voltage (note 1) bd676, 676a (i c = 50 madc, i b = 0) bd678, 678a bd680, 680a BD682 ???? ? ?? ? ? ?? ? ???? bv ceo ???? ? ?? ? ? ?? ? ???? 45 60 80 100 ???? ? ?? ? ? ?? ? ???? ? ? ? ? ??? ? ? ? ? ? ? ??? vdc ?????????????????????? ?????????????????????? collector cutoff current (v ce = half rated v ceo , i b = 0) ???? ???? i ceo ???? ???? - ???? ???? 500 ??? ???  adc ?????????????????????? ? ???????????????????? ? ?????????????????????? collector cutoff current (v cb = rated bv ceo , i e = 0) (v cb = rated bv ceo . i e = 0, t c = 100 c) ???? ? ?? ? ???? i cbo ???? ? ?? ? ???? ? ? ???? ? ?? ? ???? 0.2 2.0 ??? ? ? ? ??? madc ?????????????????????? ?????????????????????? emitter cutoff current (v be = 5.0 vdc, i c = 0) ???? ???? i ebo ???? ???? - ???? ???? 2.0 ??? ??? madc ????????????????????????????????? ????????????????????????????????? on characteristics ?????????????????????? ? ???????????????????? ? ?????????????????????? dc current gain (note 1) (i c = 1.5 adc, v ce = 3.0 vdc) bd676, 678, 680, 682 (i c = 2.0 adc, v ce = 3.0 vdc) bd676a, 678a, 680a ???? ? ?? ? ???? h fe ???? ? ?? ? ???? 750 750 ???? ? ?? ? ???? ? ? ??? ? ? ? ??? ?????????????????????? ? ???????????????????? ? ? ???????????????????? ? ?????????????????????? collector?emitter saturation voltage (note 1) (i c = 1.5 adc, i b = 30 madc) bd678, 680, 682 (i c = 2.0 adc, i b = 40 madc) bd676a, 678a, 680a ???? ? ?? ? ? ?? ? ???? v ce(sat) ???? ? ?? ? ? ?? ? ???? ? ? ???? ? ?? ? ? ?? ? ???? 2.5 2.8 ??? ? ? ? ? ? ? ??? vdc ?????????????????????? ? ???????????????????? ? ?????????????????????? base?emitter on voltage (note 1) (i c = 1.5 adc, v ce = 3.0 vdc) bd678, 680, 682 (i c = 2.0 adc, v ce = 3.0 vdc) bd676a, 678a, 680a ???? ? ?? ? ???? v be(on) ???? ? ?? ? ???? ? ? ???? ? ?? ? ???? 2.5 2.5 ??? ? ? ? ??? vdc ????????????????????????????????? ????????????????????????????????? dynamic characteristics ?????????????????????? ?????????????????????? small?signal current gain (i c = 1.5 adc, v ce = 3.0 vdc, f = 1.0 mhz) ???? ???? h fe ???? ???? 1.0 ???? ???? - ??? ??? - 1. pulse test: pulse width  300  s, duty cycle  2.0%. 50 40 10 5.0 0 15 30 45 60 75 105 135 150 165 figure 1. power temperature derating t c , case temperature ( c) p d , power dissipation (watts) 120 90 45 20 15 30 25 35
bd676, bd676a, bd678, bd678a, bd680, bd680a, BD682 http://onsemi.com 3 figure 2. dc safe operating area 5.0 1.0 v ce , collector-emitter voltage (volts) 2.0 1.0 0.5 0.05 2.0 5.0 10 50 100 bonding wire limit thermal limit at t c = 25 c secondary breakdown limit 0.2 0.1 i c , collector current (amp) t c = 25 c bd676, 676a bd678, 678a bd680, 680a BD682 20 there are two limitations on the power handling ability of a transistor average junction temperature and secondary breakdown. safe operating area curves indicate i c ? v ce limits of the transistor that must be observed for reliable operation; e.g., the transistor must not be subjected to greater dissipation than the curves indicate. at high case temperatures, thermal limitations will reduce the power that can be handled to values less than the limitations imposed by secondary breakdown. figure 3. darlington circuit schematic base pnp bd676, 676a bd678, 678a bd680, 680a BD682 collector emitter  8.0 k  120 ordering information device package shipping 2 bd676 to?225aa bd676g to?225aa (pb?free) 500 units / box bd676a to?225aa 500 units / box bd678 to?225aa 500 units / box bd678a to?225aa 500 units / box bd680 to?225aa 500 units / box bd680a to?225aa 500 units / box BD682 to?225aa BD682g to?225aa (pb?free) 500 units / box BD682t to?225aa 50 units / rail 2for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifi- cations brochure, brd8011/d.
bd676, bd676a, bd678, bd678a, bd680, bd680a, BD682 http://onsemi.com 4 package dimensions to?225aa case 77?09 issue z style 1: pin 1. emitter 2. collector 3. base notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 077-01 thru -08 obsolete, new standard 077-09. ?b? ?a? m k f c q h v g s d j r u 13 2 2 pl m a m 0.25 (0.010) b m m a m 0.25 (0.010) b m dim min max min max millimeters inches a 0.425 0.435 10.80 11.04 b 0.295 0.305 7.50 7.74 c 0.095 0.105 2.42 2.66 d 0.020 0.026 0.51 0.66 f 0.115 0.130 2.93 3.30 g 0.094 bsc 2.39 bsc h 0.050 0.095 1.27 2.41 j 0.015 0.025 0.39 0.63 k 0.575 0.655 14.61 16.63 m 5 typ 5 typ q 0.148 0.158 3.76 4.01 r 0.045 0.065 1.15 1.65 s 0.025 0.035 0.64 0.88 u 0.145 0.155 3.69 3.93 v 0.040 --- 1.02 ---  on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 bd676/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of BD682

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X