Part Number Hot Search : 
PN8354 TC74HCT NE32084 IS42S HFA60 WPN20R VRE306J MAX196
Product Description
Full Text Search
 

To Download ASM3P2760 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ASM3P2760a peak emi reducing solution ?2010 scillc. all rights reserved. pub l ication order number: october 2010 C rev. 2.1 ASM3P2760/d featu res generates an emi optimized clock signal at the ou t put. integrated loop filter components. operates with a 3.3v / 2.5v supply. operating current less than 4ma. cmos design. input frequency range: 6mhz to 12mhz for 2.5v. 6mhz to 13mhz for 3.3v. generates a 1x low emi spread spectrum clock of the input frequency. frequency deviation: 0.65% @ 8mhz. available in 6l-tsop (6l-tsot-23) package. product description the ASM3P2760a is a versatile spread spectrum freq uency modulator designed specifically for a wide range of clock frequencies. the ASM3P2760a reduces electromagnetic interference (emi) at the clock source, allowing system wide reduction of emi of all clock dependent signals. the ASM3P2760a allows significant system cost savings by reducing the number of circuit board layers, ferrite beads and shielding that are traditionally required to pass emi regulations. the ASM3P2760a uses the most efficient and optimized modulation profile approved by the fcc and is implemented by using a proprietary all digital method. the ASM3P2760a modulates the output of a single pll in order to spread the bandwidth of a synthesized clock, and more importantly, decreases the peak amplitudes of its harmonics. this results in significantly lower system emi compared to the typical narrow band signal produced by oscillators and most frequency generators. lowering emi by increasing a signals bandwidth is called spread spectrum clock generation. applications the ASM3P2760a is targeted towards all portable devi ces like mp3 players and digital still cameras. key specifications description specification supply voltages vdd = 3.3v / 2.5v cycle-to-cycle jitter 200ps (typ) output duty cycle 45/55% modulation rate equation f in /256 frequency deviation 0.65% @ 8mhz block diagram xin modo ut vss frequency divider feedback divider modulation phase detector loop filter vco outpu t divider pll vdd pd crystal oscillator xout
ASM3P2760a rev. 2 | page 2 of 7 | www.onsemi.com pin configuration (6l-tsop package) pin description pin# pin name type description 1 pd i power-down control pin. pull low to enable power-down mode. connect to vdd if not used. 2 xout o crystal connection. if using an external reference, this pin must be left unconnected. 3 xin / clkin i crystal connection or external reference frequency input. this pin has dual functions. it can be connected either to an external crystal or an external reference clock. 4 vdd p power supply for the entire chip. 5 modout o spread spectrum clock output. 6 vss p ground connection. absolute maximum ratings symbol parameter rating unit vdd, v in voltage on any pin with respect to ground -0.5 to +4.6 v t stg storage temperature -65 to +125 c t s max. soldering temperature (10 sec) 260 c t j junction temperature 150 c t dv static discharge voltage (as per jedec std22- a114-b) 2 kv note: these are stress ratings only and are not implied for functional use. exposure to absolute maximum ratings for prolonged periods of time may affect device reliability. operating conditions parameter description min max unit vdd supply voltage 2.375 3.6 v t a operating temperature (ambient temperature) 0 70 c c l load capacitance 15 pf c in input capacitance 7 pf xout 1 2 3 4 5 6 ASM3P2760a pd xin / clkin vdd modout vss
ASM3P2760a rev. 2 | page 3 of 7 | www.onsemi.com dc electrical characteristics for 2.5v supply symbol parameter min typ max unit v il input low voltage vss-0.3 0.8 v v ih input high voltage 2.0 vdd+0.3 v i il input low current -35 a i ih input high current 35 a i xol xout output low current (@ 0.5v, vdd = 2.5v) 3 ma i xoh xout output high current (@ 1.8v, vdd = 2.5v) 3 ma v ol output low voltage (vdd = 2.5v, i ol = 8ma) 0.6 v v oh output high voltage (vdd = 2.5v, i oh = 8ma) 1.8 v i dd static supply current 1 10 a i cc dynamic supply current (2.5v, 8mhz and no load) 2.5 ma vdd operating voltage 2.375 2.5 2.625 v t on power-up time (first locked cycle after power-up) 2 5 ms z out output impedance 50 - notes: 1. xin / clkin pin and pd pin are pulled low. 2. v dd and xin / clkin input are stable, pd pin is made high from low. ac electrical characteristics for 2.5v supply symbol parameter min typ max unit clkin input frequency 6 12 mhz modout output frequency 6 12 mhz f d frequency deviation input frequency = 6mhz 1.0 % input frequency = 12mhz 0.45 t lh 1 output rise time (measured from 0.7v to 1.7v) 0.4 1.2 1.4 ns t hl 1 output fall time (measured from 1.7v to 0.7v) 0.4 0.9 1.1 ns t jc jitter (cycle-to-cycle) 200 ps t d output duty cycle 45 50 55 % note: 1. t lh and t hl are measured into a capacitive load of 15pf.
ASM3P2760a rev. 2 | page 4 of 7 | www.onsemi.com dc electrical characteristics for 3.3v supply symbol parameter min typ max unit v il input low voltage vss-0.3 0.8 v v ih input high voltage 2.0 vdd+0.3 v i il input low current -35 a i ih input high current 35 a i xol xout output low current (@ 0.4v, vdd = 3.3v) 3 ma i xoh xout output high current (@ 2.5v, vdd = 3.3v) 3 ma v ol output low voltage (vdd = 3.3 v, i ol = 8ma) 0.4 v v oh output high voltage (vdd = 3.3 v, i oh = 8ma) 2.5 v i dd static supply current 1 10 a i cc dynamic supply current (3.3v, 8mhz and no load) 3.0 ma vdd operating voltage 2.7 3.3 3.6 v t on power-up time (first locked cycle after power up) 2 5 ms z out output impedance 45 notes: 1. xin / clkin pin and pd pin are pulled low. 2. v dd and xin / clkin input are stable; pd pin is made high from low. ac electrical characteristics for 3.3v supply symbol parameter min typ max unit clkin input frequency 6 13 mhz modout output frequency 6 13 mhz f d frequency deviation input frequency = 6mhz 1.0 % input frequency = 13mhz 0.4 t lh 1 output rise time (measured at 0.8v to 2.0v) 0.5 1.3 1.5 ns t hl 1 output fall time (measured at 2.0v to 0.8v) 0.4 1.0 1.2 ns t jc jitter (cycle-to-cycle) 200 ps t d output duty cycle 45 50 55 % note: 1. t lh and t hl are measured into a capacitive load of 15pf.
ASM3P2760a rev. 2 | page 5 of 7 | www.onsemi.com typical crystal specifications fundamental at cut parallel resonant crystal nominal frequency 8mhz frequency tolerance 50 ppm or better at 25c operating temperature range -25c to +85c storage temperature -40c to +85c load capacitance(c p ) 18pf shunt capacitance 7pf maximum esr 25 w note: note: c l is load capacitance and rx is used to prevent oscillations at overtone frequency of the fundamental frequency. ty pical crystal interface circuit c l = 2*(c p C c s ), where c p = load capacitance of crystal c s = stray capacitance due to c in, pcb, trace etc. ty pical application schematic vss vdd 2.2f c2 modout modout clock ASM3P2760a 0.1f rs c1 vdd rx c l c l crystal r
ASM3P2760a rev. 2 | page 6 of 7 | www.onsemi.com package information 6l -tsop package symbol dimensions inches millimeters min max min max a 0.04 1.00 a1 0.00 0.004 0.00 0.10 a2 0.033 0.036 0.84 0.90 b 0.012 0.02 0.30 0.50 h 0.005 bsc 0.127 bsc d 0.114 bsc 2.90 bsc b 0.06 bsc 1.60 bsc e 0.0374 bsc 0.950 bsc c 0.11 bsc 2.80 bsc l 0.0118 0.02 0.30 0.50 0 4 0 4
ASM3P2760a on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. typical parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including typicals must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. u.s patent pending; timing-safe and active bead are trademarks of pulsecore semiconductor, a wholly owned subsidiary of on semiconductor. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information literature fulfillment: literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone: 303-675-2175 or 800-344-3860 toll free usa/canada fax: 303-675-2176 or 800-344-3867 toll free usa/canada email: orderlit@onsemi.com n. american technical support: 800-282-9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81-3-5773-3850 on semiconductor website: www.onsemi.com order literature: http://www.onsemi.com/orderlit for additional information, please contact your local sales representative or dering information part number marking package type temperature ASM3P2760af-06or e4l 6l-tsop(6l-tsot-23), tape & reel, pb free 0c to +70c a microdot placed at the end of last row of marking or just below the last row toward the center of package indicates pb-free.


▲Up To Search▲   

 
Price & Availability of ASM3P2760

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X