Part Number Hot Search : 
AD203 TN800A EMZ81 13003A T281N T03GH H5020NL NQ80221
Product Description
Full Text Search
 

To Download APSG160E271MF08S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  radial lead npcap tm - psg series ? super low esr, high ripple current capability ? endurance: 15,000 to 20,000 hours at 105 ? rated voltage : 16 to 25v dc ? rohs compliant ? halogen free specifications items characteristics category temperature range -55 to +105 rated voltage 16 to 25v dc capacitance tolerance 20% (m) (at 20 , 120hz) surge voltage rated voltage(v) 1.15 (at 105 ) leakage current *note i=0.2cv or 500a, whichever is greater where, i : leakage current (a), c : nominal capacitance (f), v : rated voltage (v) (at 20 after 2 minutes) dissipation factor (tan  ) 0.12 max. (at 20 , 120hz) low temperature characteristics (max.impedance ratio) z(-25 )/z(+20 ) Q 1.15 z(-55 )/z(+20 ) Q 1.25 (at 100khz) endurance the following speci?cations shall be satis?ed when the capacitors are restored to 20 after the rated voltage is applied for 20,000 hours (20, 25v : 15,000 hours) at 105 . appearance no signi?cant damage capacitance change Q 20% of the initial value d.f. (tan ) Q 150% of the initial speci?ed value esr Q 150% of the initial speci?ed value leakage current Q the initial speci?ed value bias humidity test the following speci?cations shall be satis?ed when the capacitors are restored to 20 after subjecting them to dc voltage at 60 , 90 to 95% rh for 1,000 hours. appearance no signi?cant damage capacitance change Q 20% of the initial value d.f. (tan ) Q the initial speci?ed value esr Q 150% of the initial speci?ed value leakage current Q the initial speci?ed value surge voltage test the capacitors shall be subjected to 1,000 cycles each consisting of charge with the surge voltage speci?ed at 105 for 30 seconds through a protective resistor(r=1k ) and discharge for 5 minutes 30 seconds. appearance no signi?cant damage capacitance change Q 20% of the initial value d.f. (tan ) Q the initial speci?ed value esr Q 150% of the initial speci?ed value leakage current Q the initial speci?ed value failure rate 0.5% per 1,000 hours maximum (con?dence level 60% at 105 ) *note : if any doubt arises, measure the leakage current after the following voltage treatment. voltage treatment : dc rated voltage is applied to the capacitors for 120 minutes at 105. dimensions [mm] size code d d f d' l' 0.45 6.3 2.5 8.0 0.6 3.5 hb5 h08 h06 f08 f05 h16 h20 jb5 j16 j20 10.0 5.0 l+1.5max. l+1.0max. ( note1 ) d+0.5max. coat ed case l' 15min. 4min. d' d f 0 .5 f 0 .5 coat ed case l' 15min. 4min. d' d f05,f08,h06,h08 hb5,h16,h20,jb5,j16,j20 t er minal code : e note1 : l+1.2 max. for 16v270f (rated ripple current 5,080marms). upgrade! downsized psg psf p52 marking g 6d6 150 16 v ex) 16v150f 48 product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information contained in this catalog and product specifications. cat. no. e1001p conductive polymer aluminum solid capacitors
radial lead npcap tm - psg series part numbering system supplement code size code capacitance tolerance code capacitance code (ex. 150 f:151,1,000 f:102) lead formingtaping code terminal code voltage code (ex. 16v:160,20v:200) series code category a p s g e s m 1 3 4 2 6 7 8 9 10 13 12 5 18 17 16 11 15 14 please refer to ?product code guide (conduct ive polymer type)? standard ratings wv (v dc ) cap (f) case size  d  l (mm) esr (m 
max./20 ? , 100k to 300khz) rated ripple current (marms/105 ? , 100khz) part no. 16 150 6.3 5 20 3,200 apsg160e 151mf05s 270 6.3 8 10 5,080 apsg160e 271mf08j 270 6.3 8 15 3,800 apsg160e 271mf08s 270 8 6 22 3,300 apsg160e 271mh06s 470 8 8 8 5,400 apsg160e 471mh08j 470 8 8 16 4,000 apsg160e 471mh08s 560 8 11.5 8 6,100 apsg160e 561mhb5j 560 8 11.5 14 4,970 apsg160e 561mhb5s 820 8 16 8 7,000 apsg160e 821mh16s 820 10 11.5 12 5,400 apsg160e 821mjb5s 1,000 8 20 8 7,500 apsg160e 102mh20s 1,000 10 11.5 12 5,400 apsg160e 102mjb5s 1,200 8 20 8 7,500 apsg160e 122mh20s 1,500 10 16 8 7,700 apsg160e 152mj16s 1,800 10 20 8 8,100 apsg160e 182mj20s 2,200 10 20 8 8,100 apsg160e 222mj20s 20 120 6.3 5 20 3,200 apsg200e 121mf05s 180 6.3 8 18 3,460 apsg200e 181mf08s 330 8 8 17 3,880 apsg200e 331mh08s 390 8 11.5 14 4,970 apsg200e 391mhb5s 680 10 11.5 12 5,400 apsg200e 681mjb5s 25 56 6.3 5 30 2,600 apsg250e 560mf05s 82 6.3 8 28 2,780 apsg250e 820mf08s 180 8 8 18 3,770 apsg250e 181mh08s 180 8 11.5 16 4,650 apsg250e 181mhb5s 220 8 11.5 16 4,650 apsg250e 221mhb5s 330 10 11.5 14 5,000 apsg250e 331mjb5s 390 10 11.5 14 5,000 apsg250e 391mjb5s : enter the appropriate lead forming or taping code. upgrade! (note2) : psg series, 16v270f (rated ripple current 5,080marms) ,16v470f (rated ripple current 5,400marms) ,16v560f (rated ripple current 6,100marms)have supplement code j. terminal and terminal plating are the same as all other inpsg series. 49 product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information contained in this catalog and product specifications. cat. no. e1001p conductive polymer aluminum solid capacitors


▲Up To Search▲   

 
Price & Availability of APSG160E271MF08S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X