Part Number Hot Search : 
80B90L CMX624 2TL287 BAT42WS SGM66 67AXI OSW4X OMY140
Product Description
Full Text Search
 

To Download AP40P03GH-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power p-channel enhancement mode electronics corp. power mosfet lower on-resistance bv dss -30v simple drive requirement r ds(on) 28m fast switching characteristic i d -30a rohs compliant description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w w/ t stg t j symbol value units rthj-c thermal resistance junction-case max. 4 /w rthj-a thermal resistance junction-ambient max. 110 /w data and specifications subject to change without notice parameter drain-source voltage gate-source voltage continuous drain current, v gs @ 10v -55 to 150 linear derating factor 31.3 -55 to 150 thermal data parameter total power dissipation operating junction temperature range storage temperature range continuous drain current, v gs @ 10v -18 pulsed drain current 1 -120 201109063-1/4 ap40p03gh/j rating -30 20 -30 0.25 pb free plating product g d s g d s to-252(h) g d s to-251(j) the to-252 package is universally preferred for all commercial- industrial surface mount applications and suited for low voltage applications such as dc/dc converters. the through-hole version (ap40p03gj) is available for low-profile applications.
ap40p03gh/j electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -30 - - v b v dss / t j breakdown voltage temperature coefficient reference to 25 , i d =-1ma - -0.02 - v/ r ds(on) static drain-source on-resistance 2 v gs =-10v, i d =-18a - - 28 m v gs =-4.5v, i d =-10a - - 50 m v gs(th) gate threshold voltage v ds =v gs , i d =-250ua -1 - -3 v g fs forward transconductance v ds =-10v, i d =-18a - 20 - s i dss drain-source leakage current (t j =25 o c) v ds =-30v, v gs =0v - - -1 ua drain-source leakage current (t j =150 o c) v ds =-24v, v gs =0v - - -25 ua i gss gate-source leakage v gs = 20v - - 100 na q g total gate charge 2 i d =-18a - 14 22 nc q gs gate-source charge v ds =-24v - 3 - nc q gd gate-drain ("miller") charge v gs =-4.5v - 9 - nc t d(on) turn-on delay time 2 v ds =-15v - 12 - ns t r rise time i d =-18a - 56 - ns t d(off) turn-off delay time r g =3.3 , v gs =-10v - 30 - ns t f fall time r d =0.8 -57- ns c iss input capacitance v gs =0v - 915 1465 pf c oss output capacitance v ds =-25v - 280 - pf c rss reverse transfer capacitance f=1.0mhz - 195 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =-18a, v gs =0v - - -1.2 v t rr reverse recovery time 2 i s =-18a, v gs =0v, - 30 - ns q rr reverse recovery charge di/dt=-100a/s - 21 - nc notes: 1.pulse width limited by safe operating area. 2.pulse width < 300us , duty cycle < 2%. 2/4
ap40p03gh/j fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3/4 20 30 40 50 246810 -v gs , gate-to-source voltage (v) r ds(on) (m ) i d = -10 a t c =25 0 20 40 60 80 100 120 02468 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a =25 o c -10v -7.0v -5.0v -4.5v v g = -3.0 v 0.6 0.8 1.0 1.2 1.4 1.6 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =-1 8 a v g =-10v 0 3 6 9 12 15 18 0 0.2 0.4 0.6 0.8 1 1.2 1.4 -v sd , source-to-drain voltage (v) -i s (a) t j =25 o c t j =150 o c 0.0 0.5 1.0 1.5 2.0 2.5 -50 0 50 100 150 t j , junction temperature ( o c) normalized -v gs(th) (v) 0 20 40 60 80 100 02468 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a =150 o c -10v -7.0v -5.0v -4.5v v g = -3.0 v
fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4/4 ap40p03gh/j t d(on) t r t d(off) t f v ds v gs 10% 90% q v g -4.5v q gs q gd q g charge 0 2 4 6 8 10 12 0 5 10 15 20 25 30 q g , total gate charge (nc) -v gs , gate to source voltage (v) v ds =- 24 v i d =-1 8 a 100 1000 10000 1 5 9 1317212529 -v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0.1 1.0 10.0 100.0 1000.0 0.1 1 10 100 -v ds , drain-to-source voltage (v) -i d (a) t c =25 o c single pulse 100us 1ms 10ms 100ms 1s dc


▲Up To Search▲   

 
Price & Availability of AP40P03GH-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X