Part Number Hot Search : 
R1005 74HC6 1102G BD9536FV LSJPAD50 ECDT25H 5KE18 TS6121AX
Product Description
Full Text Search
 

To Download AM2520SURC08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: cda0462 rev no: v.1 date: oct/28/2001 page: 1 of 4 approved:j.lu checked: drawn:m.f.cai description the hyper red source color devices are made with dh ingaalp on gaas substrate light emitting diode. subminiature solid state lamp AM2520SURC08 hyper red notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. lead spacing is measured where the lead emerge package. 4. specifications are subject to change without notice. features ! subminiature package. ! wide viewing angle. ! yoke lead. ! long life - solid state reliability. ! low package profile. ! package :1000pcs / reel. package dimensions
spec no: cda0462 rev no: v.1 date: oct/28/2001 page: 2 of 4 approved:j.lu checked: drawn:m.f.cai electrical / optical characteristics at t a =25 c absolute maximum ratings at t a =25 c note: 1. 1/10 duty cycle, 0.1ms pulse width. selection guide note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. l o b m y sl o b m y s l o b m y s l o b m y sl o b m y sr e t e m a r a pr e t e m a r a p r e t e m a r a p r e t e m a r a pr e t e m a r a pe c i v e de c i v e d e c i v e d e c i v e de c i v e d. p y t. p y t . p y t . p y t. p y t. x a m. x a m . x a m . x a m. x a ms t i n us t i n u s t i n u s t i n us t i n us n o i t i d n o c t s e ts n o i t i d n o c t s e t s n o i t i d n o c t s e t s n o i t i d n o c t s e ts n o i t i d n o c t s e t k a e p h t g n e l e v a w k a e pd e r r e p y h0 4 6m na m 0 2 = f i d h t g n e l e v a w e t a n i m o dd e r r e p y h8 2 6m na m 0 2 = f i ? 2 / 1 h t d i w f l a h e n i l l a r t c e p sd e r r e p y h7 2m na m 0 2 = f i ce c n a t i c a p a cd e r r e p y h5 4f pz h m 1 = f ; v 0 = f v v f e g a t l o v d r a w r o fd e r r e p y h9 . 15 . 2v a m 0 2 = f i i r t n e r r u c e s r e v e rd e r r e p y h0 1a uv 5 = r v r e t e m a r a pr e t e m a r a p r e t e m a r a p r e t e m a r a pr e t e m a r a p d e r r e p y hd e r r e p y h d e r r e p y h d e r r e p y hd e r r e p y hs t i n us t i n u s t i n u s t i n us t i n u n o i t a p i s s i d r e w o p 0 7 1w m t n e r r u c d r a w r o f c d 0 3a m ] 1 [ t n e r r u c d r a w r o f k a e p 5 8 1a m e g a t l o v e s r e v e r 5v e r u t a r e p m e t e g a r o t s / g n i t a r e p o 0 4 - 5 8 + o t c c . o n t r a p. o n t r a p . o n t r a p . o n t r a p. o n t r a pe c i de c i d e c i d e c i de c i de p y t s n e le p y t s n e l e p y t s n e l e p y t s n e le p y t s n e l ) d c m ( v i) d c m ( v i ) d c m ( v i ) d c m ( v i) d c m ( v i a m 0 2 @ g n i w e i vg n i w e i v g n i w e i v g n i w e i vg n i w e i v e l g n a . n i m. n i m . n i m . n i m. n i m. p y t. p y t . p y t . p y t. p y t 2 / 1 22 / 1 2 2 / 1 2 2 / 1 22 / 1 2 8 0 c r u s 0 2 5 2 m a) p l a a g n i ( d e r r e p y hr a e l c r e t a w0 0 30 0 7 0 2
spec no: cda0462 rev no: v.1 date: oct/28/2001 page: 3 of 4 approved:j.lu checked: drawn:m.f.cai hyper red AM2520SURC08
spec no: cda0462 rev no: v.1 date: oct/28/2001 page: 4 of 4 approved:j.lu checked: drawn:m.f.cai recommended soldering pattern (units : mm) tape specifications (units : mm) AM2520SURC08 smt reflow soldering instructions number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.


▲Up To Search▲   

 
Price & Availability of AM2520SURC08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X