Part Number Hot Search : 
ZD4753 SMA17 2SK2865 ZXM64 NT3966 TL084AMP 2SK2866 80952
Product Description
Full Text Search
 

To Download 2SA1307 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jmnic product specification silicon pnp power transistors 2SA1307 description ? ? with to-220fa package ? complement to type 2sc3299 ? low saturation voltage ? high speed switching time applications ? high current switching applications pinning pin description 1 emitter 2 collector 3 base absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -60 v v ceo collector-emitter voltage open base -50 v ebo emitter-base voltage open collector -5 v i c collector current -5 a i b base current -1 a t c =25 ?? 20 p c collector power dissipation t a =25 ?? 2 w t j junction temperature 150 ?? t stg storage temperature -55~150 ??
jmnic product specification 2 silicon pnp power transistors 2SA1307 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-10ma , i b =0 -50 v v cesat collector-emitter saturation voltage i c =-3a; i b =-0.15a -0.4 v v besat base-emitter saturation voltage i c =-3a; i b =-0.15a -1.2 v i cbo collector cut-off current v cb =-50v;i e =0 -1.0 | a i ebo emitter cut-off current v eb =-5v; i c =0 -1.0 | a h fe-1 dc current gain i c =-1a ; v ce =-1v 70 240 h fe-2 dc current gain i c =-3a ; v ce =-1v 30 c ob output capacitance i e =0; v cb =-10v,f=1mhz 170 pf f t transition fre quency i c =-1a ; v ce =-4v 60 mhz switching times t on turn-on time 0.1 | s t s storage time 1.0 | s t f fall time i b1 =-i b2 =-0.15a,v cc =30v r l =10 |? 0.1 | s ? h fe-1 classifications o y 70-140 120-240
jmnic product specification 3 silicon pnp power transistors 2SA1307 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.15 mm)
jmnic product specification 4 silicon pnp power transistors 2SA1307


▲Up To Search▲   

 
Price & Availability of 2SA1307

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X