Part Number Hot Search : 
CM1214 NLD06 2004A XFGIB100 PEB4265 AD830 MR83C 03502
Product Description
Full Text Search
 

To Download 2N4216 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  digitron semiconductors 144 market street kenilworth nj 07033 usa phone +1.908.245-7200 2n4212-2N4216, 2n4219 silicon controlled rectifiers 1.6 amps rms, 25-400 volts available non-rohs (standard) or rohs compliant (add pbf suffix). available as ?hr? (high reliability) screened per mil-prf- 19500, jantx level. add ?hr? suffix to base part number. maximum ratings rating symbol value unit peak repetitive forward and reverse blocking voltage (1) 2n4212 2n4213 2n4214 2N4216 2n4219 v drm or v rrm 25 50 100 200 400 volts forward current rms (all conduction angles) i t(rms) 1.6 amps peak surge current (one cycle, 60hz) no repetition until thermal equilibrium is restored i tsm 15 amps forward peak gate power p gfm 0.1 watt forward average gate power p gf(av) 0.01 watt forward peak gate current i gfm 0.1 amp forward peak gate voltage v gfm 6 volts reverse peak gate voltage v grm 6 volts operating junction temperature range t j -65 to 125 c storage temperature range t stg -65 to 150 c lead solder temperature (> 1/16? from case, 10 s max.) - 230 c note 1: v drm and v rrm can be applied for all types on a continuous dc basis without incurring damage. electrical characteristics (t c = 25c unless otherwise noted, r gk = 1000ohms) (1) characteristic symbol min max unit peak forward or reverse blocking current (rated v drm or v rrm , gate open) t j = 25c t j = 125c i drm , i rrm - - 10 200 a forward ?on? voltage (i tm = 1adc peak) v tm - 1.5 volts gate trigger current (continuous dc) (2) (v d = 7v, r l = 100ohms) (t c = 25c) (t c = -65c) i gt - - 100 300 adc gate trigger voltage (continuous dc) (v d = 7v, r l = 100ohms, t c = 25c) (v d = 7v, r l = 100ohms, t c = -65c) (v d = rated v drm , r l = 100ohms, t j = 125c) v gt - - 0.1 0.8 1 - volts holding current (v d = 7v) t c = 25c t c = -65c i hx - - 3 7 ma note 1: thyristor devices shall not be tested with a constant current source for forward or re verse blocking capability such th at the voltage applied exceeds the rated blocking voltage. thyristor devices shall not have a positive bias applied to the gate concurrently with a negative potential applied to the anode. note 2: r gk current is not included in the measurement. sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com rev. 20130108
digitron semiconductors 144 market street kenilworth nj 07033 usa phone +1.908.245-7200 2n4212-2N4216, 2n4219 silicon controlled rectifiers 1.6 amps rms, 25-400 volts mechanical characteristics case to-39 marking alpha-numeric pin out see below to-39 inches millimeters min max min max a 0.335 0.370 8.510 9.390 b 0.305 0.335 7.750 8.500 c 0.240 0.260 6.100 6.600 d 0.016 0.021 0.410 0.530 e 0.009 0.041 0.230 1.040 f 0.016 0.019 0.410 0.480 g 0.200 bsc 5.080 bsc h 0.028 0.034 0.720 0.860 j 0.029 0.045 0.740 1.140 k 0.500 0.750 12.700 19.050 l 0.250 - 6.350 - m 45c bsc 45c bsc p - 0.050 - 1.270 r 0.100 - 2.540 - case temperature vs. current ambient temperature vs. current sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com rev. 20130108


▲Up To Search▲   

 
Price & Availability of 2N4216

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X