Part Number Hot Search : 
ASI10692 CHV37H64 15012 2374AD W1206 2SA102 R2010 MCF5274
Product Description
Full Text Search
 

To Download 1N4448HWS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30196 rev. 4 - 2 1 of 3 1N4448HWS www.diodes.com  diodes incorporated 1N4448HWS surface mount fast switching diode features  case: sod-323, plastic  case material - ul flammability rating classification 94v-0  moisture sensitivity: level 1 per j-std-020a  polarity: cathode band  leads: solderable per mil-std-202, method 208  marking: t5  weight: 0.004 grams (approx.) mechanical data a b c d e g h j characteristic symbol 1N4448HWS unit non-repetitive peak reverse voltage v rm 100 v peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 80 v rms reverse voltage v r(rms) 57 v forward continuous current i fm 500 ma average rectified output current i o 250 ma non-repetitive peak forward surge current @ t = 1.0  s @ t = 1.0s i fsm 4.0 2.0 a power dissipation (note 2) p d 200 mw thermal resistance junction to ambient air (note 2) r  ja 625  c/w operating and storage temperature range t j ,t stg -65 to +150  c maximum ratings @ t a = 25  c unless otherwise specified notes: 1. short duration test pulse used to minimize self-heating. 2. part mounted on fr-4 pc board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. characteristic symbol min max unit test condition reverse breakdown voltage (note 1) v br(r) 80  v i r = 100  a forward voltage (note 1) v fm 0.62    0.72 0.855 1.0 1.25 v i f = 5.0ma i f = 10ma i f = 100ma i f = 150ma peak reverse current (note 1) i rm  100 50 30 25 na  a  a na v r = 80v v r = 75v, t j = 150  c v r = 25v, t j = 150  c v r = 20v total capacitance c t  3.5 pf v r = 0, f = 1.0mhz reverse recovery time t rr  4.0 ns i f = i r = 10ma, i rr = 0.1 x i r ,r l = 100  electrical characteristics @ t a = 25  c unless otherwise specified  fast switching speed  ultra-small surface mount package  for general purpose switching applications  high conductance t c u d o r p w e n sod-323 dim min max a 2.30 2.70 b 1.60 1.80 c 1.20 1.40 d 1.05 typical e 0.25 0.35 g 0.20 0.40 h 0.10 0.15 j 0.05 typical  0  8  all dimensions in mm
ds30196 rev. 4 - 2 2 of 3 1N4448HWS www.diodes.com t c u d o r p w e n t5 cathode band type cod e marking information notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. device packaging shipping 1N4448HWS-7 sod-323 3000/tape & reel ordering information (note 3) 0 100 300 025 50 75 125 125 150 p o wer dissipati o n, milliwatts ambient temperature ( c) fig. 1 forward current derating curve 200 10 100 1 0.1 0 1000 800 200 400 600 i,f o rward current (ma) f v , forward voltage (mv) f fig. 2 typical forward characteristics ta = - 3 0 c ta = 5 0 c ta = 0 c ta = 8 5 c ta=25 c 0.10 1.0 10.0 0.01 0.001 0 20 40 60 80 v , reverse voltage (v) r fig. 3 typical reverse characteristics ta=100 c ta=0 c ta=75 c ta = 5 0 c ta=25 c ta=-30 c 04 6 8 2 10 i , forward current (ma) f fig. 4 reverse recovery time vs. forward current t , reverse recovery time (ns) rr 0 0.5 1.0 1.5 2.0 2 .5
ds30196 rev. 4 - 2 3 of 3 1N4448HWS www.diodes.com t c u d o r p w e n 04 3 2 5 1 6 v , reverse voltage (v) r fig. 5 total capacitance vs. reverse volta g e c , total capacitance (pf) t 0 1 2 3 4 f= 1mhz


▲Up To Search▲   

 
Price & Availability of 1N4448HWS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X